Part Number Hot Search : 
BF494 IZ0065 TPV693 C7001 ER50004 WB91SL K3109 BAS116
Product Description
Full Text Search
 

To Download 0878321021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0878321021 status: active overview: milligrid description: 2.00mm (.079") pitch milli-grid? header, surface mount, vertical, shrouded, lead- free, 10 circuits, 0.76m (30") gold (au) plating, without locking window, with centre polarization slot, pcb locator, tube documents: 3d model product specification ps-87831-027 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 87832 application wire-to-board comments without cap; contact molex for application in automotive industry overview milligrid product name milli-grid? physical breakaway no circuits (loaded) 10 circuits (maximum) 10 color - resin black first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part yes lock to mating part no material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin nylon number of rows 2 orientation vertical pcb locator yes pcb retention none packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 75 plating min: termination (m) 1.88 polarized to mating part side slots (2) polarized to pcb no shrouded fully stackable no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87832 series mates with 50394 wire-to-board terminals. 51110 wire-to-board crimp housing. 87568 wire- to-board idt housings. 79107 board-to- board top entry through hole receptacle. 79108 board-to-board ffc/fpc top entry through hole receptacle. l
temperature range - operating -55c to +105c termination interface: style surface mount electrical current - maximum per contact 2a voltage - maximum 125v solder process data duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers product specification ps-87831-027 sales drawing sd-87832-007 this document was generated on 05/25/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 0878321021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X