Part Number Hot Search : 
MBR120 C6707 Y7C13 02424X ODUCT H16S7 80C22 STW7T16A
Product Description
Full Text Search
 

To Download 0380520000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | germin krg | modular feed-through terminals | 6 mm2 - 1 - general ordering data order no. 0380520000 part designation sak 6/35 krg version feed-through terminal, 6 mm2, screw connection, krg, medium yellow, ts 35 ean 4008190007300 qty. 100 pc(s). product notes note, ordering data with awg 6 and h07v-r10 conductors, an increased md torque of 1.4 to1.6 nm should be used. note, technical data for awg 8-7 and awg 8-19, tightening torque is 1.21.4 nm note, accessories when used with twin ferrules zh 0.5 - zh 4, the rated voltage is 690 v. pt okiecex/atex rating data eu-type examination certificate kema97atex1798u download, german kema97atex1798u_d.pdf download english kema97atex1798u_e.pdf atex voltage 550 v atex current 36 a atex conductor cross-section 6 mm2 voltage when using cross-connections crossconnectionguide.pdf operating temperature range einsatztemperaturbereich siehe eg- baumusterprfbescheinigung/iecex-certificate of conformity marking en 60079-7 ex e ii marking atex directive 94/9/ec ex ii 2 g d additional technical data colour of insulating material medium yellow connection direction on side end plate required yes explosion-tested version "ex e" yes installation advice ts 35 insulating material krg levels cross-connected internally no no. of identical terminals 1 no. of levels 1
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | germin krg | modular feed-through terminals | 6 mm2 - 2 - additional technical data no. of terminal strips per level 2 open sides right operating temperature range - 60 c, + 130 c type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material 5va version feed-through terminal csa rating data voltage (csa) 600 v csa current 47 a min. cross-section (csa) awg 20 max. cross-section (csa) awg 8 conductors for clamping (additional connection) flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 6 mm2 conductors for clamping (rated connection) clamping range, min. 0.33 mm2 clamping range, max. 10 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 12 mm clamping screw m 3.5 blade size 4.0 x 0.8 mm tightening torque range 0.8...1.6 nm torque level with dms electric screwdriver 3 gauge to iec 60947-1 a5 solid, min. 0.5 mm2 solid, max. 10 mm2 stranded, min. 0.5 mm2 stranded, max. 6 mm2 flexible, min. 0.5 mm2 flexible, max. 10 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 6 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 6 mm2 twin wire-end ferrule, min. 0.5 mm2 twin wire end ferrule, max. 4 mm2 awg conductor size, min. awg 22 awg conductor size, max. 8.37 mm2 dimensions width 8 mm
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | germin krg | modular feed-through terminals | 6 mm2 - 3 - dimensions height of lowest version 44 mm length 45 mm ts 35 offset 22.5 mm disconnect terminals torque level with dms electric screwdriver 3 rating data rated cross-section 6 mm2 rated voltage 800 v rated impulse voltage 8 kv rated current 41 a standards iec 60947-7-1 current with max. conductor 57 a pollution severity 3 ul rating data voltage (ul) 600 v current (ul) 40 a min. cross-section (ul) awg 22 max. cross-section (ul) awg 8 approvals approvals institutes classifications etim 2.0 ec000897 etim 3.0 ec000897 eclass 4.1 27-14-11-20 eclass 5.0 27-14-11-20 eclass 5.1 27-14-11-20 similar products order no. part designation version 0380570000 sak 6/35 krg/bl feed-through terminal, 6 mm2, screw connection, krg, blue, ts 35


▲Up To Search▲   

 
Price & Availability of 0380520000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X