spec no: dsab7986 rev no: v.8 date: may/24/2007 page: 1 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000104 38mm (1.5 inch) 8x8 dot matrix display part number: TA15-11GWA green features z 1.5 inch matrix height. z dot size 3.7mm. z low current operation. z high contrast and light output. z compatible with ascii and ebcdic codes. z stackable horizontally and vertically. z column cathode and column anode available. z easy mounting on p.c. boards or sockets. z multicolor available. z mechanically rugged. z standard : gray face, white dot. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsab7986 rev no: v.8 date: may/24/2007 page: 2 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000104 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. TA15-11GWA green (gap) white diffused 4700 19500 column anode description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsab7986 rev no: v.8 date: may/24/2007 page: 3 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000104 green TA15-11GWA
spec no: dsab7986 rev no: v.8 date: may/24/2007 page: 4 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000104 packing & label specifications TA15-11GWA
|