Part Number Hot Search : 
GL3UR43 1N4737AE R5F3650 67040 1108HTSN L6388 250211B HD26C31
Product Description
Full Text Search
 

To Download SR220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.0amp schottky barrier rectifiers features * low switching noise * low forward voltage drop * high current capability * high reliability * high surge capability * high switching capability * pb free plating 99% sn above * rohs product for packing code suffix "g" halogen free product for packing code suffix "h" mechanical data * case: molded plastic * epoxy: ul 94v-o rate flame retardant * lead: mil-std-202e method 208c guaranteed * mounting position: any * weight: 0.33 gram dimensions in inches and (millimeters) ratings at 25 ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive of inductive load. for capacitive load, derate current by 20% ratings symbol SR220 sr230 sr240 sr250 sr260 sr280 sr2100 sr2150 SR2200 unit marking code SR220 sr230 sr240 sr250 sr260 sr280 sr2100 sr2150 SR2200 maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 80 100 150 200 volts maximum rms voltage v rms 14 21 28 35 42 56 70 105 140 volts maximum dc blocking voltage v dc 20 30 40 50 60 80 100 150 200 volts maximum average forward rectified curren t 0.375" (9.5mm) lead length at tl = 90 peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) r ja /w r jc /w typical junction capacitance (note 2) c j p f operating temperature rang e t j storage temperature rang e t stg symbol SR220 sr230 sr240 sr250 sr260 sr280 sr2100 sr2150 SR2200 unit maximum instantaneous forward voltage at 2.0a dc(note 3) v f 0.87 0.90 volts maximum average reverse current at @ta=25 rated dc blocking voltage @ta=100 notes :1. thermal resistance (junction to ambient): vertical pc board mounting, 0.5 (12.7mm) lead length. thermal resistance (junction to case). 2. measured at 1 mhz and applied reverse voltage of 4.0 volts. 3. measured at pulse width 300s, duty cycle 2%. 2010.05 SR2200 50 do-41 package i r maximum ratings and electrical characteristics willas electronic corp. 0.50 0.70 0.85 amps amps i o i fsm 2.0 SR220 40 thru 0.2 5 -55 to +125 -55 to +150 -65 to +150 willas typical thermal resistance (note 1) mamps 0.5 10 characteristics 60 180 .117(2.97) .080(2.00) .034(0.90) .028(0.70) 1.00(25.4)min. 1.00(25.4)min. .205(5.21) .165(4.19)
2.0amp schottky barrier rectifiers 2010.05 SR220 do-41 package SR2200 thru willas willas electronic corp. fig.1-typical forward current derating curve 0.0 0.5 1.0 1.5 2.0 0 25 50 75 100 125 150 lead temperature ( avreage forwad current, (a) fig.2-typical instantaneous forward characteristics 0.01 0.1 1 10 100 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 instantaneous forward voltage (v) instantaneous forward current(a) singlehalf wave 60hzresistive orinductive load0.375" (9.5mm) lead length pulse width=300 s 1% duty cycle fig.3-typical reverse characteristics 0.0001 0.001 0.01 0.1 1 10 100 0 20406080100 percent of rated peak reverse voltage (%) instantaneous reverse current,(ma) tj=125 SR220-sr260 sr280 - SR2200 t j =25 fig.4-typical junction capacitance 0 100 200 300 400 500 0.1 1 10 100 reverse voltage (v) junction capacitance,(pf) fig.5-maximum non-repetitive forward surge current 0 10 20 30 40 50 60 1 10 100 number of cycles at 60hz peak forward surge current, (a) tj=25 , measured at 1 mhz and applied reverse voltage of 4.0 8.3ms single half sine- wave jedce method SR220-sr240 sr250-sr260 sr280-sr2100 sr2150 SR2200


▲Up To Search▲   

 
Price & Availability of SR220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X