Part Number Hot Search : 
UF5400 LT44301 R15M03 E1C47 BD899A D1065 OL5200N BRY56
Product Description
Full Text Search
 

To Download SR220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s r 2 2 0 t h r u s r 2 2 0 0 features mechanical data maximum ratings and electrical characteristics notes : 1.pulse test: 300 s pulse width,1% duty cycle (ratings at 25 c ambient temperature unless otherwise specified ,single phase ,half wave ,resistive or inductive load. for capacitive load,derate by 20%.) 2.thermal resistance from junction to lead, and/or to ambient p.c.b. mounted with 0.375"(9.5mm) lead length with 1.5 x1.5"(38x38mm)copper pads 3.measured at 1.0mhz and reverse voltage of 4.0 volts plastic package has underwriters laboratory flammability classification 94v-0 metal silicon junction ,majority carrier conductionguard ring for overvoltage protection low power loss ,high efficiency high current capability ,low forward voltage drop high surge capability for use in low voltage ,high frequency inverters, free wheeling ,and polarity protection applications high temperature soldering guaranteed:260 c/10 seconds at terminals component in accordance to r ohs 2002 / 95 / ec and weee 2002 / 96 / ec schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 2.0amperes r s e m i c o n d u c t o r do-41 dimensions in inches and (millimeters) 0.205(5.20) 0.107(2.7) 0.034(0.85) 1.0(25.4) min 1.0(25.4) min 0.161(4.10) 0.080(2.0) dia. 0.028(0.71) dia. case : jedec do-41 molded plastic body terminals : plated axial leads, solderable per mil-std-750,method 2026 polarity : color band denotes cathode end mounting position : any weight : 0.012ounce, 0.33 gram j f j f m a xi m u m r e p e tit iv e p e a k re ve rs e v o lta g e v r r m v o lts v o lts v o lts v o lts m a a m p s a m p s v r m s v d c i (a v ) i fs m t st g v f i r c j t j r ja m a xi m u m r m s vo lta g e m a xi m u m d c b lo c ki n g v o lta g e m a xi m u m a ve ra g e f o rw a rd r e c tif ie d c u rr e n t 0. 37 5" (9 .5 m m ) le a d le n g th a t t l= 75 c m a xi m u m in st a n ta n e o u s fo rw a rd v o lta g e a t 2. 0 a (n o te 1 ) t = 25 c t = 10 0 c a a ty p ic a l t h e rm a l r e si st a n c e (n o te 2 ) ty p ic a l j u n c tio n c a p a c ita n c e (n o te 3 ) o p e ra tin g ju n c tio n t e m p e ra tu re r a n g e st o ra g e t e m p e ra tu re r a n g e m a xi m u m in st a n ta n e o u s re ve rs e c u rr e n t a t ra te d d c b lo c ki n g vo lta g e (n o te 1 ) p e a k fo rw a rd s u rg e c u rr e n t 8. 3m s si n g le h a lf si n e -w a ve s u p e rim p o se d o n r a te d lo a d (j ed ec m e th o d ) 2. 0 50 .0 -6 5 to + 12 5 -6 5 to + 15 0 17 0 35 .0 0. 5 10 0. 55 0. 70 p f c /w c c 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 57 80 10 0 71 10 0 sr 22 0 sr 23 0 sr 24 0 sr 25 0 sr 26 0 sr 28 0 sr 2a 0 sy m b o ls u n its 15 0 10 5 15 0 20 0 14 0 20 0 sr 21 50 sr 22 00 jinan jinghen g co., l td. no .51 heping ro ad jinan p .r. china tel:86-531-86943 657 f ax:86-531-869470 96 www .jifusemicon. com 1 - 32 0 . 85 0.95 0.90
r at i n g s a n d c h a r a c t e r i s t i c c u r v e s s r 2 2 0 t h r u s r 2 2 0 0 0.001 0.01 0.1 1.0 10 0.1 1 0 10 20 30 40 50 50 10 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 20 0 40 60 80 100 120 140 1 2 4 6 8 10 20 40 60 80 100 50 60 70 80 90 100 110 120 130 140 150 0 0.5 1.0 1.5 2.0 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) instantaneous forward voltage (volts) reverse voltage. volts percent of rated peak reverse voltage% number of cycles at 60hz lead temperature ( c) sr220-sr240 sr280-sr2200 pulse width=300 s 1% duty cycle t j =100 c t j =75 c 0 10 50 0.1 0.4 1 4 10 20 100 100 500 fig.5-typical junction capacitance j u n c t i o n c a p a c i t a n c e ( p f ) t j =25 c f=1.0mh z vsig=50mvp-p sr220-sr240 sr250-sr2200 sr220-sr240 sr250-sr2200 resistive or inductive load c board mounted on 5.0mmcopper land areas t j =25 c t j =25 c sr250-sr260 jinan jinghen g co., l td. no .51 heping ro ad jinan p .r. china tel:86-531-86943 657 f ax:86-531-869470 96 www .jifusemicon. com 1 - 33


▲Up To Search▲   

 
Price & Availability of SR220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X