Part Number Hot Search : 
Z5237 2SK3070L 1A475 M5002 R5100 TS339CN 39SF512 SI91845D
Product Description
Full Text Search
 

To Download R2500F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dated : 28/05/2005 h semtech electronics ltd. ( subsidiary of semtech internati onal holdings limited, acompany listed on the hong kong stock exchange, stock code: 724 ) ? R2500F thru r3000f (do-41) high voltage fast recovery rectifiers reverse voltage ? 2500 to 3000 volts forward current ? 0.2 amperes features ? fast switching ? low leakage ? high current capability ? high surge capability ? high reliability absolute maximum ratings and characteristics ratings at 25 0 c ambient temperature unless other wise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. symbols R2500F r3000f units maximum recurrent peak reverse voltage v rrm 2500 3000 v maximum rms voltage v rms 1750 2100 v maximum dc blocking voltage v dc 2500 3000 v maximum forward voltage at 0.2 a v f 4.0 5.0 v maximum average forward rectified current .375?(9.5mm) lead length at t a = 50 i (av) 0.2 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a maximum reverse current at t a = 25 at rated dc blocking voltage t a = 100 5.0 100 maximum full load reverse current average, full cycle 0.375?(9.5mm)lead length at t l = 55 i r 100 a maximum reverse recovery time (note 1) t rr 500 ns operating and storage temperature range t j ,t s -55 to +150 notes: (1) reverse recovery test conditions i f =0.5a, i r =1a, i rr =0.25a.
dated : 28/05/2005 h semtech electronics ltd. ( subsidiary of semtech internati onal holdings limited, acompany listed on the hong kong stock exchange, stock code: 724 ) ? R2500F thru r3000f (do-41)


▲Up To Search▲   

 
Price & Availability of R2500F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X