Part Number Hot Search : 
1ZC16 SKM111AR 39861 NTE2935 HFA11 25PE40 0M25V CCN1002
Product Description
Full Text Search
 

To Download R2500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  R2500 thru r3000 200 milliamp high voltage silicon rectifier 2500 to 3000 volts features low cost low leakage low forward voltage drop high current capability high voltage dimensions inches mm dim min max min max note a .230 .300 5.80 7.60 b .104 .140 2.60 3.60 c .026 .034 .70 .90 d 1.000 --- 25.40 --- maximum ratings operating temperature: - 5 5 c to +15 0 c storage temperature: - 5 5 c to +15 0 c catalog number device marking maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage R2500 --- 2500v 1750v 2500v r3000 --- 3000v 2100v 3000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 200ma t a = 50 c peak forward surge current i fsm 30a 8.3ms, half sine maximum dc reverse current at rated dc blocking voltage i r 5.0 m a 50 m a t a = 25 c t a = 100 c typical junction capacitance c j 30pf measured at 1.0mhz, v r =4.0v do-15 a b c d d cathode mark ww w . cn ele c tr .com shanghai lunsure electronic technology co.,ltd tel:0086-21-37185008 fax:0086-21-57152769 maximum instantaneous forward voltage r 25 00 r 3 000 v f 3 .0 v 4 .0 v i fm = 0.5a; t a = 50 c
R2500 - r3000 1 100 4 0 5 10 15 8 figure 3 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 20 25 30 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 15025 50 75 100 0 50 100 150 single phase, half wave 60hz resistive or inductive load m a c 125 200 250 300 instantaneous reverse current - micro amps versus percent of rated peak reverse voltage - volts figure 1 typical reverse characteristics 0 120 20 40 60 80 .01 .02 .04 .06 t j = 25 c m a volts 100 .08 .1 .2 .4 .6 .8 1 2 4 ww w . cn el ec tr .com  
 

 
   !"# $
%    !"#


▲Up To Search▲   

 
Price & Availability of R2500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X