Part Number Hot Search : 
R022F T74FC 42S1640 NAS1835 SA5514 BF998RBW ML74WLCE KMM53
Product Description
Full Text Search
 

To Download PNA4602M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 p n a 4 6 0 1 m s e r i e s ( p n a 4 6 0 1 m / 4 6 0 2 m / 4 6 0 8 m / 4 6 1 0 m ) b i p o l a r i n t e g r a t e d c i r c u i t w i t h p h o t o d e t e c t i o n f u n c t i o n f o r i n f r a r e d r e m o t e c o n t r o l s y s t e m s p h o t o i c a b s o l u t e m a x i m u m r a t i n g s ( t a = 2 5 c ) p a r a m e t e r s y m b o l r a t i n g s u n i t p o w e r s u p p l y v o l t a g e v c c ? 0 . 5 t o + 7 v p o w e r d i s s i p a t i o n p d 2 0 0 m w o p e r a t i n g a m b i e n t t e m p e r a t u r e t o p r ? 2 0 t o + 7 5 c s t o r a g e t e m p e r a t u r e t s t g ? 4 0 t o + 1 0 0 c 400 m s 400 m s carrier wave : f 0 carrier wave : f 0 fig.2 fig.1 m a i n c h a r a c t e r i s t i c s ( t a = 2 5 c v c c = 5 v ) p a r a m e t e r s y m b o l c o n d i t i o n s m i n t y p m a x u n i t o p e r a t i n g s u p p l y v o l t a g e v c c 4 . 7 5 . 0 5 . 3 v c u r r e n t c o n s u m p t i o n i c c n o t e 3 1 . 8 2 . 4 3 . 0 m a m a x i m u m r e c e p t i o n d i s t a n c e l m a x n o t e 1 8 1 0 m l o w - l e v e l o u t p u t v o l t a g e v o l n o t e 2 0 . 3 5 0 . 5 v h i g h - l e v e l o u t p u t v o l t a g e v o h n o t e 3 4 . 8 5 . 0 v c c v l o w - l e v e l p u l s e w i d t h t w l n o t e 1 2 0 0 4 0 0 6 0 0 m s h i g h - l e v e l p u l s e w i d t h t w h n o t e 1 2 0 0 4 0 0 6 0 0 m s p n a 4 6 0 1 m 3 6 . 7 c a r r i e r f r e q u e n c y p n a 4 6 0 2 m f 0 3 8 . 0 k h z p n a 4 6 0 8 m 5 6 . 9 p n a 4 6 1 0 m 3 3 . 3 n o t e 1 ) f i g . 1 b u r s t w a v e , l = l m a x , 1 6 p u l s e s n o t e 2 ) f i g . 2 c o n t i n u o u s w a v e , l l m a x n o t e 3 ) l i g h t s h u t o f f c o n d i t i o n f e a t u r e s e x t e n s i o n d i s t a n c e i s 8 m o r m o r e e x t e r n a l p a r t s n o t r e q u i r e d a d o p t i o n o f v i s i b l e l i g h t c u t o f f r e s i n unit: mm (5 ) ( 5 ) (5 ) (5) 7.0 0.2 (3.5) 5.25 0.3 (2.25) 1.5max. r2.25 0.1 3-1.5 0.2 3-0.5 (2-2.54) 1 2 3 not soldered 1.5 8.0 0.2 (5.2) (2.3) 22.0 min. (0.8) 0.3 max. +0.25 - 0.15 2.0 0.15 1.0 0.15 0.3 max. 3-0.45 1: v out 2: gnd 3: v cc lstlr103nc-001 p ackage +0.25 - 0.15
2 pna4601m, PNA4602M, pna4608m, pna4610m photo ic v o gnd pd agc v cc peak hold constant voltage comparator r l (20k ) integrator b.p.f demodulator amplifier standard reception unit led transmission unit gnd 10v pnz323b 20cm 10k 10k 10k 10f v out v out 55mv block diagram panasonic transmitter specifications the light output of the led transmission unit is adjusted so that the transmission output (v out) of the standard reception unit will be 55 mv when the transmission waveform (duty = 50%) is output from the led transmis- sion unit. here, infrared sensitivity (sir) of pnz323b is 0.53 m a when emission illuminance (h) is 12.45 m w/ cm 2 . the maximum reception distance under these specifications is an assurance that t wh and t wl values will be within the tolerance ranges when 16 consecutive pulses of an optical output equivalent to the maximum recep- tion distance are transmitted by the above transmission unit (the maximum reception distance is measured in the dark without external disturbance noise.)
3 photo ic pna4601m, PNA4602M, pna4608m, pna4610m 0? 10? 20? 30? 40? 50? 60? 70? 80? 90? directivity characteristics spectral sensitivity characteristics 100 80 60 40 20 wavelength l (nm) relative sensitivity s (%) 700 800 900 1000 1100 1200 0 600 b.p.f frequency characteristics (PNA4602M) * 100 80 60 40 20 carrier frequency (khz) relative sensitivity s (%) 35 37 39 41 43 0 33 v cc = 5v transmitter : standard led transmission unit used l max ? ta 120 80 40 100 60 20 ambient temperature ta (?c ) relative reception distance l max (%) 020 6080 40 100 0 e 20 * the peaks for pna4601m, pna4608m, and pna4610m are all f 0 . 20 90 100 80 70 60 50 40 30 relative reception distance (%)
please read the following notes before using the datasheets a. these materials are intended as a reference to assist customers with the selection of panasonic semiconductor products best suited to their applications. due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. b. panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. therefore, panasonic will not assume any liability for any damages arising from any errors etc. that may ap- pear in this material. c. these materials are solely intended for a customer's individual use. therefore, without the prior written approval of panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the internet or in any other way, is prohibited. request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese govern- ment if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative character- istics and applied circuit examples of the products. it does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) the products described in this material are intended to be used for standard applications or gen- eral electronic equipment (such as office equipment, communications equipment, measuring in- struments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. at the final stage of your design, purchas- ing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) when using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) no part of this material may be reprinted or reproduced by any means without written permission from our company. 2001 mar


▲Up To Search▲   

 
Price & Availability of PNA4602M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X