Part Number Hot Search : 
DG509 TA1101 RL801 R05PI SMCJ5356 1N5228B GPD401 SLD1332V
Product Description
Full Text Search
 

To Download N2640A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wirescope pro ? an expandable platform wirescope pro supports copper cable certification to tia categories 3 to 6a and iso classes c to e, class e a and f limits. sweeping a full 1 ghz in a few seconds, it boosts cat 6a and class f autotest measurement times to industry leading speed, and provides a future proof platform. unique alien crosstalk testing methodology in combination with agilent?s newly developed alien crosstalk stimulators, wirescope pro secures critical 10 gigabit ethernet installations and upgrades. the new swiftaxt (sweep interleaved frequency-domain technique for alien crosstalk) technology offers a breakthrough in measurement time, cost of ownership, degree of automation and ease of use, making the method uniquely field suitable and convenient. faster measurement and optimized workflow once connected, the dualremote pro unit operates entirely remote controlled. user interactions, including restarting running tests, happen on the near end only. the re-designed fiber smartprobes eliminate the need to swap fibers for dual-wavelength testing and calibration, optimizing the test throughput and accuracy. features and benefits ? accelerated service deployment with the industry?s fastest, automated lan cabling and fiber certification. ? unique cost-effective alien crosstalk measurement technique to test cables to full 10 gbase-t compliance. ? new! professional network test option lets cabling installers and solution integrators turn up and troubleshoot networks with one set of testers (see datasheet, p/n 5989-7957en for details). ? future-proof 1 ghz frequency range exceeds category 6a, class e a and f requirements. ? proper certification across poe midspan devices and ac coupled structured cabling. ? dual-wavelength fiber smartprobes boost test throughput and accuracy. ? iso/iec level iv accuracy, independently certified by etl. ? truly field portable with extreme battery life, bright and easy 6? color touch screen user interface. agilent N2640A wirescope? pro fast handheld lan cabling certification and field-applicable alien crosstalk measurement technical data, software release 3.0
page 2 of 8 ease of use based on the proven wirescope 350 user interface, the wirescope pro is extremely easy to operate and to learn. the autotest function makes it a single touch of a button to perform a complete cable characterization. the support for usb flash drives not only expands the storage capacity, but also makes it easy to transfer test data, user profiles and test settings, and to install software upgrades. future proof architecture wirescope lan cabling testers are known to be future proof. wirescope pro provides investment protection as it grows with the users? needs, offering a lower cost category 6 product and supporting software upgrades later as needed. general specifications test parameters ? supported frequency range: 1 mhz to 1 ghz ? complies with iso/iec 61935- 1/ed. 2 level iv accuracy power supply ? removable/rechargeable li-ion batteries provide 5 to 8 hours of continuous operation. ? ac power adapter: 100~240 v ac, 12 v/3.3 a dc, plugs directly into the battery which can be recharged separate from the instrument. memory ? 64 mbyte internal flash memory, 15.6 mbyte user accessible. allows to store 4,800 measurement summaries, or 160 records with all graphical details. ? 256 mbyte usb flash drive included. allows to store 69,300 measurement summaries, or 2,345 records with all graphical details. connectivity ? smartprobe interface connector ? universal serial bus (usb 1.1) port ? talkset interface: 3.5 mm stereo jack ? auxiliary 10/100base-t rj45 interface for remote control and display export. software upgrade semi-automated software upgrade using usb flash drive or special usb cable (included). user interface 56 mm x 150 mm (2.2? x 5.9?) touch-sensitive color lcd display dimensions size: 232 mm x 126 mm x 86.7 mm (9.13? x 4.96? x 3.41?) weight: approx. 1.36 kg (approx. 3.0 lbs.) environmental conditions operating temperature 0c to +40c storage temperature ?10c to +55c relative humidity 10% to 80% operating altitude up to 3000 meters pollution degree: 2 etl certificate number 3103597crt-001-002 (cat 6a) 3103597crt-001-003 (class f) feature wirescope 350 wirescope pro autotest measurement time 25 sec (1 ? 350 mhz) 9 sec (1 mhz ? 1 ghz) frequency range 1 mhz ? 350 mhz 1 mhz ? 1 ghz supported tia categories 3/5/5e/6 3/5/5e/6/6a supported iso classes c, d, e c, d, e, e a , f measurement accuracy exceeds tia level iii iso level iv alien crosstalk measurement not available optional talkset , full-duplex via copper cables via copper and fiber cables fiber measurement on two wavelengths single wavelength probes, require fiber swapping dual-wavelength probes, no fiber swapping removable memory 128 mbyte cf card 256 mbyte usb drive rechargeable battery ni-mh, 5-8 hours of typical use li-ion, 8 hours of typical use dimensions (h x w x d) 228 x 114 x 66 mm (8.9? x 4.5? x 2.6?) 232 x 126 x 86.7 mm (9.1? x 5? x 3.4?) weight (excluding adapters) approx. 1.2 kg (2.6 lbs) approx. 1.36 kg (3 lbs)
page 3 of 8 n2644a series category 6a universal channel and permanent link smartprobes, class f [2] channel and permanent link smartprobes universal channel and permanent link smartprobes enable the wirescope pro to certify lan cables, permanent links and channel adapters. once inserted in the module bay of the wirescope pro, both, smartprobes and instrument, are automatically set up and ready to perform standards-based cable certification tests. general specifications size: 79.5 mm x 60.5 mm x 44 mm (3.1? x 2.4? x 1.7?), excludes cable operating temperature 0c to +40c storage temperature ?40c to +55c measurement parameter range resolution accuracy length 0 ? 180 m at nvp > 0.6 0 ? 330 m at nvp > 0.6, single ended 0.5 m at nvp = 0.7 1 m propagation delay and skew 0 ? 1100 ns 1 ns 6 ns attenuation 60 db 0.1 db [1] near end crosstalk (next) 90 db 0.1 db [1] equal level far end crosstalk (elfext) 90 db 0.1 db [1] resistance [3] 5 ? 1000 ohm 1 ohm 5% network specifications cabling standards ethernet legacy networks tia/eia-606-a and tia/eia-568-b category 3 through 6a iso/iec 11801, en 50173 and australia/new zealand classes c, d, e, e a and f utp, stp and sctp cabling ieee 802.3 10base-t, 100base-tx, 1000base-t, 10gbase-t ieee 802.5 token ring and ibm type 1 tp pmd interfaces supported tests attenuation (insertion loss) near end crosstalk (next) in pair-to-pair and/or powersum format equal level far end crosstalk (elfext) return loss loop resistance [3] wiremap [3] cable length (dual-ended and single ended test) total propagation delay and delay skew between pairs [1] if not mentioned otherwise, specifications are according to iso level iv definition. [2] the term ?category 7? has been widely used as a synonym of iso/iec class f, yet it is not a tia/eia standardized term. pro duct labels and documentation may contain either term. future documents and labels will use the term ?class f?. [3] available only for dc coupled structured cabling.
page 4 of 8 n2647mm multimode (850 nm/1300 nm) and n2647sm single mode (1310 nm/1550 nm) fiber smartprobes dual-wavelength fiber smartprobes allow the wirescope pro to measure length and propagation delay on optical fiber links. also, they enable high-performance optical loss and power measurement. laser safety (n2647sm) fabry-perot class 1 laser product in accordance with iec 60825.1 and fda 21 cfr 1040.10 general specifications size: 79.5 mm x 64 mm x 44 mm (3.1? x 2.5? x 1.7?) connectors 2 x sc (transmitter, receiver) operating temperature 0c to +40c storage temperature ?40c to +55c specification n2647mm multimode smartprobe n2647sm single mode smartprobe power meter detector type calibrated wavelengths measurement accuracy power measurement range ingaas 850 nm, 1300 nm 0.25 db at ?20 dbm [1] [2] 0 to ?42 dbm ingaas 1310 nm, 1550 nm 0.25 db at ?20 dbm [1] 0 to ?50 dbm transmitter source type center wavelength output power laser stability led 850 nm, 1300 nm (nominal) ?20.5 dbm (into 50/125 m fiber) ?19 dbm (typical, into 62.5/125 m fiber) n/a fabry-perot laser 1310 nm 30 nm, 1550 nm 30 nm ?6 dbm (into 9/125 m fiber) 0.1 db (1 hour, after 5 minutes warm-up) fiber network specifications cabling standards ethernet legacy networks atm/sonet fddi/fiber channel ansi/eia/tia 568a, 568.3, iso/iec 11801 10gbase-sr, -sw, -lx4 1000base-sx, -lx, -lx10 100base-fx 10base-fl, -fb, token ring atm-155 (uni 3.1), atm-155 swl, atm-622, atm/sonet oc-3, -oc-12 fddi, fiber channel-sx, -lx ansi/eia/tia 568a, 568.3, iso/iec 11801 10gbase-lr, -lw, -er, -ew, -lx4 1000base-lx, -lx10 100base-lx10 atm-622, atm/sonet oc-3, oc-12, oc-48 fddi propagation delay accuracy (whichever is greater) resolution measurement range 2% or 3.6 ns 4.2 ns 0 to 300 s fiber length accuracy (whichever is greater) resolution distance range 2% or 0.72 m 0.83 m at refractive index 1.4785 0 to 8 km for 1.50 db/km at 1300 nm [3] 2% or 0.72 m 0.83 m at refractive index 1.4785 0 to 50 km for 1.50 db/km at 1310 nm [4] [1] at room temperature, 23c 3k [2] with 50/125 m fiber [3] assumes double-ended configuration with 12 db max link loss. divide by 2 for single-ended configurations. [4] assumes double-ended configuration with 25 db max link loss. divide by 2 for single-ended configurations.
page 5 of 8 n2648a alien crosstalk test kits ? validation of structured cabling for 10gbase-t transmission swiftaxt ? a scalable measurement approach agilent?s new sweep interleaved frequency-domain technique for alien crosstalk testing (swiftaxt) is a revolutionary concept inspired by the need to test alien crosstalk in 10gbase-t ready network cabling. it radically simplifies the field verification of structured cabling for the deployment of 10gbase-t. it is as straightforward as simple, modeled after the real network ? where cable bundles join and split, come from, and end in different places, and have a wide range of lengths. unique alien crosstalk testing methodology to measure alien crosstalk, wirescope pro and dualremote pro are attached to the disturbed (?victim?) cable. a pair of alien crosstalk stimulators is connected to both ends of each disturber cable. crosstalk from one to 32 disturber cables can be captured simultaneously, at no expense in measurement time. every stimulator pair stimulates each frequency of interest. the coupled alien crosstalk signal is received by wirescope pro and dualremote pro at the local and at the far end of the victim cable. precision timing control is the key to accurately measuring the alien crosstalk in one measurement sweep ? from any number of disturber cables, in less than 5 minutes. a small tool, yet highly capable the alien crosstalk stimulator is a palm-sized signal generator. it operates in two modes: a transmitter producing test signals, and a termi- nation. at all times, the device can be commanded from its counterpart at the other end of the disturber cable. both devices of a connected pair indicate their operating mode, and fault conditions like weak or missing power supply, or a broken connection. features and benefits ? implements iso/iec 61935-1 ed. 3 and ieee 802.3an recommenda- tions for alien crosstalk testing ? test results on the instrument, without post-processing ? unparalleled speed, highly efficient through parallel stimulation of disturbers ? simple, straightforward procedure avoids operator failures ? works with cable bundles from 2 to 12 and beyond ? works with complex layouts such as split and joint bundles ? tracking mode to identify the worst disturber cable ? test results integrate with scopedata pro ii software real-time spectral analysis of external noise in addition to alien crosstalk, external noise caused by high-frequency signal sources, has the potential to disturb transmission networks. the wire- scope pro?s external noise analysis tool measures the received noise on a wire pair across the frequency range of interest, and compares its spectrum against the receiver noise limit of ?141.9 dbm/hz (i eee 802.3an clause 55.5.4.4). it offers an effective way to characterize cables in a live network environment, by capturing the footprint of network traffic in adjacent cables and of other disturbing signals. providing objective information on the nature and severity of noise being picked up, it uncovers the hidden sources of marginal network performance. features and benefits ? displays spectral profile of current and maximum external noise over 10 to 500 mhz ? compares external noise to the ?141.9 dbm/hz receiver noise limit (ieee 802.3an clause 55.5.4.4) ? characterize structured cabling in a live environment ? uncover the hidden sources of temporary network degradations
page 6 of 8 alien crosstalk field testing with swiftaxt the wirescope pro and dualremote pro are connected to the ends of the ?victim? cable. all disturber cable ends are connected to alien crosstalk stimulators. all user interactions happen at the near end! ? simply click alien crosstalk test on the wirescope pro and follow the on-screen instructions: ? turn on all stimulators and set the near end units to transmit mode ? the far end units automatically enter the terminate mode. ? start triggers the psanext and psaacrf measurement. ? when instructed, set the near end stimulators to terminate mode. ? continue completes the near end psaacrf and far end psanext measurement. general specifications test port: rj-45 battery: 9 v block cell, not included. high-performance alkaline type needed for 60 minutes of operation. ac power adapter, included: 100~240 v ac, 12 v/3.3 a dc. operating power: 1.3 w size: 140 mm x 91.4 mm x 27.9 mm (5.5? x 3.6? x 1.1?) weight: approx. 160 g (approx. 5.64 oz.) operating temperature +10c to +40c storage temperature ?40c to +70c relative humidity 95% at up to 31c temperature n2648a alien crosstalk stimulator rf frequency range rf output power 1 mhz to 500 mhz 1.5 dbm 2 db wirescope pro and dualremote pro receiver dynamic range alien crosstalk measurement uncertainty alien crosstalk measurement floor external noise measurement range external noise display refresh rate ?100 dbm to ?50 dbm at 1 to 500 mhz 2 db < ?95 db ?100 dbm/mhz to ?50 dbm/mhz at 10 to 500 mhz or ?160 dbm/hz to ?110 dbm/hz at 10 to 500 mhz 3 sec applicable test standards ieee 802.3an 10gbase-t (clauses 55.7.3.1, 55.7.3.2) tia tsb 155 tia 568-b.2-10 iec 61935-1 ed. 3 supported tests all parameters measured from near end and far end power sum alien near end crosstalk (psanext) average power sum alien near end crosstalk (avg psanext) power sum attenuation to alien crosstalk ratio far end (psaacrf) average power sum attenuation to alien crosstalk ratio far end (avg psaacrf) dualremote pro wirescope pro disturber cable disturber cable disturber cable ?victim? cable disturber cable disturber cable disturber cable alien crosstalk stimulators transmit mode alien crosstalk stimulators terminate mode alien crosstalk stimulators terminate mode alien crosstalk stimulators transmit mode swiftaxt alien crosstalk test concept (6 around 1), near end transmitting)
page 7 of 8 ordering information all wirescope pro product kits contain: (1) wirescope pro, (1) dualremote pro, (2) ac power adapters, (2) battery packs, (2) hanging straps, (2) category 6a/ class e a universal channel smartprobes, (2) category 6a/ class e a universal permanent link smartprobes, (1) screen cover, (2) dust caps, (1) usb cable, (2) headsets, (1) scopedata pro management software, (1) wirescope pro user?s guide, (1) wirescope pro utilities cd kit, (1) 256 mb usb flash drive, (1) stylus with spiral cord n2643a professional certification kits come in a hard carrying case. the basic test kits (N2640A, n2642a) come in a soft carrying case. n2643a and n2642a test kits include (1) auto lighter dc power adapter. category 6a/ class e a / class f [1] test kits all category 6a/ class e a /f test kits include a software license for category 6a/ class e a / class f cable test, alien crosstalk test and external noise measurement. alien crosstalk stimulators and vendor specific class f smartprobes must be ordered separately. N2640A-200 wirescope pro category 6a/ class e a /f certification kit (copper cable only) n2642a-230 wirescope pro category 6a/ class e a /f and multimode fiber certification kit n2642a-240 wirescope pro category 6a/ class e a /f and single mode certification kit n2643a-250 wirescope pro category 6a/ class e a /f multimode and single mode professional certification kit category 6/ class e test kits N2640A-100 wirescope pro category 6/ class e certification kit (copper cable only) n2642a-130 wirescope pro category 6/ class e/ multimode fiber certification kit n2642a-140 wirescope pro category 6/ class e/ single mode fiber certification kit n2643a-150 wirescope pro category 6/ class e/ multimode and single mode professional certification kit recommended alien crosstalk test kits all n2648a alien crosstalk test kits include (1) swiftaxt user?s guide, calibration certificates, release notes. important note: wirescope pro units with serial numbers lower than sg47250001 and dualremote pro units with serial numbers lower than sg47260001 require factory calibration to enable alien crosstalk testing. n2648a-100 alien crosstalk test kit with one pair of stimulators, includes (2) alien crosstalk stimulators, (2) stp patchcords, (2) ac power adapters. n2648a-150 alien crosstalk test kit with 3 pairs of stimulators, includes (6) alien crosstalk stimulators, (6) stp patchcords, (2) ac power adapters, (2) dc power distribution kits for up to 6 stimulators. n2648a-200 alien crosstalk test kit with 6 pairs of stimulators, includes (12) alien crosstalk stimulators, (12) stp patchcords, (2) ac power adapters, (2) dc power distribution kits for up to 6 stimulators. category 6a/class e a smartprobes (each set includes two units) n2644a-100 category 6a/ class e a universal channel smartprobe n2644a-101 category 6a/ class e a universal permanent link smartprobe n2644a-102 category 6a cross-cable permanent link smartprobe class f [1] smartprobes (each set includes two units) important note: the n2641a-300 class f precision calibration smartprobe is required for user calibration prior to all class f measurements. n2641a-300 class f precision calibration smartprobe. n2644a-104 siemon class f tera channel smartprobe n2644a-105 siemon class f tera permanent link smartprobe n2644a-106 nexans class f permanent link smartprobe n2644a-107 gg45 and arj45 class f channel smartprobe n2644a-110 leoni/kerpen ec7 class f permanent link smartprobe dual-wavelength fiber smartprobes n2647mm dual-wavelength multimode fiber smartprobe with sc interfaces. includes 2 sc duplex patch cords 62.5/125 m, 2 sc duplex patch cords 50/125 m, 2 sc calibration adaptors, and software. n2647sm dual-wavelength single mode fiber smartprobe with sc interfaces. includes 2 sc duplex patch cords, 2 sc calibration adaptors, and software. [1] the term ?category 7? has been widely used as a synonym of class f, yet it is not a standardized term. product labels and documentation may contain either term. future documents and labels will use the term ?class f?.
other smartprobes n2644a-001 bare wire smartprobe (set of 2 units) n2644a-065 siemon s210 a block smartprobe (single unit) n2644a-066 siemon s210 b block smartprobe (single unit) optional accessories n2643a-100 upgrade license for category 6a/7/ class e a /f cable test, alien crosstalk test and external noise measurement new! N2640A-010 professional network test software license for wirescope pro (for details, refer to the technical datasheet, p/n 5989-7957en) n2641a-090 replacement accessories bundle, wirescope pro n2641a-095 256 mb usb flash drive, wirescope pro n2605a-132 soft carrying case n2641a-134 hard carrying case, wirescope pro n2641a-135 rechargeable battery pack, wirescope pro n2641a-097 special usb cable, wirescope pro (pack of 5 cables) n2595a-094 auto lighter dc power adapter n2641a-080 universal ac adapter, wirescope pro n2648a-001 alien crosstalk stimulator, single replacement unit agilent network and digital solutions enabling service and device innovation for computing and communications agilent technologies is a worldwide leader in testing computer and communications devices, elements, systems and services that enable high- speed computation and communica- tions. the test portfolio includes: ? multiservices test solutions for converging network infrastructure enabling component, network elements manufacturers and service providers to accelerate the delivery of next-generation devices for applications from backbone, metro, enterprise, access, to backplanes. ? digital microwave solutions for high-speed communications busses and backplanes that allow more complete characterization of new devices and designs with easy, accurate and repeatable ber, jitter and protocol performance measurements. ? a broad range of optical test solutions used by component and equipment manufacturers, aerospace & defense companies, universities and service providers to characterize the latest in high performance and low cost photonic devices and networks. www.agilent.com www.agilent.com/find/wirescope sales, service and support united states 1 800 829 4444 1 800 829 4433 (fax) canada 1 877 894 4414 1 888 900 8921 (fax) europe (31) (0) 20 547 2111 (31) (0) 20 547 2190 (fax) latin america (55) 11 4197 3600 (55) 11 4197 3800 (fax) australia 1 800 629 485 1 800 142 134 (fax) hongkong 800 930 871 (852) 2506 9233 (fax) singapore 1800-375 8100 (65) 6755 0042 (fax) malaysia 1 800 888 848 1 800 801 664 (fax) china 800 810 0189 800 820 2816 (fax) taiwan 0800 047 866 0800 286 331 (fax) india 1800 112 929 1800 113 035 (fax) thailand (66) (2) 268 1345 (66) (2) 268 1346 (fax) japan 0120 421 345 0120 421 678 (fax) this information is subject to change without notice. copyright ? 2006?2008 agilent technologies february 29, 2008 5989-5203en


▲Up To Search▲   

 
Price & Availability of N2640A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X