Part Number Hot Search : 
3M016 EPSA1 RT9808 BC858AF IDT54 ZSM33006 BC869 SCDAR1F
Product Description
Full Text Search
 

To Download MC33035DWG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 april, 2006 ? rev. 8 1 publication order number: mc33035/d mc33035, ncv33035 brushless dc motor controller the mc33035 is a high performance second generation monolithic brushless dc motor controller containing all of the active functions required to implement a full featured open loop, three or four phase motor control system. this device consists of a rotor position decoder for proper commutation sequencing, temperature compensated reference capable of supplying sensor power, frequency programmable sawtooth oscillator, three open collector top drivers, and three high current totem pole bottom drivers ideally suited for driving power mosfets. also included are protective features consisting of undervoltage lockout, cycle?by?cycle current limiting with a selectable time delayed latched shutdown mode, internal thermal shutdown, and a unique fault output that can be interfaced into microprocessor controlled systems. typical motor control functions include open loop speed, forward or reverse direction, run enable, and dynamic braking. the mc33035 is designed to operate with electrical sensor phasings of 60 /300 or 120 /240 , and can also efficiently control brush dc motors. features ? 10 to 30 v operation ? undervoltage lockout ? 6.25 v reference capable of supplying sensor power ? fully accessible error amplifier for closed loop servo applications ? high current drivers can control external 3?phase mosfet bridge ? cycle?by?cycle current limiting ? pinned?out current sense reference ? internal thermal shutdown ? selectable 60 /300 or 120 /240 sensor phasings ? can efficiently control brush dc motors with external mosfet h?bridge ? ncv prefix for automotive and other applications requiring site and control changes ? pb?free packages are available http://onsemi.com a t b t top drive output 16 bottom drive outputs 15 (top view) 17 18 19 20 21 10 9 8 7 6 5 sensor inputs 4 oscillator current sense noninverting input reference output output enable s c s b s a 60 /120 select fwd/rev current sense inverting input gnd v cc c t 22 23 b b c b 3 24 brake 2 a b 1 v c pin connections 24 1 24 1 p suffix plastic package case 724 dw suffix plastic package case 751e (so?24l) 14 13 12 11 error amp inverting input error amp noninverting input error amp out/ pwm input fault output see detailed ordering and shipping information in the packag e dimensions section on page 27 of this data sheet. ordering information see general marking information in the device marking section on page 27 of this data sheet. device marking information
mc33035, ncv33035 http://onsemi.com 2 motor enable q s c t r r t oscillator error amp pwm thermal shutdown reference regulator lockout undervoltage v in fwd/rev q r s faster s s v m speed set this device contains 285 active transistors. representative schematic diagram rotor position decoder output buffers current sense reference 60 /120 18 17 brake fault n n 7 22 3 6 5 4 8 11 12 13 10 14 2 1 24 21 20 19 9 15 23 16
mc33035, ncv33035 http://onsemi.com 3 maximum ratings rating symbol value unit power supply voltage v cc 40 v digital inputs (pins 3, 4, 5, 6, 22, 23) ? v ref v oscillator input current (source or sink) i osc 30 ma error amp input voltage range (pins 11, 12, note 1) v ir ?0.3 to v ref v error amp output current (source or sink, note 2) i out 10 ma current sense input voltage range (pins 9, 15) v sense ?0.3 to 5.0 v fault output voltage v ce(fault ) 20 v fault output sink current i sink(fault ) 20 ma top drive voltage (pins 1, 2, 24) v ce(top) 40 v top drive sink current (pins 1, 2, 24) i sink(top) 50 ma bottom drive supply voltage (pin 18) v c 30 v bottom drive output current (source or sink, pins 19, 20, 21) i drv 100 ma power dissipation and thermal characteristics p suffix, dual in line, case 724 maximum power dissipation @ t a = 85 c thermal resistance, junction?to?air dw suffix, surface mount, case 751e maximum power dissipation @ t a = 85 c thermal resistance, junction?to?air p d r ja p d r ja 867 75 650 100 mw c/w mw c/w operating junction temperature t j 150 c operating ambient temperature range (note 3) mc33035 ncv33035 t a ?40 to + 85 ?40 to +125 c storage temperature range t stg ?65 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. electrical characteristics (v cc = v c = 20 v, r t = 4.7 k, c t = 10 nf, t a = 25 c, unless otherwise noted.) characteristic symbol min typ max unit reference section reference output voltage (i ref = 1.0 ma) t a = 25 c (note 4) v ref 5.9 5.82 6.24 ? 6.5 6.57 v line regulation (v cc = 10 to 30 v, i ref = 1.0 ma) reg line ? 1.5 30 mv load regulation (i ref = 1.0 to 20 ma) reg load ? 16 30 mv output short circuit current (note 5) i sc 40 75 ? ma reference under voltage lockout threshold v th 4.0 4.5 5.0 v error amplifier input offset voltage (note 4) v io ? 0.4 10 mv input offset current (note 4) i io ? 8.0 500 na input bias current (note 4) i ib ? ?46 ?1000 na input common mode voltage range v icr (0 v to v ref ) v open loop voltage gain (v o = 3.0 v, r l = 15 k) a vol 70 80 ? db input common mode rejection ratio cmrr 55 86 ? db power supply rejection ratio (v cc = v c = 10 to 30 v) psrr 65 105 ? db 1. the input common mode voltage or input signal voltage should not be allowed to go negative by more than 0.3 v. 2. the compliance voltage must not exceed the range of ? 0.3 to v ref . 3. ncv33035: t low = ?40 c, t high = 125 c. guaranteed by design. ncv prefix is for automotive and other applications requiring site and change control. 4. mc33035: t a = ?40 c to +85 c; ncv33035: t a = ?40 c to +125 c. 5. maximum package power dissipation limits must be observed.
mc33035, ncv33035 http://onsemi.com 4 electrical characteristics (continued) (v cc = v c = 20 v, r t = 4.7 k, c t = 10 nf, t a = 25 c, unless otherwise noted.) characteristic symbol min typ max unit error amplifier output voltage swing high state (r l = 15 k to gnd) low state (r l = 15 k to v ref ) v oh v ol 4.6 ? 5.3 0.5 ? 1.0 v oscillator section oscillator frequency f osc 22 25 28 khz frequency change with voltage (v cc = 10 to 30 v) f osc / v ? 0.01 5.0 % sawtooth peak voltage v osc(p) ? 4.1 4.5 v sawtooth valley voltage v osc(v) 1.2 1.5 ? v logic inputs input threshold voltage (pins 3, 4, 5, 6, 7, 22, 23) high state low state v ih v il 3.0 ? 2.2 1.7 ? 0.8 v sensor inputs (pins 4, 5, 6) high state input current (v ih = 5.0 v) low state input current (v il = 0 v) i ih i il ?150 ?600 ?70 ?337 ?20 ?150 a forward/reverse, 60 /120 select (pins 3, 22, 23) high state input current (v ih = 5.0 v) low state input current (v il = 0 v) i ih i il ?75 ?300 ?36 ?175 ?10 ?75 a output enable high state input current (v ih = 5.0 v) low state input current (v il = 0 v) i ih i il ?60 ?60 ?29 ?29 ?10 ?10 a current?limit comparator threshold voltage v th 85 101 115 mv input common mode voltage range v icr ? 3.0 ? v input bias current i ib ? ?0.9 ?5.0 a outputs and power sections top drive output sink saturation (i sink = 25 ma) v ce(sat) ? 0.5 1.5 v top drive output off?state leakage (v ce = 30 v) i drv(leak) ? 0.06 100 a top drive output switching time (c l = 47 pf, r l = 1.0 k) ns rise time t r ? 107 300 fall time t f ? 26 300 bottom drive output voltage high state (v cc = 20 v, v c = 30 v, i source = 50 ma) low state (v cc = 20 v, v c = 30 v, i sink = 50 ma) v oh v ol (v cc ?2.0) ? (v cc ?1.1) 1.5 ? 2.0 v bottom drive output switching time (c l = 1000 pf) ns rise time t r ? 38 200 fall time t f ? 30 200 fault output sink saturation (i sink = 16 ma) v ce(sat) ? 225 500 mv fault output off?state leakage (v ce = 20 v) i flt(leak) ? 1.0 100 a under voltage lockout v drive output enabled (v cc or v c increasing) v th(on) 8.2 8.9 10 hysteresis v h 0.1 0.2 0.3 power supply current pin 17 (v cc = v c = 20 v) pin 17 (v cc = 20 v, v c = 30 v) pin 18 (v cc = v c = 20 v) pin 18 (v cc = 20 v, v c = 30 v) i cc i c ? ? ? ? 12 14 3.5 5.0 16 20 6.0 10 ma
mc33035, ncv33035 http://onsemi.com 5 v sat , output saturation voltage (v) 5.0 s/div a v = +1.0 no load t a = 25 c , output voltage (v) o 4.5 3.0 1.5 1.0 s/div a v = +1.0 no load t a = 25 c 3.05 3.0 2.95 gnd v ref i o , output load current (ma) f, frequency (hz) 56 1.0 k 220 200 180 160 140 120 100 80 60 ?24 ?16 ? 8.0 0 8.0 16 24 32 40 48 10 m 1.0 m 100 k 10 k 40 240 a vol , open loop voltage gain (db) excess phase (degrees) , phase gain t a , ambient temperature ( c) ?55 ? 4.0 ? 2.0 0 2.0 125 4.0 100 75 50 25 0 ?25 f osc oscillator frequency change (%) , 100 c t = 1.0 nf c t = 100 nf 1.0 r t , timing resistor (k ) 1000 100 10 0 10 f osc oscillator frequency (khz) , c t = 10 nf figure 1. oscillator frequency versus timing resistor figure 2. oscillator frequency change versus temperature figure 3. error amp open loop gain and phase versus frequency figure 4. error amp output saturation voltage versus load current figure 5. error amp small?signal transient response figure 6. error amp large?signal transient response 0 1.0 2.0 0 ? 0.8 ?1.6 1.6 0.8 5.0 4.0 3.0 0 v cc = 20 v v c = 20 v t a = 25 c v cc = 20 v v c = 20 v r t = 4.7 k c t = 10 nf source saturation (load to ground) v cc = 20 v v c = 20 v t a = 25 c sink saturation (load to v ref ) v , output voltage (v) o v v cc = 20 v v c = 20 v v o = 3.0 v r l = 15 k c l = 100 pf t a = 25 c
mc33035, ncv33035 http://onsemi.com 6 , output saturation voltage (v) v sat 0 i sink , sink current (ma) 016 12 8.0 4.0 0.25 0.2 0.05 0 t a , ambient temperature ( c) ?25 ?40 ?20 ?55 0 40 20 125 100 75 50 25 , normalized reference voltage change (mv) v ref 0 i ref , reference output source current (ma) 0 60 50 40 30 20 10 ?24 ?20 ? 4.0 ? 8.0 ? 12 ? 16 v ref , reference output voltage change (mv) figure 7. reference output voltage change versus output source current figure 8. reference output voltage versus supply voltage figure 9. reference output voltage versus temperature figure 10. output duty cycle versus pwm input voltage figure 11. bottom drive response time versus current sense input voltage figure 12. fault output saturation versus sink current 0 0 7.0 0 0 v cc , supply voltage (v) 6.0 40 30 20 10 5.0 4.0 3.0 2.0 1.0 v ref , reference output voltage (v) 5.0 4.0 3.0 2.0 1.0 100 80 60 40 20 pwm input voltage (v) output duty cycle (%) 0 current sense input voltage (normalized to v th ) 50 100 150 200 250 1.0 2.0 3.0 4.0 5.0 7.0 8.0 10 t hl , bottom drive response time (ns) no load t a = 25 c v cc = 20 v v c = 20 v no load 6.0 9.0 v cc = 20 v v c = 20 v t a = 25 c v cc = 20 v v c = 20 v r t = 4.7 k c t = 10 nf t a = 25 c v cc = 20 v v c = 20 v r l =  c l = 1.0 nf t a = 25 c 0.15 0.1 v cc = 20 v v c = 20 v t a = 25 c
mc33035, ncv33035 http://onsemi.com 7 1.0 output voltage (%) gnd v c ? 2.0 40 0 i o , output load current (ma) 0 0 ?1.0 2.0 80 60 20 , output saturation voltage (v) sat sink saturation (load to v c ) source saturation (load to ground) v cc = 20 v v c = 20 v t a = 25 c v v cc = 20 v v c = 20 v t a = 25 c 50 ns/div v cc = 20 v v c = 20 v c l = 1.0 nf t a = 25 c 100 ns/div v cc = 20 v v c = 20 v r l = 1.0 k c l = 15 pf t a = 25 c figure 13. top drive output saturation voltage versus sink current figure 14. top drive output waveform figure 15. bottom drive output waveform figure 16. bottom drive output waveform 20 0 0 i sink , sink current (ma) 10 30 40 0.4 0.8 1.2 v sat , output saturation voltage (v) figure 17. bottom drive output saturation voltage versus load current 50 ns/div v cc = 20 v v c = 20 v c l = 15 pf t a = 25 c figure 18. power and bottom drive supply current versus supply voltage 16 14 12 10 8.0 6.0 4.0 2.0 0 , power supply current (ma) cc , i 0 5.0 10 15 20 25 30 c i r t = 4.7 k c t = 10 nf pins 3?6, 9, 15, 23 = gnd pins 7, 22 = open t a = 25 c v cc , supply voltage (v) i cc i c 100 0 100 0 100 0 output voltage (%) output voltage (%)
mc33035, ncv33035 http://onsemi.com 8 pin function description pin symbol description 1, 2, 24 b t , a t , c t these three open collector top drive outputs are designed to drive the external upper power switch transistors. 3 fwd/rev the forward/reverse input is used to change the direction of motor rotation. 4, 5, 6 s a , s b , s c these three sensor inputs control the commutation sequence. 7 output enable a logic high at this input causes the motor to run, while a low causes it to coast. 8 reference output this output provides charging current for the oscillator timing capacitor c t and a reference for the error amplifier. it may also serve to furnish sensor power. 9 current sense noninverting input a 100 mv signal, with respect to pin 15, at this input terminates output switch conduction during a given oscillator cycle. this pin normally connects to the top side of the current sense resistor. 10 oscillator the oscillator frequency is programmed by the values selected for the timing components, r t and c t . 11 error amp noninverting input this input is normally connected to the speed set potentiometer. 12 error amp inverting input this input is normally connected to the error amp output in open loop applications. 13 error amp out/pwm input this pin is available for compensation in closed loop applications. 14 fault output this open collector output is active low during one or more of the following conditions: invalid sensor input code, enable input at logic 0, current sense input greater than 100 mv (pin 9 with respect to pin 15), undervoltage lockout activation, and thermal shutdown. 15 current sense inverting input reference pin for internal 100 mv threshold. this pin is normally connected to the bottom side of the current sense resistor. 16 gnd this pin supplies a ground for the control circuit and should be referenced back to the power source ground. 17 v cc this pin is the positive supply of the control ic. the controller is functional over a minimum v cc range of 10 to 30 v. 18 v c the high state (v oh ) of the bottom drive outputs is set by the voltage applied to this pin. the controller is operational over a minimum v c range of 10 to 30 v. 19, 20, 21 c b , b b , a b these three totem pole bottom drive outputs are designed for direct drive of the external bottom power switch transistors. 22 60 /120 select the electrical state of this pin configures the control circuit operation for either 60 (high state) or 120 (low state) sensor electrical phasing inputs. 23 brake a logic low state at this input allows the motor to run, while a high state does not allow motor operation and if operating causes rapid deceleration.
mc33035, ncv33035 http://onsemi.com 9 introduction the mc33035 is one of a series of high performance monolithic dc brushless motor controllers produced by motorola. it contains all of the functions required to implement a full?featured, open loop, three or four phase motor control system. in addition, the controller can be made to operate dc brush motors. constructed with bipolar analog technology, it offers a high degree of performance and ruggedness in hostile industrial environments. the mc33035 contains a rotor position decoder for proper commutation sequencing, a temperature compensated reference capable of supplying a sensor power, a frequency programmable sawtooth oscillator, a fully accessible error amplifier, a pulse width modulator comparator, three open collector top drive outputs, and three high current totem pole bottom driver outputs ideally suited for driving power mosfets. included in the mc33035 are protective features consisting of undervoltage lockout, cycle?by?cycle current limiting with a selectable time delayed latched shutdown mode, internal thermal shutdown, and a unique fault output that can easily be interfaced to a microprocessor controller. typical motor control functions include open loop speed control, forward or reverse rotation, run enable, and dynamic braking. in addition, the mc33035 has a 60 /120 select pin which configures the rotor position decoder for either 60 or 120 sensor electrical phasing inputs. functional description a representative internal block diagram is shown in figure 19 with various applications shown in figures 36, 38, 39, 43, 45, and 46. a discussion of the features and function of each of the internal blocks given below is referenced to figures 19 and 36. rotor position decoder an internal rotor position decoder monitors the three sensor inputs (pins 4, 5, 6) to provide the proper sequencing of the top and bottom drive outputs. the sensor inputs are designed to interface directly with open collector type hall effect switches or opto slotted couplers. internal pull?up resistors are included to minimize the required number of external components. the inputs are ttl compatible, with their thresholds typically at 2.2 v. the mc33035 series is designed to control three phase motors and operate with four of the most common conventions of sensor phasing. a 60 /120 select (pin 22) is conveniently provided and affords the mc33035 to configure itself to control motors having either 60 , 120 , 240 or 300 electrical sensor phasing. with three sensor inputs there are eight possible input code combinations, six of which are valid rotor positions. the remaining two codes are invalid and are usually caused by an open or shorted sensor line. with six valid input codes, the decoder can resolve the motor rotor position to within a window of 60 electrical degrees. the forward/reverse input (pin 3) is used to change the direction of motor rotation by reversing the voltage across the stator winding. when the input changes state, from high to low with a given sensor input code (for example 100), the enabled top and bottom drive outputs with the same alpha designation are exchanged (a t to a b , b t to b b , c t to c b ). in effect, the commutation sequence is reversed and the motor changes directional rotation. motor on/off control is accomplished by the output enable (pin 7). when left disconnected, an internal 25 a current source enables sequencing of the top and bottom drive outputs. when grounded, the top drive outputs turn off and the bottom drives are forced low, causing the motor to coast and the fault output to activate. dynamic motor braking allows an additional margin of safety to be designed into the final product. braking is accomplished by pla cing the brake input (pin 23) in a high state. this causes the top drive outputs to turn off and the bottom drives to turn on, shorting the motor?generated back emf. the brake input has unconditional priority over all other inputs. the internal 40 k pull?up resistor simplifies interfacing with the system safety?switch by insuring brake activation if opened or disconnected. the commutation logic truth table is shown in figure 20. a four input nor gate is used to monitor the brake input and the inputs to the three top drive output transistors. its purpose is to disable braking until the top drive outputs attain a high state. this helps to prevent simultaneous conduction of the the top and bottom power switches. in half wave motor drive applications, the top drive outputs are not required and are normally left disconnected. under these conditions braking will still be accomplished since the nor gate senses the base voltage to the top drive output transistors. error amplifier a high performance, fully compensated error amplifier with access to both inputs and output (pins 11, 12, 13) is provided to facilitate the implementation of closed loop motor speed control. the amplifier features a typical dc voltage gain of 80 db, 0.6 mhz gain bandwidth, and a wide input common mode voltage range that extends from ground to v ref . in most open loop speed control applications, the amplifier is configured as a unity gain voltage follower with the noninverting input connected to the speed set voltage source. additional configurati ons are shown in figures 31 through 35. oscillator the frequency of the internal ramp oscillator is programmed by the values selected for timing components r t and c t . capacitor c t is charged from the reference output (pin 8) through resistor r t and discharged by an internal discharge transistor. the ramp peak and valley voltages are typically 4.1 v and 1.5 v respectively. to provide a good compromise between audible noise and output switching efficiency, an oscillator frequency in the range of 20 to 30 khz is recommended. refer to figure 1 for component selection.
mc33035, ncv33035 http://onsemi.com 10 15 24 20 2 1 21 19 v m top drive outputs bottom drive outputs c b current sense reference input b b a b a t b t c t q s r oscillator error amp pwm thermal shutdown reference regulator lockout undervoltage q r s rotor position decoder brake input figure 19. representative block diagram 60 /120 select output enable c t r t v in 4 10 11 13 8 12 3 17 22 7 6 5 forward/reverse faster noninv. input s a s c s b sensor inputs error amp out pwm input sink only positive true logic with hysteresis = reference output 16 latch latch 23 gnd 14 9 current sense input fault output 20 k 20 k 20 k 40 k 40 k 25 a v cc v c 18 9.1 v 4.5 v 100 mv 40 k inputs (note 2) outputs (note 3) sensor electrical phasing (note 4) top drives bottom drives s a 60 s b s c s a 120 s b s c f/r enable brake current sense a t b t c t a b b b c b fault 1 1 1 0 0 0 0 1 1 1 0 0 0 0 1 1 1 0 1 1 0 0 0 1 0 1 1 1 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 1 0 0 1 1 1 1 1 1 0 0 1 0 0 1 1 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 1 (note 5) f/r = 1 1 1 1 0 0 0 0 1 1 1 0 0 0 0 1 1 1 0 1 1 0 0 0 1 0 1 1 1 0 0 0 0 0 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 1 1 1 1 1 1 0 0 0 0 1 1 1 1 1 0 0 0 0 1 0 1 1 0 0 0 0 0 0 1 1 0 1 1 1 1 1 1 (note 5) f/r = 0 1 0 0 1 1 0 1 0 1 0 1 0 x x x x 0 0 x x 1 1 1 1 1 1 0 0 0 0 0 0 0 0 (note 6) brake = 0 1 0 0 1 1 0 1 0 1 0 1 0 x x x x 1 1 x x 1 1 1 1 1 1 1 1 1 1 1 1 0 0 (note 7) brake = 1 v v v v v v x 1 1 x 1 1 1 1 1 1 1 (note 8) v v v v v v x 0 1 x 1 1 1 1 1 1 0 (note 9) v v v v v v x 0 0 x 1 1 1 0 0 0 0 (note 10)
mc33035, ncv33035 http://onsemi.com 11 v v v v v v x 1 0 1 1 1 1 0 0 0 0 (note 11) notes: 1. v = any one of six valid sensor or drive combinations x = don?t care. 2. the digital inputs (pins 3, 4, 5, 6, 7, 22, 23) are all ttl compatible. the current sense input (pin 9) has a 100 mv threshol d with respect to pin 15. a logic 0 for this input is defined as < 85 mv, and a logic 1 is > 115 mv. 3. the fault and top drive outputs are open collector design and active in the low (0) state. 4. with 60 /120 select (pin 22) in the high (1) state, configuration is for 60 sensor electrical phasing inputs. with pin 22 in low (0) state, configuration is for 120 sensor electrical phasing inputs. 5. valid 60 or 120 sensor combinations for corresponding valid top and bottom drive outputs. 6. invalid sensor inputs with brake = 0; all top and bottom drives off, fault low. 7. invalid sensor inputs with brake = 1; all top drives off, all bottom drives on, fault low. 8. valid 60 or 120 sensor inputs with brake = 1; all top drives off, all bottom drives on, fault high. 9. valid sensor inputs with brake = 1 and enable = 0; all top drives off, all bottom drives on, fault low. 10. valid sensor inputs with brake = 0 and enable = 0; all top and bottom drives off, fault low. 11. all bottom drives off, fault low. figure 20. three phase, six step commutation truth table (note 1) pulse width modulator the use of pulse width modulation provides an energy efficient method of controlling the motor speed by varying the average voltage applied to each stator winding during the commutation sequence. as c t discharges, the oscillator sets both latches, allowing conduction of the top and bottom drive outputs. the pwm comparator resets the upper latch, terminating the bottom drive output conduction when the positive?going ramp of c t becomes greater than the error amplifier output. the pulse width modulator timing diagram is shown in figure 21. pulse width modulation for speed control appears only at the bottom drive outputs. current limit continuous operation of a motor that is severely over?loaded results in overheating and eventual failure. this destructive condition can best be prevented with the use of cycle?by?cycle current limiting. that is, each on?cycle is treated as a separate event. cycle?by?cycle current limiting is accomplished by monitoring the stator current build?up each time an output switch conducts, and upon sensing an over current condition, immediately turning off the switch and holding it off for the remaining duration of oscillator ramp?up period. the stator current is converted to a voltage by inserting a ground?referenced sense resistor r s (figure 36) in series with the three bottom switch transistors (q 4 , q 5 , q 6 ). the voltage developed across the sense resistor is monitored by the current sense input (pins 9 and 15), and compared to the internal 100 mv reference. the current sense comparator inputs have an input common mode range of approximately 3.0 v. if the 100 mv current sense threshold is exceeded, the comparator resets the lower sense latch and terminates output switch conduction. the value for the current sense resistor is: r s  0.1 i stator(max) the fault output activates during an over current condition. the dual?latch pwm configuration ensures that only one single output conduction pulse occurs during any given oscillator cycle, whether terminated by the output of the error amp or the current limit comparator.
mc33035, ncv33035 http://onsemi.com 12 figure 21. pulse width modulator timing diagram current sense input capacitor c t error amp out/pwm input latch set" inputs top drive outputs bottom drive outputs fault output reference the on?chip 6.25 v regulator (pin 8) provides charging current for the os cillator timing capacit or, a reference for the error amplifier, and can supply 20 ma of current suitable for directly powering sensors in low voltage applications. in higher voltage applications, it may become necessary to transfer the power dissipated by the regulator off the ic. this is easily accomplished with the addition of an external pass transistor as shown in figure 22. a 6.25 v reference level was chosen to allow implementation of the simpler npn circuit, where v ref ? v be exceeds the minimum voltage required by hall effect sensors over temperature. with proper transistor selection and adequate heatsinking, up to one amp of load current can be obtained. figure 22. reference output buffers the npn circuit is recommended for powering hall or opto sensors, where the output voltage temperature coefficient is not critical. the pnp circuit is slightly more complex, but is also more accurate over temperature. neither circuit has current limiting. to control circuitry 6.25 v sensor power 5.6 v mps u51a v in mps u01a v in to control circuitry and sensor power 6.25 v uvlo 17 39 ref 8 0.1 ref 8 18 uvlo 17 18 undervoltage lockout a triple undervoltage lockout has been incorporated to prevent damage to the ic and the external power switch transistors. under low power supply conditions, it guarantees that the ic and sensors are fully functional, and that there is sufficient bottom drive output voltage. the positive power supplies to the ic (v cc ) and the bottom drives (v c ) are each monitored by separate comparators that have their thresholds at 9.1 v. this level ensures sufficient gate drive necessary to attain low r ds(on) when driving standard power mosfet devices. when directly powering the hall sensors from the reference, improper sensor operation can result if the reference output voltage falls below 4.5 v. a third comparator is used to detect this condition. if one or more of the comparators detects an undervoltage condition, the fault output is activated, the top drives are turned off and the bottom drive outputs are held in a low state. each of the comparators contain hysteresis to prevent oscillations when crossing their respective thresholds. fault output the open collector fault output (pin 14) was designed to provide diagnostic information in the event of a system malfunction. it has a sink current capability of 16 ma and can directly drive a light emitting diode for visual indication. additionally, it is easily interfaced with ttl/cmos logic for use in a microprocessor controlled system. the fault output is active low when one or more of the following conditions occur: 1) invalid sensor input code 2) output enable at logic [0] 3) current sense input greater than 100 mv 4) undervoltage lockout, activation of one or more of the comparators 5) thermal shutdown, maximum junction temperature being exceeded this unique output can also be used to distinguish between motor start?up or sustained operation in an overloaded condition. with the addition of an rc network between the fault output and the enable input, it is possible to create a time?delayed latched shutdown for overcurrent. the added circuitry shown in figure 23 makes easy starting of motor systems which have high inertial loads by providing additional starting torque, while still preserving overcurrent protection. this task is accomplished by setting the current limit to a higher than nominal value for a predetermined time. during an excessively long overcurrent condition, capacitor c dly will charge, causing the enable input to cross its threshold to a low state. a latch is then formed by the positive feedback loop from the fault output to the output enable. once set, by the current sense input, it can only be reset by shorting c dly or cycling the power supplies.
mc33035, ncv33035 http://onsemi.com 13 drive outputs the three top drive outputs (pins 1, 2, 24) are open collector npn transistors capable of sinking 50 ma with a minimum breakdown of 30 v. interfacing into higher voltage applications is easily accomplished with the circuits shown in figures 24 and 25. the three totem pole bottom drive outputs (pins 19, 20, 21) are particularly suited for direct drive of n?channel mosfets or npn bipolar transistors (figures 26, 27, 28 and 29). each output is capable of sourcing and sinking up to 100 ma. power for the bottom drives is supplied from v c (pin 18). this separate supply input allows the designer added flexibility in tailoring the drive voltage, independent of v cc . a zener clamp should be connected to this input when driving power mosfets in systems where v cc is greater than 20 v so as to prevent rupture of the mosfet gates. the control circuitry ground (pin 16) and current sense inverting input (pin 15) must return on separate paths to the central input source ground. thermal shutdown internal thermal shutdown circuitry is provided to protect the ic in the event the maximum junction temperature is exceeded. when activated, typically at 170 c, the ic acts as though the output enable was grounded. t dly  r dly c dly in  v ref ?(i il enable r dly ) v th enable ? (i il enable r dly )  figure 23. timed delayed latched over current shutdown 24 20 2 1 21 ref uvlo reset pos dec 4 8 3 17 22 7 6 5 14 v m c dly 25 a load figure 24. high voltage interface with npn power transistors transistor q 1 is a common base stage used to level shift from v cc to the high motor voltage, v m . the collector diode is required if v cc is present while v m is low. q 2  r dly c dly in  6.25 ? (20 x 10 ?6 r dly ) 1.4 ? (20 x 10 ?6 r dly )  24 20 2 1 21 rotor position decoder 14 v m 19 q 1 v cc q 3 q 4 r dly 18
mc33035, ncv33035 http://onsemi.com 14 figure 25. high voltage interface with n?channel power mosfets figure 26. current waveform spike suppression the addition of the rc filter will eliminate current?limit instability caused by th e leading edge spike on the current waveform. resistor r s should be a low in - ductance type. load 24 20 2 1 21 rotor position decoder 14 v m = 170 v 19 v cc = 12 v q 4 1 2 4 5 6 moc8204 optocoupler 1n4744 1.0 k 4.7 k 1.0 m v boost 15 20 21 19 brake input 23 9 r s r c 40 k 100 mv figure 27. mosfet drive precautions figure 28. bipolar transistor drive t + 0 ? i b base charge removal c c c series gate resistor r g will dampen any high frequency oscillations caused by the mosfet input capacitance and any series wiring induction in the gate?source circuit. diode d is required if the negative current into the bot- tom drive outputs exceeds 50 ma. the totem?pole output can furnish negative base current for enhanced tran- sistor turn?off, with the addition of capacitor c. 15 20 21 19 brake input 23 9 d = 1n5819 40 k 100 mv r g r g r g d d d 15 20 21 19 brake input 23 9 40 k 100 mv
mc33035, ncv33035 http://onsemi.com 15 figure 29. current sensing power mosfets figure 30. high voltage boost supply d g s r s m k sensefet virtually lossless current sensing can be achieved with the implementation of sensefet power switches. v pin 9  r s  i pk  r ds(on) r dm(on)  r s power ground: to input source return if: sensefet = mpt10n10m r s = 200 , 1/4 w then : v pin 9 0.75 i pk 16 gnd control circuitry ground (pin 16) and current sense inverting input (pin 15) must return on separate paths to the central input source ground. 15 20 21 19 9 100 mv this circuit generates v boost for figure 25. 1.0/200 v v boost * 22 1 * 1n5352a mc1555 5 2 6 0.001 18 k 3 v m + 12 v cc = 12 v 4 v m = 170 v r s q * = mur115 8 boost current (ma) v m + 4.0 40 7 60 20 v m + 8.0 boost voltage (v) 0 figure 31. differential input speed controller figure 32. controlled acceleration/deceleration r 4 r 2 r 1 r 3 13 v b v a ref pwm ea 8 7 11 12 v pin 13  v a  r 3  r 4 r 1  r 2  r 2 r 3   r 4 r 3 v b  resistor r 1 with capacitor c sets the acceleration time constant while r 2 controls the deceleration. the values of r 1 and r 2 should be at least te n times greater than the speed set potentiometer to minimize time constan t variations with dif ferent speed settings. r 1 ea r 2 8 pwm c enable increase speed 7 12 11 13 ref 25 a 25 a
mc33035, ncv33035 http://onsemi.com 16 pwm ea 8 7 11 the sn74ls145 is an open collector bcd to one of ten decoder. when con- nected as shown, input codes 0000 through 1001 steps the pwm in incre- ments of approximately 10% from 0 to 90% on?time. input codes 1010 through 1111 will produce 100% on?time or full motor speed. figure 33. digital speed controller figure 34. closed loop speed control 16 v cc gnd q 0 2 40.4 k 8 p0 bcd inputs q 9 q 8 q 7 q 6 q 5 q 4 q 3 q 2 q 1 p3 p2 p1 100 k 1 51.3 k 3 4 5 6 7 63.6 k 77.6 k 92.3 k 108 k 9 126 k 11 145 k 166 k 10 5.0 v sn74ls145 ref 15 14 13 12 25 a 13 12 13 ref pwm ea 8 7 11 12 the rotor position sensors can be used as a tachometer. by differentiatin g the positive?going edges and then integrating them over time, a voltag e proportional to speed can be generated. the error amp compares this vo lt- age to that of the speed set to control the pwm. 0.22 1.0 m 0.1 100 k 0.01 10 k 10 k 1.0 m to sensor input (pin 4) 25 a 13 ref pwm ea 8 7 11 12 this circuit can control the speed of a cooling fan proportional to the dif ference between the sensor and set temperatures. the control loop is closed as the forced air cools the ntc thermistor . for controlled heating applications, ex- change the positions of r 1 and r 2 . figure 35. closed loop temperature control t r 1 r 6 r 5 r 2 r 3 r 4 v b  v ref  r 5 r 6  1  r 3 r 5
r 6 v pi n 3  v ref  r 3  r 4 r 1  r 2  r 2 r 3   r 4 r 3 v b  25 a
mc33035, ncv33035 http://onsemi.com 17 system applications three phase motor commutation the three phase application shown in figure 36 is a full?featured open loop motor controller with full wave, six step drive. the upper power switch transistors are darlingtons while the lower devices are power mosfets. each of these devices contains an internal parasitic catch diode that is used to return the stator inductive energy back to the power supply. the outputs are capable of driving a delta or wye connected stator, and a grounded neutral wye if split supplies are used. at any given rotor position, only one top and one bottom power switch (of different totem poles) is enabled. this configuration switches both ends of the stator winding from supply to ground which causes the current flow to be bidirectional or full wave. a leading edge spike is usually present on the current waveform and can cause a current?limit instability. the spike can be eliminated by adding an rc filter in series with the current sense input. using a low inductance type resistor for r s will also aid in spike reduction. care must be taken in the selection of the bottom power switch transistors so that the current during braking does not exceed the device rating. during braking, the peak current generated is limited only by the series resistance of the conducting bottom switch and winding. i peak  v m  emf r switch  r winding if the motor is running at maximum speed with no load, the generated back emf can be as high as the supply voltage, and at the onset of braking, the peak current may approach twice the motor stall current. figure 37 shows the commutation waveforms over two electrical cycles. the first cycle (0 to 360 ) depicts motor operation at full speed while the second cycle (360 to 720 ) shows a reduced speed with about 50% pulse width modulation. the current waveforms reflect a constant torque load and are shown synchronous to the commutation frequency for clarity. figure 36. three phase, six step, full wave motor controller r s r c q 5 q 6 q 4 v m s motor a q 3 s c b q 1 q 2 enable q s c t r r t oscillator error amp pwm thermal shutdown reference regulator lockout undervoltage v m fwd/rev q r s faster speed set rotor position decoder 60 /120 brake 4 8 3 17 22 7 6 5 18 13 11 12 10 24 20 2 1 21 14 9 19 15 fault ind. gnd 16 23 25 a i limit n n
mc33035, ncv33035 http://onsemi.com 18 figure 37. three phase, six step, full wave commutation waveforms rotor electrical position (degrees) 100 000 001 011 111 110 100 000 001 011 111 110 720 660 600 540 480 420 360 300 240 180 120 60 0 s a s b s c code s c s b code s a sensor inputs 60 /120 select pin open sensor inputs 60 /120 select pin grounded a b b b q 2 + q 6 c b q 2 + q 4 q 3 + q 4 q 3 + q 5 q 1 + q 5 q 1 + q 6 bottom drive outputs q 2 + q 6 q 2 + q 4 q 3 + q 4 q 3 + q 5 motor drive current b fwd/rev = 1 c ? o + ? o + conducting power switch transistors q 1 + q 5 top drive outputs q 1 + q 6 a b t a t c t ? o + 100 110 001 011 001 011 110 100 010 010 101 101 reduced speed ( 50% pwm) full speed (no pwm)
mc33035, ncv33035 http://onsemi.com 19 figure 38 shows a three phase, three step, half wave motor controller. this configuration is ideally suited for automotive and other low voltage applications since there is only one power switch voltage drop in series with a given stator winding. current flow is unidirectional or half wave because only one end of each winding is switched. continuous braking with the typical half wave arrangement presents a motor overheating problem since stator current is limited only by the winding resistance. this is due to the lack of upper power switch transistors, as in the full wave circuit, used to disconnect the windings from the supply voltage v m . a unique solution is to provide braking until the motor stops and then turn off the bottom drives. this can be accomplished by using the fault output in conjunction with the output enable as an over current timer. components r dly and c dly are selected to give the motor suf ficient time to stop before latching the output enable and the top drive and gates low. when enabling the motor, the brake switch is closed and the pnp transistor (along with resistors r 1 and r dly ) are used to reset the latch by discharging c dly . the stator flyback voltage is clamped by a single zener and three diodes. figure 38. three phase, three step, half wave motor controller motor 9 24 20 q s c t r r t oscillator gnd i limit error amp pwm thermal shutdown reference regulator lockout undervoltage v m 4 2 1 21 16 10 11 13 8 12 3 17 22 7 6 5 fwd/rev q r s 19 faster 60 /120 s s v m speed set rotor position decoder 18 brake 15 14 23 c dly r dly r 2 r 1 25 a n n
mc33035, ncv33035 http://onsemi.com 20 three phase closed loop controller the mc33035, by itself, is only capable of open loop motor speed control. for closed loop motor speed control, the mc33035 requires an input voltage proportional to the motor speed. traditionally, this has been accomplished by means of a tachometer to generate the motor speed feedback voltage. figure 39 shows an application whereby an mc33039, powered from the 6.25 v reference (pin 8) of the mc33035, is used to generate the required feedback voltage without the need of a costly tachometer. the same hall sensor signals used by the mc33035 for rotor position decoding are utilized by the mc33039. every positive or negative going transition of the hall sensor signals on any of the sensor lines causes the mc33039 to produce an output pulse of defined amplitude and time duration, as determined by the external resistor r 1 and capacitor c 1 . the output train of pulses at pin 5 of the mc33039 are integrated by the error amplifier of the mc33035 configured as an integrator to produce a dc voltage level which is proportional to the motor speed. this speed proportional voltage establishes the pwm reference level at pin 13 of the mc33035 motor controller and closes the feedback loop. the mc33035 outputs drive a tmos power mosfet 3?phase bridge. high currents can be expected during conditions of start?up, breaking, and change of direction of the motor. the system shown in figure 39 is designed for a motor having 120/240 degrees hall sensor electrical phasing. the system can easily be modified to accommodate 60/300 degree hall sensor electrical phasing by removing the jumper (j 2 ) at pin 22 of the mc33035. figure 39. closed loop brushless dc motor control using the mc33035 and mc33039 motor tp 2 0.05/1.0 w 0.1 33 tp 1 1.0 k v m (18 to 30 v) 1000 0.1 1.1 k close loop 0.1 1.0 m 0.01 speed faster 4.7 k f/r brake 1.0 k 470 470 470 1n5819 1.1 k 1.1 k 1.0 k 1 2 3 4 8 7 6 5 1 2 3 4 9 5 6 7 8 10 24 23 22 21 20 19 18 17 16 15 mc33035 mc33039 1.0 m r 1 750 pf c 1 10 k s s j 2 100 k 100 11 12 14 13 5.1 k enable j 1 330 47 f 1n5355b 18 v 2.2 k 0.1 1n4148 latch on fault fault reset n n 2.2 k
mc33035, ncv33035 http://onsemi.com 21 sensor phasing comparison there are four conventions used to establish the relative phasing of the sensor signals in three phase motors. with six step drive, an input signal change must occur every 60 electrical degrees; however, the relative signal phasing is dependent upon the mechanical sensor placement. a comparison of the conventions in electrical degrees is shown in figure 40. from the sensor phasing table in figure 41, note that the order of input codes for 60 phasing is the reverse of 300 . this means the mc33035, when configured for 60 sensor electrical phasing, will operate a motor with either 60 or 300 sensor electrical phasing, but resulting in opposite directions of rotation. the same is true for the part when it is configured for 120 sensor electrical phasing; the motor will operate equally, but will result in opposite directions of rotation for 120 for 240 conventions. figure 40. sensor phasing comparison rotor electrical position (degrees) 300 240 720 660 600 540 480 420 360 300 240 180 120 60 0 s b s a 120 60 s c s a s b s c s c s b s a s c s b s a sensor electrical phasing sensor electrical phasing (degrees) 60 120 240 300 s a s b s c s a s b s c s a s b s c s a s b s c 1 0 0 1 0 1 1 1 0 1 1 1 1 1 0 1 0 0 1 0 0 1 1 0 1 1 1 1 1 0 1 0 1 1 0 0 0 1 1 0 1 0 0 0 1 0 0 0 0 0 1 0 1 1 0 1 1 0 0 1 0 0 0 0 0 1 0 1 0 0 1 1 figure 41. sensor phasing table in this data sheet, the rotor position is always given in electrical degrees since the mechanical position is a function of the number of rotating magnetic poles. the relationship between the electrical and mechanical position is: electrical degrees  mechanical degrees  #rotor poles 2  an increase in the number of magnetic poles causes more electrical revolutions for a given mechanical revolution. general purpose three phase motors typically contain a four pole rotor which yields two electrical revolutions for one mechanical. two and four phase motor commutation the mc33035 is also capable of providing a four step output that can be used to drive two or four phase motors. the truth table in figure 42 shows that by connecting sensor inputs s b and s c together, it is possible to truncate the number of drive output states from six to four. the output power switches are connected to b t , c t , b b , and c b . figure 43 shows a four phase, four step, full wave motor control application. power switch transistors q 1 through q 8 are darlington type, each with an internal parasitic catch diode. with four step drive, only two rotor position sensors spaced at 90 electrical degrees are required. the commutation waveforms are shown in figure 44. figure 45 shows a four phase, four step, half wave motor controller. it has the same features as the circuit in figure 38, except for the deletion of speed control and braking. mc33035 (60 /120 select pin open) inputs outputs sensor electrical spacing* = 90 top drives bottom drives s a s b f/r b t c t b b c b 1 1 0 0 0 1 1 0 1 1 1 1 1 0 1 1 1 1 0 1 0 0 0 1 1 0 0 0 1 1 0 0 0 1 1 0 0 0 0 0 1 1 1 0 0 1 1 1 0 1 0 0 0 0 1 0 *with mc33035 sensor input s b connected to s c . figure 42. two and four phase, four step, commutation truth table
mc33035, ncv33035 http://onsemi.com 22 c t r t v m enable fwd/rev 10 13 12 11 8 17 7 22 3 6 5 4 9 19 20 lockout 21 rotor undervoltage 24 1 motor 2 reference thermal oscillator gnd 16 q 5 q 1 q 2 q 6 q 7 q 3 q 4 q 8 v m r c r s position decoder shutdown regulator error amp pwm i limit s r q r s q a b d c s s 18 15 14 23 25 a fault ind. n n figure 43. four phase, four step, full wave motor controller
mc33035, ncv33035 http://onsemi.com 23 conducting power switch transistors a s a s b code q 3 + q 5 rotor electrical position (degrees) fwd/rev = 1 ? o + ? ? d c + o ? o + b + c b o b b c t b t q 2 + q 8 q 1 + q 7 q 4 + q 6 q 3 + q 5 q 2 + q 8 q 1 + q 7 q 4 + q 6 00 01 11 10 00 01 10 10 motor drive current bottom drive outputs top drive outputs sensor inputs 60 /120 select pin open 180 270 360 450 540 630 720 090 figure 44. four phase, four step, full wave motor controller full speed (no pwm)
mc33035, ncv33035 http://onsemi.com 24 r v m r s motor s n c t r t v m enable fwd/rev 10 13 12 11 8 17 7 22 3 6 5 4 9 19 20 lockout 21 rotor undervoltage 24 1 2 reference thermal oscillator gnd 16 position decoder shutdown regulator error amp pwm i limit s r q r s q 18 15 14 23 brake 25 a fault ind. c n s figure 45. four phase, four step, half wave motor controller
mc33035, ncv33035 http://onsemi.com 25 brush motor control though the mc33035 was designed to control brushless dc motors, it may also be us ed to control dc brush type motors. figure 46 shows an application of the mc33035 driving a mosfet h?bridge affording minimal parts count to operate a brush?type motor. key to the operation is the input sensor code [100] which produces a top?left (q 1 ) and a bottom?right (q 3 ) drive when the controller?s forward/reverse pin is at logic [1]; top?right (q 4 ), bottom?left (q 2 ) drive is realized when the forward/reverse pin is at logic [0]. this code supports the requirements necessary for h?bridge drive accomplishing both direction and speed control. the controller functions in a normal manner with a pulse width modulated frequency of approximately 25 khz. motor speed is controlled by adjusting the voltage presented to the noninverting input of the error amplifier establishing the pwm?s slice or reference level. cycle?by?cycle current limiting of the motor current is accomplished by sensing the voltage (100 mv) across the r s resistor to ground of the h?bridge motor current. the over current sense circuit makes it possible to reverse the direction of the motor, using the normal forward/reverse switch, on the fly and not have to completely stop before reversing. layout considerations do not attempt to construct any of the brushless motor control circuits on wire?wrap or plug?in prototype boards. high frequency printed circuit layout techniques are imperative to prevent pulse jitter. this is usually caused by excessive noise pick?up imposed on the current sense or error amp inputs. the printed circuit layout should contain a ground plane with low current signal and high drive and output buf fer grounds returning on separate paths back to the power supply input filter capacitor v m . ceramic bypass capacitors (0.1 f) connected close to the integrated circuit at v cc , v c , v ref and the error amp noninverting input may be required depending upon circuit layout. this provides a low impedance path for filtering any high frequency noise. all high current loops should be kept as short as possible using heavy copper runs to minimize radiated emi.
mc33035, ncv33035 http://onsemi.com 26 9 24 20 q s 0.005 r 10 k oscillator gnd i limit error amp pwm thermal shutdown reference regulator lockout undervoltage +12 v 4 2 1 21 16 10 11 13 8 12 3 17 22 7 6 5 fwd/rev q r s 19 faster rotor position decoder 18 brake 15 14 23 25 a figure 46. h?bridge brush?type controller r s 1.0 k 0.001 22 22 dc brush motor m +12 v 1.0 k 1.0 k q 1 * q 2 * q 4 * q 3 * enable 10 k fault ind. 20 k
mc33035, ncv33035 http://onsemi.com 27 ordering information device operating temperature range package shipping ? mc33035dw t a = ?40 c to +85 c so?24l 30 units / rail MC33035DWG so?24l (pb?free) 30 units / rail mc33035dwr2 so?24l 1000 tape & reel mc33035dwr2g so?24l (pb?free) 1000 tape & reel mc33035p plastic dip 15 units / tube mc33035pg plastic dip (pb?free) 15 units / tube ncv33035dwr2* t a = ?40 c to +125 c so?24l 1000 tape & reel ncv33035dwr2g* so?24l (pb?free) 1000 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. *ncv33035: t low = ?40c, t high = +125c. guaranteed by design. ncv prefix is for automotive and other applications requiring site and change control. pdip?24 p suffix case 724 1 24 mc33035p awlyywwg marking diagrams a = assembly location wl = wafer lot yy = year ww = work week g = pb?free package 24 1 mc33035dw awlyywwg so?24 dw suffix case 751e 24 1 ncv33035dw awlyywwg
mc33035, ncv33035 http://onsemi.com 28 package dimensions p suffix plastic package case 724?03 issue d min min max max inches millimeters dim 1.265 0.270 0.175 0.020 0.060 0.012 0.140 15 0.040 0.050 bsc 0.100 bsc 0.300 bsc 1.27 bsc 2.54 bsc 7.62 bsc a b c d e f g j k l m n 31.25 6.35 3.69 0.38 1.02 0.18 2.80 0 0.51 32.13 6.85 4.44 0.51 1.52 0.30 3.55 15 1.01 1.230 0.250 0.145 0.015 0.040 0.007 0.110 0 0.020 notes: 1. chamfered contour optional. 2. dimension l to center of leads when formed parallel. 3. dimensioning and tolerancing per ansi y14.5m, 1982. 4. controlling dimension: inch. 112 13 24 -a- -b- c k n -t- seating plane g e f d 24 pl j 24 pl m note 1 l 0.25 (0.010) t a m m 0.25 (0.010) t b m m dw suffix plastic package case 751e?04 (so?24l) issue e t 0.010 (0.25) a b m s s min min max max millimeters inches dim a b c d f g j k m p r 15.25 7.40 2.35 0.35 0.41 0.23 0.13 0 10.05 0.25 15.54 7.60 2.65 0.49 0.90 0.32 0.29 8 10.55 0.75 0.601 0.292 0.093 0.014 0.016 0.009 0.005 0 0.395 0.010 0.612 0.299 0.104 0.019 0.035 0.013 0.011 8 0.415 0.029 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.13 (0.005) total in excess of d dimension at maximum material condition. -a- -b- 112 24 13 -t- c k seating plane r x 45 g 22 pl p 12 pl 0.010 (0.25) b m m f j m d 24 pl on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mc33035/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC33035DWG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X