Part Number Hot Search : 
S3P72H8 CPDK24V MH16S HZS7A1 24006 74LS02 20060 HD61602R
Product Description
Full Text Search
 

To Download MBRF1045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 116 - features  plastic material used c arries underwriters laboratory classifications 94v-0  metal silicon junction, majority carrier conduction  low power loss, high efficiency  high current capability, low forward voltage drop  high surge capability  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  guardring for overvoltage protection  high temperature soldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data  cases: ito-220ab molded plastic  terminals: pure tin plated, lead free. solderable per mil-std-750, method 2026  polarity: as marked  mounting position: any  mounting torque: 5 in. - lbs. max  weight: 0.08 ounce, 2.24 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unle ss otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mbrf 1035 ct mbrf 1045 ct mbrf 1050 ct mbrf 1060 ct mbrf 1090 ct mbrf 10100 ct mbrf 10150 ct units maximum recurrent peak reverse voltage v rrm 35 45 50 60 90 100 150 v maximum rms voltage v rms 24 31 35 42 63 70 105 v maximum dc blocking voltage v dc 35 45 50 60 90 100 150 v maximum average forward rectified current at t c =133 o c i (av) 10 a peak repetitive forward current (rated v r , square wave, 20khz) at tc=133 o c i frm 10.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 120 a peak repetitive reverse surge current (note 1) i rrm 0.5 a maximum instantaneous forward voltage at (note 2) i f = 5a, tc=25 o c i f = 5a, tc=125 o c i f =10a, tc=25 o c i f =10a, tc=125 o c v f 0.70 0.57 0.80 0.67 0.80 0.65 0.90 0.75 0.85 0.75 0.95 0.85 0.88 0.78 0.98 0.88 v 0.1 maximum instantaneous reverse current at rated dc blocking voltage @tc=25 o c @ tc=125 o c i r 15 10 0.1 5.0 ma ma voltage rate of change, (rated v r ) dv/dt 10,000 v/us rms isolation voltage (t=1.0 second, r.h. Q 30%, t a =25 o c) (note 4) (note 5) (note 6) v iso 4500 3500 1500 v t y pical thermal resistance per le g (note3) r jc 3.5 o c/w operating junction temperature range t j -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. 2.0 us pulse width, f=1.0 khz 2. pulse test: 300us pulse width, 1% duty cycle 3. thermal resistance from junction to case per leg. 4. clip mounting (on case), where lead does not overlap heatsink with 0.110? offset. 5. clip mounting (on case), where leads do overlap heatsink. 6. screw mounting with 4-40 screw, w here washer diameter is 4.9 mm (0.19?) Q mbrf1035ct - mbrf10150ct isolated 10.0 amps. schottky barrier rectifiers < = http://www.luguang.cn mail:lge@luguang.cn 1 3 2 pi n 16 . 5 0. 3 10. 2 0. 2 1 5 .0 0 .5 4. 0 0. 3 1 3 .5 0 .5 2. 6 0. 1 5 1. 4 0 . 1 0. 6 0. 1 4. 5 0 . 2 3. 1 +0 . 2 -0 . 1 |? 3 . 3 0 . 1 ?3 . 2 0 . 2 8. 2 0. 2 2. 6 0 . 2 0. 6 0. 1 ito - 220ab dimensions in millimeters
fig.2- maximum non-repetitive forward surge current p e a k f o r w a r d s u r g e c u r r e n t . ( a ) 1 10 100 180 150 120 90 60 30 0 number of cycles at 60hz fig.3- typical instant aneous forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t . ( a ) 1.1 0.9 0.7 1.3 1.0 0.8 0.6 1.2 0.1 1 10 40 forward volt age. (v) fig.4- typical reverse characteristics i n s t a n t a n e o u s r e v e r s e c u r r e n t . ( m a ) 0 20 40 60 80 100 120 140 percent of rated peak reverse volt age. (%) 0.001 0.1 0.01 1 10 50 fig.6- typical transient thermal characteristics per leg o t r a n s i e n t t h e r m a l i m p e d a n c e . ( c / w ) 1 0.01 0.1 10 100 0.1 10 1 100 t, pulse duration. (sec) fig.5- typical junction capacit ance j u n c t i o n c a p a c i t a n c e . ( p f ) 0.1 1 10 100 100 1,000 5,000 reverse voltage. (v) 0 tj=25c f=1.0mhz vsig=50m vp-p fig.1- forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t . ( a ) 0 50 100 150 12 10 8 6 4 2 0 o case temperature. ( c) resistive or inductive load 500 tj=tj max. 8.3ms single half sine-wave jedec method 0 tj=75 c 0 tj=125 c 0 tj=25 c 20 4 2 0.4 0.2 mbrf1035ct-1045ct mbrf10150ct mbrf1090ct-10100ct mbrf1050ct-1060ct 0 tj=25 c pulse width-300 s 1% duty cycle 100 http://www.luguang.cn mail:lge@luguang.cn mbrf1035ct - mbrf10150ct


▲Up To Search▲   

 
Price & Availability of MBRF1045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X