Part Number Hot Search : 
MAX9321 SP8481JS SK10100C G510220 MP6KE36A 300N0 3G3FV EUA6204A
Product Description
Full Text Search
 

To Download MBRF1045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2008. 5. 13 1/2 semiconductor technical data MBRF1045CT schottky barrier type diode revision no : 2 switching type power supply application. converter & chopper application. features average output rectified current : i o =10a. repetitive peak reverse voltage : v rrm =45v. fast reverse recovery time : t rr =35ns. maximum rating (ta=25 ) to-220is (1) a a b b c c d d e e f f g g h h 1.47 max 1.47 max j j k k l m l n nn o o q 1. anode 2. cathode 3. anode r q r 123 m dim millimeters 10.16 0.2 + _ 15.87 0.2 + _ 2.54 0.2 + _ 0.8 0.1 + _ 3.18 0.1 + _ 0.5 0.1 + _ 3.23 0.1 + _ 13.0 0.5 + _ 2.54 0.2 + _ 4.7 0.2 + _ 6.68 0.2 + _ 2.76 0.2 + _ 3.3 0.1 + _ 12.57 0.2 + _ electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =5a - - 0.7 v repetitive peak reverse current (note) i rrm v rrm =rated - - 150 reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 4.0 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 45 v average output rectified current (note) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 150 storage temperature range t stg -55 150 note : average forward current of centertap full wave connection. note : a value of one cell 3 1 2
2008. 5. 13 2/2 MBRF1045CT revision no : 2 reverse current i r ( a) reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) 0 0.2 0.5 0.4 0.6 0.8 1.0 1.2 1.0 3.0 5.0 10 30 50 10 20 30 40 50 0.01 0.1 1.0 10 100 j t =25 c t =25 c j average forward current i f(av) (a) average forward current i f(av) (a) i f - t c i f - t a p f(av) (w) average forward current i f(av) (a) p f(av) - i f(av) average forward power dissipation case temperature tc ( c) ambient temperature t a ( c) 0 0 0 0 0 100 120 2.0 dc 40 80 120 160 dc dc 4.0 8.0 12 2.0 4.0 dc 6.0 8.0 130 140 150 160 110 4.0 6.0 8.0 10 12 14 16 2 20 60 100 140 4 6 8 10 12 14 16 rated voltage applied (no heat sink) ja r =16 c/w ja r =60 c/w rated voltage r = 4.0 c/w applied jc


▲Up To Search▲   

 
Price & Availability of MBRF1045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X