Part Number Hot Search : 
TSOP2237 SA702 TA8745EN TN2410L 1210E RF102 TDA9965 00050
Product Description
Full Text Search
 

To Download JANTXV1N3155-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8.4 volt temperatur e compensat ed zener reference diodes scottsd a l e division 1n3154 thru 1n3157, a, -1 w w w . mi c r o s e m i . c o m 1 n 3 1 5 4 - 1 n 3 1 5 7 a - 1 n 3 1 5 7 a descripti on appeara n c e the po pula r 1n31 54 thru 1n3 157a seri es of ze ro-tc reference dio d e s provide s a se lection of 8.4 v nominal vol t ages and te mperature co efficients to as low a s 0. 001 %/ o c for minimal voltage ch ang e with tempera t ure wh en operated at 10.0 ma. these gla ss a x ia l-lead ed do-7 referen c e diode s are also availabl e in ja n, jantx, and ja ntxv military qualifications. micro s emi also offers n u merou s oth e r ze ne r referen c e dio d e pro duct s for a variety of other voltage s from 6.2 v to 200 v. do-7 (do-204aa) import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? jedec reg i ste r ed 1n 315 4 thr u 1n3 1 5 7 a ser i es ? standar d refer ence vo ltag e of 8.4v + / - 5% w i th tighter toler anc es avai lab l e ? 1n3 154, 3 155, 3156, a nd 31 5 7 also h a ve mil i tar y qua lificati on to mil-prf - 195 0 0 /158 u p to the jant xv level b y add in g jan, jant x, or jant xv prefi x es to part numbers as w e ll as ?-1? suffi x, e.g. jant x1n3 157 -1, etc. ? internal meta ll urgic a l bo nds ? jans equiv a le nt avail abl e via scd ? radi atio n har d ene d dev ices a v aila bl e b y c h a ngi ng 1n prefi x to r h , e.g. rh315 6, rh31 57, rh 315 7a, etc. also consult factor y for ? rh? data sh eet broch u re ? provid es mini mal volta ge ch ang es over a b r oad temperatur e ra nge ? f o r instrument ation a nd oth e r circuit desi gns requ irin g a stable vo ltag e referenc e ? maximum tem peratur e coeffi cient sel e ction s avail a b l e from 0.01%/oc to 0. 001 %/oc ? t i ght reference voltage tol e ra nces at the 8.4 v nomi nal is av ai labl e b y a ddi ng toleranc e 1%, 2%, 3%, etc. after the part num ber for identificati o n e.g. 1n3 156- 2%, 1 n 31 57a-1 %, 1 n 31 57-1- 1%, e t c. ? f l exibl e a x i a l-l ead mo unti ng termina ls ? nons ensitiv e to esd per mil - st d-750 method 1 0 2 0 max i mu m rat ing s mechan ic al an d pa ckagin g ? operatin g & storag et empera t ure: -65 o c to +175 o c ? dc po w e r d i ss ipati on: 500 m w @ t l = 25 o c and maximum curr ent i zm of 55 ma. not e : f o r optimum voltag e-temper ature stabi lit y , i z = 10.0 ma (less than 90 mw in dissi pated p o w e r) ? sold er temper atures: 260 o c for 10 s (max i mum) ? case: hermetically sealed glass case w i th do-7 (d o-2 0 4 aa) pa cka ge ? t e rminals: t i n-lead pl ated and sol der abl e per mil-st d-750, method 2 0 2 6 ? marking: part number an d cathod e ba nd ? polarit y : r e ferenc e di ode to be oper ated w i th the ban de d en d positiv e w i th respect to the opp osite e nd ? t ape & reel optio n: standa rd per eia-296 (add ?t r? suffix to part number) ? w e igh t : 0.2 grams. ? see pack a g e d i mensi ons o n l a st page m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 3 8-20-2 003 rev a
8.4 volt temperatur e compensat ed zener reference diodes scottsd a l e division 1n3154 thru 1n3157, a, -1 w w w . mi c r o s e m i . c o m 1 n 3 1 5 4 - 1 n 3 1 5 7 a *electric a l ch ara cteri s tic s @ 25 o c, u n less otherwise specified zener vo lt a g e v z @ i zt (no t e 1) zener test curren t i zt ma x i m u m zener imped a n ce (no t e 2) z zt ma x i m u m reverse curren t i r @ 5.5 v vo lt a g e temper a t ure st a b ili t y (no t e 3 & 4 ) ? v zt ma x i m u m temper a t ure ra n g e effective temper a t ure coef ficien t vz jedec type numbers (no t es 1, 5 & 6) vo l t s m a o h m s a mv o c % / o c 1n3 154 1n3 154 a 8.00-8.8 0 8.00-8.8 0 10 10 15 15 10 10 130 172 -55 to + 100 -55 to + 150 0.01 0.01 1n3 155 1n3 155 a 8.00-8.8 0 8.00-8.8 0 10 10 15 15 10 10 65 86 -55 to + 100 -55 to + 150 0.005 0.005 1n3 156 1n3 156 a 8.00-8.8 0 8.00-8.8 0 10 10 15 15 10 10 26 34 -55 to + 100 -55 to + 150 0.002 0.002 1n3 157 1n3 157 a 8.00-8.8 0 8.00-8.8 0 10 10 15 15 10 10 13 17 -55 to + 100 -55 to + 150 0.001 0.001 *j ede c regis t ered data. notes: 1. w hen ordering d e vices w i th tighter tolerance than specifi ed, add a h y phen ated suffix to the p a rt num ber for desired to leranc e, e.g. 1n3 156 -2%, 1 n 3157a -1 %, 1n31 57-1 - 1% , etc. 2. measured b y sup e rimposing 1. 0 m a ac rms on 10 ma dc @ 25 o c. 3. the ma ximum allowable change o b served over the entire te mpe r atu r e rang e i.e., the diode voltage w ill not exceed t he specified mv cha nge at an y discrete temperat ure b e tween the estab lished lim its. 4. voltage measure m ents to be perf o rmed 15 secon d s after application of dc current. 5. the 1n3 154, 1n 3155, 1n31 56, a nd 1n3157 also have military qua lificat ion to mil-p r f-19 500/158 u p to the jantxv level by adding jan, jantx, or jantxv p r efix to pa rt num bers as w e ll as ?- 1? suffix, e.g. ja ntx1n31 56-1, j a ntxv1n315 7- 1, etc. 6. designate radiat ion hardene d de vices w i th ?rh? p r efix instead of ?i n?, i.e. rh3 157a instead of 1n31 57a. graphs change in tempe r ature coefficient (mv/ o c) the curve shown in figure 1 is typical of the diode series and greatly sim p lifies the estim a tion of the te m p e r atur e coefficient (tc ) when t he di ode is operated at currents othe r than 10 m a . exam ple: a di ode in this series is operated at a current of 10m a a nd has s pecified tem p er ature co efficient (tc ) lim its of +/-0.005% / o c. t o obtain the typical temperat ure coefficient lim its for this sam e diode oper at ed at a curr ent of 7.5m a, the new tc li m i ts (% / o c) can be estimated using the gr aph in figu re 1. a t a test current of 7.5 m a the cha nge in te m p e r at ure coefficient (tc ) is approximately ?0.0012%. o c. the algeb raic sum of +/ - 0.005% o c and ? 0 .0012%/ o c give s the new estim a ted lim its of +0.0038%/o c an d -0.0062 %/oc. change in tempe r ature coefficient (%/ o c) i z ? ope r ating curr ent (m a) figure 1 typical change of temperature coeffi cient with cha nge in operating curre nt. m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ? 200 3 8-20-2 003 rev a
8.4 volt temperatur e compensat ed zener reference diodes m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? 200 3 8-20-2 003 rev a w w w . mi c r o s e m i . c o m scottsd a l e division 1n3154 thru 1n3157, a, -1 1 5 4 - 1 n 3 1 5 7 a - 1 n 3 1 5 7 a this curve in figure 2 illustrates the change of diode voltage arising from t he eff e ct of im pedance. it is in effect, an exploded view of the z e n e r ope rati ng region of th e i - v characteristic. in conjunction with figur e 1, t h is curve can be used to estim a te total voltage regu lation under conditions of both varying tem p er ature and current. ? v z ? ch ange in zener voltag e ( m v) i z ? ope r ating c u rrent (ma) figure 2 typical change of ze ner voltage with cha nge in operating current. dimen s io ns n 3 1 mm all dimensio n s i n i n c h


▲Up To Search▲   

 
Price & Availability of JANTXV1N3155-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X