Part Number Hot Search : 
DCMO501 CAT28C64 LTV827 PIC12F V30LL MCP19114 PL10S H21L1
Product Description
Full Text Search
 

To Download FM25V10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f-ram memory module read me frst nonvolatile f-ram memory module (twr-fram) compatible with the freescale tower system
get to know the twr-fram tower system 4-mb parallel f-ram 1-mb spi serial f-ram battery clip (3v battery included) 256-kb i 2 c serial f-ram 256-kb l 2 c tcxo/ processor companion 256-kb i 2 c rtc/ processor companion 256-kb spi rtc/ processor companion requires use with tower system processor module and elevator modules (twr-elev) - sold separately 8-bit nonvolatile gpio state saver primary (functional) connections
how to build your twr-fram download software from www. ramtron . com/go/ twr-fram step 1 download and install software from www. ramtron .com/go/ twr-fram . download quick start guide and supporting fles. step 2 install 3v lithium battery on the twr-fram board. the clip is rigid; please use care when installing the battery. step 3 locate the elevator modules (sold separately), identifed by the four card-edge connections. step 4 identify each elevator module as either primary elevator (white connections) or secondary elevator (black connections). step 5 plug primary connections side of the twr-fram board to the primary elevator. place the twr-fram in top position of the elevator (see inset photo). this provides easy access to the jumper pins. step 6 identify the primary and secondary card edges of the processor module (twr-k53n512 or similar device) and any additional modules you add to your tower system. step 7 plug the primary card edge of each module into the primary (functional) elevator. step 8 place the secondary elevator module onto the secondary card edges. step 9 follow instructions in the quick start guide. 3 3 3 3 3 3 3 3 3 read me frst
twr-fram jumper options tower system jumper option type setting description j1 dspi voltage 4-pin 1-2 dspi voltage 1.6v 2-3 dspi voltage 3.0v *3-4* dspi voltage 1.8v j2 vtwr voltage 4-pin 1-2 vtwr voltage 5v *3-4* vtwr voltage 3.3v j32 fm33256b cs 3-pin *2-3* connects pin to spi cs 1-2 disconnects pin to spi cs j38 FM25V10 cs 3-pin 1-2 connects pin to spi cs *2-3* disconnects pin to spi cs j8 spi sck 6-pin 1-2 connect to pin b7 *2-3* connect to pin b48 4-5 connect to pin b58 j10 spi cs 6-pin 1-2 connect to pin b9 *2-3* connect to pin b46 4-5 connect to pin b47 5-6 connect to pin b55 j4 spi miso 6-pin 1-2 connect to pin b11 *2-3* connect to pin b44 4-5 connect to pin b56 123 654 1 2 4 3 123 6 - pin jumper 4 - pin jumper 3 - pin jumper 123 654 1 2 4 3 123 6 - pin jumper 4 - pin jumper 3 - pin jumper 123 654 1 2 4 3 123 6 - pin jumper 4 - pin jumper 3 - pin jumper the following tables show all jumper options available. the *default* installed jumper settings are shown in the bold with asterisks. the jumper pin positions are shown below:
jumper option type setting description j1 dspi voltage 4-pin 1-2 dspi voltage 1.6v 2-3 dspi voltage 3.0v *3-4* dspi voltage 1.8v j2 vtwr voltage 4-pin 1-2 vtwr voltage 5v *3-4* vtwr voltage 3.3v j32 fm33256b cs 3-pin *2-3* connects pin to spi cs 1-2 disconnects pin to spi cs j38 FM25V10 cs 3-pin 1-2 connects pin to spi cs *2-3* disconnects pin to spi cs j8 spi sck 6-pin 1-2 connect to pin b7 *2-3* connect to pin b48 4-5 connect to pin b58 j10 spi cs 6-pin 1-2 connect to pin b9 *2-3* connect to pin b46 4-5 connect to pin b47 5-6 connect to pin b55 j4 spi miso 6-pin 1-2 connect to pin b11 *2-3* connect to pin b44 4-5 connect to pin b56 jumper option type setting description j7 spi mosi 6-pin 1-2 connect to pin b10 *2-3* connect to pin b45 4-5 connect to pin b57 j9 dspi clk 6-pin 1-2 connect to pin b7 *2-3* connect to pin b48 4-5 connect to pin b58 j11 dspi cs 6-pin 1-2 connect to pin b9 *2-3* connect to pin b46 4-5 connect to pin b47 5-6 connect to pin b55 j5 dspi d1 6-pin 1-2 connect to pin b11 *2-3* connect to pin b44 4-5 connect to pin b56 j6 dspi d0 6-pin 1-2 connect to pin b10 *2-3* connect to pin b45 4-5 connect to pin b57 j3 dspi pwr 4-pin 1-2 /shdn dspi via pin b22 *3-4* /shdn dspi via pin a35 (continued on next page) read me frst
tower system jumper option type setting description j12 i2c scl 6-pin 1-2 connect to pin a7 *2-3* connect to pin b50 4-5 connect to pin b57 j13 i2c sda 6-pin 1-2 connect to pin a8 *2-3* connect to pin b51 4-5 connect to pin b56 j14 interrupt 6-pin 1-2 connect to pin b58 *2-3* connect to pin b56 4-5 connect to pin b62 j15 reset 6-pin 1-2 connect to pin a62 *2-3* connect to pin a47 4-5 connect to pin a63 j16 state saver enable 3-pin *1-2* connects en pin to b35 2-3 connects en pin to gnd j18 fm31256 pfo 3-pin 1-2 connects to interrupt jumper *2-3* disconnects pin from interrupt jumper j17 fm31256 reset 3-pin 1-2 connects to reset jumper *2-3* disconnects pin from reset jumper j26 fm31t378 pfo 3-pin 1-2 connects to interrupt jumper *2-3* disconnects pin from interrupt jumper j23 fm31t378 reset 3-pin 1-2 connects to reset jumper *2-3* disconnects pin from reset jumper twr-fram jumper options (continued from previous page)
jumper option type setting description j25 fm31t378 fout 3-pin 1-2 connects to interrupt jumper *2-3* disconnects pin from interrupt jumper j24 fm31t378 int 3-pin 1-2 connects to interrupt jumper *2-3* disconnects pin from interrupt jumper j33 fm33256b acs 3-pin 1-2 connects to interrupt jumper *2-3* disconnects pin from interrupt jumper j36 fm33256b pfo 3-pin 1-2 connects to interrupt jumper *2-3* disconnects pin from interrupt jumper j37 fm33256b reset 3-pin 1-2 connects to reset jumper *2-3* disconnects pin from reset jumper j46 fm22l16 select 3-pin *1-2* enables 138 decoder to drive chip enables to fm22l16 devices 2-3 disables 138 decoder from driving chip enables to fm22l16 devices part number quantity component fm22l16 2 4-mb parallel f-ram (expandable to 8-mb) fm1106 4 8-bit non-volatile gpio state saver FM25V10 1 1-mb spi serial fram fm24w256 1 256-kb i2c serial fram fm31t378 1 256-kb i2c tcxo and processor companion fm31256 1 256-kb i2c rtc/processor companion fm33256b 1 256-kb spi rtc/processor companion twr-fram features read me frst
tower system learn more for more information about the twr-fram module, visit www. ramtron .com/go/ twr-fram . additional information about the freescale tower system is available from www.freescale.com/tower. freescale and the freescale logo are trademarks of freescale semiconductor, inc., reg. u.s. pat. & tm. off. all other product or service names are the property of their respective owners. ? 2012 freescale semiconductor, inc. doc number: twr_fram_read_me / rev. 09/12


▲Up To Search▲   

 
Price & Availability of FM25V10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X