Part Number Hot Search : 
CFD1264P LB1640N 1N416F SI1301DL AJW130 2N5344A RAL2505 A8439
Product Description
Full Text Search
 

To Download FGA292-720G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5 energy way, p.o. box 1019, west warwick, ri 02893 usa tel. 800-424-9850/401-823-5200 ?fax 401-823-8723 ?email info@advint corp.com ?internet http://www.advintcorp.com inch/(mm ) products shown covered by patents issued and/or pending. specifications subject to change without notice. page 4 ball grid array (bga) adapters features : ?s oldering bga device to adapter subjects bga to less thermal stress than soldering bga directly to a pcb due to the adapters lower mass. ? uses same footprint as bga device. ? custom adapters available for heat sink attachment. t erminals: brass - copper alloy (c36000), astm-b-16 plating: g - gold over nickel body material: fr-4 glass epoxy, u.l. rated 94v-o how it works: standard adapter (a): ?m ates with standard socket (s) ?a dapter size equals bga device body + .079/(2.0) bga adapters how to order 1 f g a xxx -638 g footprint dash# if applicable* terminal plating g - gold terminal type body type f - fr-4 model type a = standard adapter ax = extraction slot adapter (1.5, 1.27, 1.0mm pitch only) pitch b = .059/(1.5mm) g = .050/(1.27mm) h = .039/(1.0mm) j = .0315/(0.80mm) k = .0295/(0.75mm) number of positions *see bga footprint section or web site 1.27mm & 1.5mm pitch type -638 .018 (0.46) dia. .182 (4.62) 1.0mm pitch type -715 .011/(0.28) dia. .159 (4.04) 0.80mm pitch type -700 .011 (0.28)dia. .146 (3.71) 0.75mm pitch type -757 .008 (0.20)dia. .142 (3.61) bga body + .079/(2.0) bga device .039/(1.0) extraction slot adapter (ax): ?s lots allow aic extraction tool (sold separately) to easily remove device/ adapter assembly from socket. ?m ates with extraction socket (sb) or guide post socket (sg) ?a dapter size equals the bga device body + .157/(4.0) bga device bga body + .157/(4.0) .079/(2.0) bga adapter extraction tool: ?i nsert t bar end of tool into extraction slot adapter. ?s lide tool to end of slot and pry adapter from socket. ? repeat in additional slots until adapter is separated from socket. blade width tool p/n 5566 5504 .373/(9.5mm) .675/(17.1mm) blade width device package size < 1.024 (26mm) > 1.024 (26mm) p/n 5566 p/n 5504 t erminals device adapter socket pc board reflow (solder) bga device to adapter reflow (solder) socket to pcb


▲Up To Search▲   

 
Price & Availability of FGA292-720G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X