Part Number Hot Search : 
VB029 SMA39 1N4100 RTL8308 MAX1500 2J272J 2T253 YG802C09
Product Description
Full Text Search
 

To Download EP17-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 17ah @ 20 hour rate f.v.(1.75v/cell) t erminals 16m 5.1 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) abs(ul94-hb, ul94-v0 is optional) internal resistance length 1811.5 width 761.5 container height 1661.5 total height o u te r d im e n s io n s t e r m in a l t y p e 12 v max. charge current container material dimension(mm/inch) 6200g(13.67lbs.) vrla rechargeable battery (EP17-12fr) EP17-12 technology measures innovation values iso 9001 iso14001 ul ce 1661.5 b.b. battery co., ltd. powered by rev. jul. 2 009 a/0 application specifications iec61056 jis c 8702gb/t 19639 approx. weight max. discharge current 255 a (5 sec.) (fully charged ) operating tem perature range (7.13 0.06) (2.99 0.06) (6.54 0.06) (6.54 0.06) all d ata sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. ups lawn mowers electrical bicycle features maintenance free(no water topping-up required) no free acid(non-spillable battery)can be used in any orientation(excluding used inverted) the battery is designed for heavy duty cyclic application low self-discharge rate, lower than 3% capacity loss per month fishing lights unit: w b1 (fitting m5 bolt & nut) , t2 and i 1 are optional te rm ina l t 2 3.4(0.1 3) 6 . 3 5 ( 0 . 2 5 ) 7.85(0 .31) 0 . 8 ( 0 . 0 3 ) te rm ina l b 1 [m 5 b ol t & nu t] 12.0(0.4 7) 5 . 5 ( 0 . 2 2 ) 2.0(0.08 ) 5 . 0 ( 0 . 2 0 ) 1 1 . 0 ( 0 . 4 3 ) ter min al i 1 [m5 bol t & nut ] m5x0 .8 2 . 0 ( 0 . 0 8 ) terminal hardware initial torque: b1 (2.5nm 5% ), i 1(4.0nm 5% ) unit: w o o cons tant p ower disch arge c harac teristi cs at 25 c/77 f (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 49.91 58.8162.39 65.32 67.25 36.6539.70 41.14 42.11 42.95 29.3130.69 31.62 32.36 32.98 9.8710.16 10.34 10.49 10.59 4.134.21 4.25 4.29 4.31 2.852.89 2.92 2.93 2.93 1.591.62 1.62 1.63 1.63 20 hr 0.830.85 0.85 0.86 0.86 unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f 17.19 17.8518.24 18.50 18.69 1.80v 1.75v 1.70v 1.65v 1.60v (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 554.0 641.0680.0 712.0 733.0 416.3451.0 467.3 478.4 487.9 337.1352.9 363.6 372.1 379.3 202.8210.6 215.2 218.3 220.5 117.50120.90 123.10 124.80 126.00 49.5050.50 51.00 51.50 51.70 34.2034.70 35.00 35.20 35.20 19.0919.38 19.48 19.53 19.53 20 hr 9.98 10.2010.25 10.27 10.27 unit: w o o const ant po wer di scharg e char acteris tics at 25 c/77 f 1.80v 1.75v 1.70v 1.65v 1.60v


▲Up To Search▲   

 
Price & Availability of EP17-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X