Part Number Hot Search : 
53210 BAS316WS 2N6754 NCP5217A AH293WA WB208 RF2045 2SK2601
Product Description
Full Text Search
 

To Download EEHZC1H101P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer hybrid aluminum electrolytic capacitor/zc 33 zc e capacitance ( f) rated voltage mark series identification lot number negative polarity marking (? a 0.2 w () reference size l d 0.5 h b 0.2 (i) k (p) (i) + 0.3 max. features endurance: 4000 h at 125 c (the longest endurance in the industry by each case size) low esr and high ripple current  (85% over, lo wer es r than current v-tp) high-withstand voltage (25 v to 63 v),low lc(0.01 cv or 3 a) equivalent to conductive polymer type aluminum electrolytic capacitor (there are little characteristics change by temperature and frequency) rohs directiv e compliant surface mo unt type series: zc type: v high temper ature lead-free re ow speci? cations category temp. range 55 c to +125 c rated w.v.range 25 v.dc to 63 v.dc nomi nal cap.range 10 f to 330 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) tan please see the attached standard pr oducts list endurance the capacitor shal l be subjected to application of the d.c. voltage with full rated ripple current at +125 c for 4 000 hours. after stabilizing at room temperature(+15 to 35 c), the capacitor shall not exceed the speci ed limits. (the su m of dc voltage and ripple peak voltage shall not exceed the rated voltage.) capacitance change ?0 % of initial measured value tan < 200 % of initial speci ed value e. s. r. < 200 % of initial speci ed value dc leakag e current < initial speci ed value esr after endurance (  /100 khz) (40 c) size code cdd8fg 2.0 1.4 0.8 0.4 0.3 shelf life after storag e for 1000 hours at +125 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci ed in endurance. (with voltage treatment) resistance to soldering heat after re ow soldering and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change ?0 % of initial measured value tan < initial speci ed value dc leakag e current < initial speci ed value di men sions in mm (not to scale) marking example:25 v 33 f marking color : black rated volt age mark e25 v v35 v h50 v j63 v (mm) frequency (hz) 120 1 k 1 0 k 100 k to correction factor 0.10 0.30 0.60 1.00 frequency correction factor for ripple current size code dl a, b h i w p k c 5.0 5.8?.3 5.3 6.5 max. 2.2 0.65?.1 1.5 0.35 - 0.20 d 6.3 5.8?.3 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 - 0.20 d8 6.3 7.7?.3 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 - 0.20 f 8.0 10.2?.3 8.3 10.0 max. 3.4 0.90?.2 3.1 0.70?.2 g 10.0 10.2?.3 10.3 12.0 max. 3.5 0.90?.2 4.6 0.70?.2 + 0.15 + 0.15 + 0.15 jan. 2012 00
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer hybrid aluminum electrolytic capacitor/zc standard products yyyyyyy the taping dimensions are explained on ee188 of our catalog. please use it as a ref er ence guide. re? ow pro? le(fig-5,  fig-6) listed on ee186 of our catalog. endurance : 125 ? 4000 h w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length size code ripple current (100 khz) (+125 ?) e.s.r. (100 khz) (+20 c) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r. m.s.) ( m  )(pcs) 25 33 5 5.8 c 550 80 0.14 eehzc1e330r (5) 1 000 56 6.3 5.8 d 900 50 0.14 eehzc1e560p (5) 1 000 100 6.3 7.7 d8 1400 30 0.14 eehzc1e101xp (5) 900 220 8 10.2 f 1600 27 0.14 eehzc1e221p (6) 500 330 10 10.2 g 2 000 20 0.14 eehzc1e331p (6) 500 35 22 5 5.8 c 550 100 0.12 eehzc1v220r (5) 1 000 47 6.3 5.8 d 900 60 0.12 eehzc1v470p (5) 1 000 68 6.3 7.7 d8 1400 35 0.12 eehzc1 v 680xp (5) 900 150 8 10.2 f 1600 27 0.12 eehzc1v151p (6) 500 270 10 10.2 g 2 000 20 0.12 eehzc1v271p (6) 500 50 10 5 5.8 c 500 120 0.10 eehzc1h100r (5) 1 000 22 6.3 5.8 d 750 80 0.10 eehzc1h220p (5) 1 000 33 6.3 7.7 d8 1100 40 0.10 eehzc1h330xp (5) 900 68 8 10.2 f 1250 30 0.10 eehzc1 h680p (6) 500 100 10 10.2 g 1600 28 0.10 EEHZC1H101P (6) 500 63 10 6.3 5.8 d 700 120 0.08 eehzc1j100p (5) 1 000 22 6.3 7.7 d 8900 80 0.08 eehzc1j220xp (5) 900 33 8 10.2 f 1 100 40 0.08 eehzc1j330p (6) 500 56 10 10.2 g 140 030 0.08 eehzc1j560p (6) 500 mar. 2012 01


▲Up To Search▲   

 
Price & Availability of EEHZC1H101P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X