Part Number Hot Search : 
GBLC03I 000001 B891F 3A333 MAX11 80CNQ03 80CNQ03 B891F
Product Description
Full Text Search
 

To Download DTL9503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 p-channel 30 v (d-s) mosfet features ? compliant to rohs directive 2002/95/ec prod uct summary v ds (v) r ds(on) ( ? )i d (a) a - 30 0.00 7 at v gs = - 10 v 75 0.010 at v gs = - 4.5 v 75 t o-220ab t op view gd s t o-263 s g t op view d s g d p-channel mosfet notes: a. package limited. b. duty cycle ? 1 %. c. when mounted on 1" square pcb (fr-4 material). d. see soa curve for voltage derating. * pb containing terminations are not rohs compliant, exemptions may apply. absolute maximum ratings (t c = 25 c, unless otherwise noted) p arameter symbol limit unit gate-source voltage v gs 20 v continuous drain current (t j = 175 c) t c = 25 c i d - 75 a a t c = 125 c - 65 pulsed drain current i dm - 240 a valanche current i ar - 60 repetitiv e avalanche energy b l = 0.1 mh e ar 180 mj power dissipation t c = 25 c (to-220ab and to-263) p d 18 7 d w t a = 25 c (t o-263) c 3.75 ope rating junction and storage temperature range t j , t stg - 55 to 1 75 c thermal resistance ratings p arameter symbol limit unit junction-to-ambient pcb mount (to-263) c r thj a 40 c/w f ree air (to-220ab) 62.5 junction-to-case r thjc 0.8 a v ailab le rohs* compliant dt- www. daysemi.jp
2 no tes: a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. guaranteed by design, not subject to production testing. c. independent of operating temperature. st resses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. s pecifications (t j = 25 c, unless otherwise noted) p arameter symbol test conditions min. typ. max. unit static drain-source breakdo wn voltage v ds v gs = 0 v , i d = - 250 a - 30 v gate threshold voltage v gs( th) v ds = v gs , i d = - 250 a - 1 - 3 gate-body leakage i gss v ds = 0 v , v gs = 20 v 100 na zero gate voltage drain current i dss v ds = - 3 0 v, v gs = 0 v - 1 a v ds = - 30 v , v gs = 0 v , t j = 12 5 c - 50 v ds = - 30 v , v gs = 0 v , t j = 17 5 c - 250 on-state drain current a i d( on) v ds = - ? 5 v , v gs = - 10 v - 120 a drain-source on-state resistance a r ds( on) v gs = - 10 v , i d = - 30 a 0.0055 0.007 ? v gs = - 10 v , i d = - 30 a, t j = 125 c 0.010 v gs = - 10 v , i d = - 30 a, t j = 175 c 0.013 v gs = - 4.5 v , i d = - 20 a 0.008 0.010 forward transconductance a g fs v ds = - 15 v, i d = - 75 a 20 s dy namic b inpu t capacitance c iss v gs = 0 v , v ds = - 25 v, f = 1 mhz 9000 pf output capacitance c oss 1565 re versen transfer capacitance c rs s 715 t otal gate charge c q g v ds = - 15 v , v gs = - 10 v , i d = - 75 a 160 240 nc gate-source charge c q gs 32 gate- drain charge c q gd 30 tu r n - o n d e l ay t i m e c t d(on ) v dd = - 15 v, r l = 0.2 ? i d ? - 75 a, v ge n = - 10 v , r g = 2.5 ? 25 40 ns rise time c t r 225 360 turn-off delay time c t d(off) 150 240 fall time c t f 210 340 so urce-drain diode ratings and characteristics b ( t c = 25 c) continuous current i s - 75 a pulse d current i sm - 240 f orward voltage a v sd i f = - 7 5 a, v gs = 0 v - 1.2 - 1.5 v reverse recovery time t rr i f = - 75 a, di/ dt = 100 a/s 55 100 ns peak reverse recovery current i rm( rec) 2.5 5 a reverse recovery charge q rr 0.07 0.25 c dt- www. daysemi.jp
3 typica l characteristics (25 c, unless otherwise noted) ou tput characteristics transconductance capacitance 0 50 100 150 200 250 02468 10 v ds - drain-to-source voltage (v) - drain current (a) i d v gs = 10 v thru 6 v 5 v 3 v 4 v i d - dr ain current (a) - transconductance (s) g fs 125 c 0 30 60 90 120 150 0 20406080100 25 c t c = - 55 c 0 2000 4000 6000 8000 10 000 12 000 0 6 12 18 24 30 v ds - drain-to-source voltage (v) c - capacitance (pf) c is s c os s c rss t ransfer characteristics on-resistance vs. drain current gate charge 0 40 80 120 160 200 0123456 v gs - gate-to-source voltage (v) - dr ain current (a) i d 25 c 125 c t c = - 55 c 0 0.005 0.010 0.015 0.020 0.025 0.030 0 20406080100120 i d - drain current (a) r ds(on) v gs = 10 v v gs = 4.5 v - on-resistance (?) 0 4 8 12 16 20 0 50 100 150 200 250 300 - gate-to-source voltage (v) q g - total gate charge (nc) v gs v ds = 15 v i d = 75 a dt- www. daysemi.jp
4 ty pical characteristics (25 c, unless otherwise noted) on -resistance vs. junction temperature avalanche current vs. time 0 0.3 0.6 0.9 1.2 1.5 1.8 - 50 - 25 0 25 50 75 100 125 150 175 (nor malized) - on-resistance t j - j unction temperature (c) r ds(on) v gs = 10 v i d = 30 a t in (s) 1000 10 0.00001 0.001 0.1 1 100 (a)i da v 0.01 0.0001 i av (a) at t a = 25 c i av (a) at t a = 150 c 1 0.1 sou rce-drain diode forward voltage drain source breakdown vs. junction temperature 0 0.2 0.4 0.6 0.8 1.0 v sd - source-to-dr ain voltage (v) - source current (a) i s 100 10 1 t j = 25 c t j = 150 c 25 30 35 40 45 - 50 - 25 0 25 50 75 100 125 150 175 t j - j unction temperature (c) (v)v ds i d = 250 a dt- www. daysemi.jp
5 thermal ratings maxim um avalanche and drain current vs. case temperature 0 15 30 45 60 75 90 0 25 50 75 100 125 150 175 t c - case temperature (c) - dr ain current (a) i d safe op erating area 1000 1 0.1 1 10 100 0.1 100 - dr ain current (a) i d 1 ms 100 s t c = 25 c single pulse dc 10 ms 10 limited by r ds(on) * v ds - drain-to-source v oltage (v) * v gs minimum v gs at which r ds (on) is specified 100 ms norm alized thermal transient impedance, junction-to-case square wave pulse duration (s) 2 1 0.1 0.01 10 - 4 10 - 3 10 - 2 10 - 1 1 nor malized effective transient thermal impedance 10 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 dt- www. daysemi.jp
1 to-220ab no tes * m = 1.32 mm to 1.62 mm (dim ension including protrusion) heatsink hole for hvm m * 3 2 1 l l(1) d h(1) q ? p a f j(1) b(1) e(1) e e b c millimeters inches dim. min. max. min. max. a 4.25 4.65 0.167 0.183 b 0.69 1.01 0.027 0.040 b(1) 1.20 1.73 0.047 0.068 c 0.36 0.61 0.014 0.024 d 14.85 15.49 0.585 0.610 e 10.04 10.51 0.395 0.414 e 2.41 2.67 0.095 0.105 e(1) 4.88 5.28 0.192 0.208 f 1.14 1.40 0.045 0.055 h(1) 6.09 6.48 0.240 0.255 j(1) 2.41 2.92 0.095 0.115 l 13.35 14.02 0.526 0.552 l(1) 3.32 3.82 0.131 0.150 ? p 3.54 3.94 0.139 0.155 q 2.60 3.00 0.102 0.118 ecn: x12-0208-rev. n, 08-oct-12 dwg: 5471  package information
legal disclaimer notice www. daysemi.jp 1 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. din-tek intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, din-tek ), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. din-tek makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, din-tek disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on din-tek s knowledge of typical requirements that are often placed on din-tek products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify din-tek s terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, din-tek products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the din-tek product could result in personal injury or death. customers using or selling din-tek products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized din-tek personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of din-tek . product names and markings noted herein may be trad emarks of their respective owners. material category policy din-tek intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some din-tek documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. din-tek intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some din-tek documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards. legal disclaimer notice www.daysemi.jp revision: 02-oct-12 1 document number: 72610 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. din-tek intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, din-tek ), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. din-tek makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, din-tek disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on din-tek s knowledge of typical requirements that are often placed on din-tek products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify din-tek s terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, din-tek products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the din-tek product could result in personal injury or death. customers using or selling din-tek products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized din-tek personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of din-tek . product names and markings noted herein may be trad emarks of their respective owners. material category policy din-tek intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some din-tek documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. din-tek intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some din-tek documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of DTL9503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X