Part Number Hot Search : 
P332MR 12500 8A218 239007 F1205 TS7812 MC34063A LB9051
Product Description
Full Text Search
 

To Download DMMT3906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k3q ym notes: 1. built with adjacent die from a single wafer. 2. device mounted on fr5 pcb: 1.0 x 0.75 x 0.62 in.; pad layout as shown on suggested pad layout document ap020 01, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: DMMT3906-7-f. marking information ds30293 rev. 2 - 2 1 of 3 DMMT3906 www.diodes.com  diodes incorporated maximum ratings @ t a = 25  c unless otherwise specified a m j l f d b c h k c 1 c 2 e 1 nc e 2 b 1,2 mechanical data  case: sot-26, molded plastic  case material - ul flammability rating classification 94v-0  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, below  terminal connections: see diagram  marking: k3q  weight: 0.015 grams (approx.)  ordering information: see below DMMT3906 matched pnp small signal surface mount transistor characteristic symbol DMMT3906 unit collector-base voltage v cbo -40 v collector-emitter voltage v ceo -40 v emitter-base voltage v ebo -5.0 v collector current - continuous i c -200 ma power dissipation (note 2) p d 225 mw thermal resistance, junction to ambient (note 2) r  ja 556  c/w operating and storage and temperature range t j ,t stg -55 to +150  c sot-26 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d  0.95 f  0.55 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 all dimensions in mm t c u d o r p w e n month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 1998 1999 2000 2001 2002 2003 2004 code jklm n op date code key k3q = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september device packaging shipping DMMT3906-7 sot-26 3000/tape & reel (note 3) ordering information features  epitaxial planar die construction  intrinsically matched pnp pair (note 1)  small surface mount package  2% h fe matched tolerance  1% h fe matched tolerance on request  also available in lead free version
ds30293 rev. 2 - 2 2 of 3 DMMT3906 www.diodes.com electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min max unit test condition off characteristics (note 5) collector-base breakdown voltage v (br)cbo -40  v i c = -10  a, i e = 0 collector-emitter breakdown voltage v (br)ceo -40  v i c = -1.0ma, i b = 0 emitter-base breakdown voltage v (br)ebo -5.0  v i e = -10  a, i c = 0 collector cutoff current i cex  -50 na v ce = -30v, v eb(off) = -3.0v base cutoff current i bl  -50 na v ce = -30v, v eb(off) = -3.0v on characteristics (note 5) dc current gain (note 6) h fe 60 80 100 60 30   300    i c = -100a, v ce = -1.0v i c = -1.0ma, v ce = -1.0v i c = -10ma, v ce = -1.0v i c = -50ma, v ce = -1.0v i c = -100ma, v ce = -1.0v collector-emitter saturation voltage v ce(sat)  -0.25 -0.40 v i c = -10ma, i b = -1.0ma i c = -50ma, i b = -5.0ma base-emitter saturation voltage v be(sat) -0.65  -0.85 -0.95 v i c = -10ma, i b = -1.0ma i c = -50ma, i b = -5.0ma small signal characteristics output capacitance c obo  4.5 pf v cb = -5.0v, f = 1.0mhz, i e = 0 input capacitance c ibo  10 pf v eb = -0.5v, f = 1.0mhz, i c = 0 input impedance h ie 2.0 12 k  v ce = 10v, i c = 1.0ma, f = 1.0khz voltage feedback ratio h re 0.1 10 x 10 -4 small signal current gain h fe 100 400  output admittance h oe 3.0 60  s current gain-bandwidth product f t 250  mhz v ce = -20v, i c = -10ma, f = 100mhz noise figure nf  4.0 db v ce = -5.0v, i c = -100  a, r s = 1.0k  f = 1.0khz switching characteristics delay time t d  35 ns v cc = -3.0v, i c = -10ma, v be(off) = 0.5v, i b1 = -1.0ma rise time t r  35 ns storage time t s  225 ns v cc = -3.0v, i c = -10ma, i b1 = i b2 = -1.0ma fall time t f  75 ns notes: 5. short duration test pulse used to minimize self-heating effect. 6. the dc current gain, h fe , is matched at i c = -10ma and v ce = -1.0v with typical matched tolerances of 1% and maximum of 2%. t c u d o r p w e n
ds30293 rev. 2 - 2 3 of 3 DMMT3906 www.diodes.com 0.5 0.6 0.7 0.8 0.9 1 . 0 110100 v , base-emitter (v) be(sat) saturation voltage i , collector current (ma) c fig. 5, typical base-emitter saturation volta g e vs. collector current i c i b =10 0.01 0.1 10 1 1 10 100 1000 v , collector-emitter (v) ce(sat) saturation voltage i , collector current (ma) c fig. 4, typical collector-emitter saturation voltage vs. collector current i c i b = 10 1 10 1000 100 0.1 1 10 1000 100 h , dc current gain fe i , collector current (ma) c fig. 3, typical dc current gain vs collector current t = -25c a t = +25c a t = 125c a v = 1.0v ce 1 100 10 0.1 1 10 100 c , input capacitance (pf) ibo c , output capacitance (pf) obo v , collector-base voltage (v) cb fig. 2, input and output capacitance vs. collector-base volta g e f= 1mhz cibo cobo 0 50 100 25 50 75 100 125 150 175 200 p , power dissipation (mw) d t , ambient temperature (c) a fig. 1, max power dissipation vs ambient tem p erature 150 200 250 300 350 0 t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of DMMT3906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X