Part Number Hot Search : 
TC124E ACT244 NSPB300B 222E3 N03LA LT3791 BT070 W91520AN
Product Description
Full Text Search
 

To Download CGRB201-G12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d g e n e r a l p u r p o s e r e c t i f i e r s glass passivated t ype reverse v oltage: 50 to 1000 v olts forward current: 2.0 amp rohs device page 1 rev :b features -ideal for surface mount applications. -easy pick and place. -plastic package has underwriters lab. flammability classification 94v -0. -built in strain relief. -high surge current capability . mechanical data -case: jedec do-214aa, molded plastic. -t erminals: solderable per mil-std-750, method 2026. -polarity: color band denotes cathode end. -approx. weight: 0.093 grams cgrb201-g thru. cgrb207-g d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a a ( s m b ) qw -bg003 2 no tes : 1. th erm al r esi sta nce fro m jun ctio n t o le ad mo unt ed on p .c. b. wit h 8 .0 8.0 m m squ are (0 .13 mm th ick ) la nd are a. comchip t echnology co., l td. 0.155(3.94) 0.130(3.30) 0.083(2.1 1) 0.075(1.91) 0.220(5.59) 0.200(5.08) 0.012(0.31) 0.006(0.15) 0.008(0.20) 0.004(0.10) 0.050(1.27) 0.030(0.76) 0.096(2.44) 0.083(2.13) 0.185(4.70) 0.160(4.06) maximum ratings and electrical characteristics cgrb 201-g max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage peak surge forward current, 8.3ms single half sine-wave superimposed on rate load (jedec method) max. average forward current max. instantaneous forward at 2.0a o max. dc reverse current at t a =25 c o rated dc blocking voltage t a =125 c max. thermal resistance (note 1) max. operating junction temperature storage temperature voltage cgrb 202-g cgrb 203-g cgrb 204-g cgrb 205-g units symbol parameter v rrm v dc v rms i fsm i o v f i r r jl t j t stg 50 50 35 100 100 70 200 200 140 400 400 280 60 2.0 1.1 5.0 100 16 150 -55 to +150 600 600 420 v v v a a v a o c/w o c o c cgrb 206-g cgrb 207-g 800 800 560 1000 1000 700
qw -bg003 ra ting and characteristic cur ves (cgrb201-g thru cgrb207-g) percent of rated peak reverse v oltage (%) 120 80 40 0 fig.1 reverse characteristics 0.001 0.1 1 10 100 r e v e r e u r r n ( ) s c e t a forward v oltage (v) 0.4 fig.2 forward characteristics 0.01 o w r d c r r e n ( a ) f r a u t 0.1 1 10 100 0.6 reverse v oltage (v) 0.1 fig.3 junction capacitance 1 j n t i n a p a c i a n c e ( p ) u c o c t f 10 100 1 10 100 o ambient t emperature ( c) fig.4 current derating curve 0 a v e r a g e f o r w a r d c u r r e n t ( a ) 1.2 1.6 2.8 comchip t echnology co., l td. page 2 rev :b 0.8 1.2 1.8 1.6 40 60 180 0.4 2.4 60 140 0.8 s m d g e n e r a l p u r p o s e r e c t i f i e r s o t j =125 c o t j =25 c o t j =75 c 20 100 0.01 1.0 1.4 o t j =25 c pulse width 300 s 4% duty cycle o t j =25 c f=1mhz vsig=50mvp-p 80 100 120 140 160 2.0 single phase, half wave 60hz, resistive or inductive load number of cycles at 60hz 1 fig.5 non-repetitive forward surge current 0 a f r a u c r ) p e k o w r d s r g e u r e n t ( a 30 60 10 100 o t j =25 c 8.3ms single half sine wave, jedec method 10 20 50 40
s m d g e n e r a l p u r p o s e r e c t i f i e r s qw -bg003 comchip t echnology co., l td. page 3 rev :b b c d d d 2 d 1 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 8 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 d i a 5 0 . 0 m i n . 1 3 . 5 0 1 . 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 1 2 . 0 0 . 3 0 1 8 . 4 m a x . 3 3 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 d i a 1 2 . 9 9 0 . 0 7 9 0 . 5 3 1 0 . 0 3 9 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 7 2 4 m a x f p p 0 p 1 w w 1 5 . 5 0 0 . 0 5 0 . 2 1 7 0 . 0 0 2 4 . 0 0 m a x . 0 . 1 5 7 m a x . 5 . 9 0 m a x . 0 . 2 3 2 m a x . 3 . 0 0 m a x . 0 . 1 1 8 m a x . 0 . 6 0 m a x 0 . 2 3 6 0 . 0 0 4 t 0 . 4 7 2 0 . 0 1 2 e 1 . 7 5 0 . 1 0 . 0 6 9 0 . 0 0 4 1 4 . 4 m a x . 0 . 5 6 6 m a x w 2 d o - 2 1 4 a a ( s m b ) d o - 2 1 4 a a ( s m b ) o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification i n d e x h o l e d e f b w p p 0 p 1 a
qw -bg003 comchip t echnology co., l td. page 4 rev :b s m d g e n e r a l p u r p o s e r e c t i f i e r s part number cgrb201-g marking code marking code suggested p ad layout size (inch) 0.169 (mm) 4.30 2.50 2.30 0.098 0.091 smb 6.80 0.268 e 1.80 0.071 a b c d cgrb202-g cgrb203-g cgrb204-g cgrb205-g cgrb206-g 201 202 203 204 205 206 comchip a b c product type marking code package: x cgrb207-g 207 xxxx x blank special code : c cgrx special code sma smb smc p ak a b c e d case t ype qty per reel (pcs) 3,000 reel size (inch) 13 d o - 2 1 4 a a ( s m b ) standard packaging


▲Up To Search▲   

 
Price & Availability of CGRB201-G12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X