Part Number Hot Search : 
N605903 204S1 BYD57D SGBJ6K 00415 HER520F B4133 2SA1796
Product Description
Full Text Search
 

To Download BA10339FFV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 standard ics quad comparator ba10339 / ba10339f / ba10339fv the ba10339, ba10339f, and ba10339fv each consist of four comparators in a single package. the open collector output allows a wired or connection. these products feature a wide range of operating power supply voltages, from 3 to 36v with single power supply operation, and from ?.5 to 18v with dual power supply operation. available packages include 14-pin dip (ba10339), 14-pin sop (ba10339f), and 14-pin ssop-b (ba10339fv). features block diagram and internal circuit configuration out2 1 out1 ?n1 + in1 ?in2 + in2 out3 out4 gnd + in4 ?in4 + in3 ?in3 v cc 2 3 4 5 6 7 14 13 12 11 10 9 8 1ch 2ch 4ch 3ch v cc out gnd q 8 q 7 q 4 q 6 q 3 q 2 q 1 q 5 + in ?in ba10339 / ba10339f / ba10339fv 1) wide range of operating voltages (single power sup- ply: 3 to 36v; dual power supply: 1.5 to 18v) 2) low current dissipation (0.8ma typ., v cc = 5v) 3) low input offset current (5na typ., v cc = 5v) and input offset voltage (2mv typ., v cc = 5v) 4) wide common-mode input voltage range (0 to v cc ?1.5v). 5) open collector output.
input bias current: i b (na) 20 0 20 10 30 40 power supply voltage: v (v) 40 ta = 25 c 0 60 80 fig. 3 input bias current vs. power supply voltage 2 standard ics ba10339 / ba10339f / ba10339fv absolute maximum ratings (ta = 25?) parameter symbol limits unit ba10339 ba10339f ba10339fv v cc 36 ( 18) 36 ( 18) 36 ( 18) v 950 * 450 * 400 * mw v id v cc v v i 0.3 ~ v cc v 40 ~ + 85 40 ~ + 85 40 ~ + 85 c ?5 ~ + 125 55 ~ + 125 55 ~ + 125 c pd topr tstg v cc 0.3 ~ v cc v cc 0.3 ~ v cc power supply voltage power dissipation differential input voltage common-mode input voltage operating temperature storage temperature * refer to the pd characteristic diagram. * the values for ba10339f and ba10339fv are those when it is mounted on a glass epoxy board (50mm 50mm 1.6mm). electrical characteristics (unless otherwise noted, ta = 25?, v cc = + 5v) parameter symbol min. typ. max. unit conditions v io ? 5mvv o = 1.4v i io 5 50 na i b 25 250 na v o = 1.4v v icm 0v cc 1.5 v a v 106 db r l = 15k w i q 0.8 2 ma i sink 616ma v ol 250 400 mv i leak 0.1 na t r 1.3 m s | i in + ?i in | , v o = 1.4v r l = , on all comparators r l = 5.1k w , v rl = 5v v in = 1v, v in + = 0v, v o = 1.5v v in = 1v, v in + = 0v, i sink = 3ma v in + = 1v, v in = 0v, v o = 5v input offset voltage input offset current input bias current common-mode input voltage voltage gain quiescent current output sink current output saturation voltage output leakage current response time electrical characteristic curves power dissipation: pd (mw) ambient temperature: ta ( c) fig. 1 power dissipation vs. ambient temperature 1200 1000 800 600 400 200 0 025507585100125150 ba10339fv ba10339f ba10339 quiescent current: i q (ma) 0 20 10 30 40 power supply voltage: v + (v) 1.2 ta = 25 c r l = 0.6 0.8 1.0 fig. 2 quiescent current vs. power supply voltage
3 standard ics ba10339 / ba10339f / ba10339fv saturation voltage: v ol (v) 0.01 0.001 0.01 1 0.1 10 100 output sink current: i o (ma) 0.1 1 10 ta = 25 c fig. 4 output saturation voltage vs. output current input voltage v in (mv) ?50 ?100 0 0 1 3 4 5 2 1.0 1.5 2.0 0.5 0 time ( m s) output voltage v o (v) 100mv 20mv 5mv = input overdrive fig. 5 propagation characteristics ( ! ) input voltage v in (mv) 50 0 100 0 1 3 4 5 2 1.0 1.5 2.0 0.5 0 time ( m s) output voltage v o (v) 20mv 5mv input overdrive = 100mv fig. 6 propagation characteristics ( @ ) operation notes (1) handling unused circuits if there are any circuits which are not being used, we recommend making connections as shown in figure 7, with the input going to the potential within the in-phase input voltage range (v icm ), and the output being open. v cc v ee + fig. 7 unused circuit connections open (no connected) to potential in v icm
ba10339f ba10339fv dip14 sop14 ssop - b14 6.5 ?0.3 19.4 ?0.3 0.5 ?0.1 3.2 ? 0.2 4.25 ? 0.3 14 8 7 1 0.3 ?0.1 0.51min. 7.62 0?~ 15 2.54 0.4 ?0.1 1.27 1 14 8.7 ?0.2 7 8 4.4 ?0.2 6.2 ?0.3 0.11 1.5 ?0.1 0.15 0.15 ?0.1 0.3min. 0.1 0.22 ?0.1 0.65 8 7 14 1 6.4 ?0.3 4.4 ?0.2 5.0 ?0.2 1.15 ?0.1 0.15 ?0.1 0.3min. 0.1 ba10339 4 standard ics ba10339 / ba10339f / ba10339fv external dimensions (units: mm)


▲Up To Search▲   

 
Price & Availability of BA10339FFV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X