Part Number Hot Search : 
K1V2210 SI2366DS 29F100TB SI2366DS EPE6347S 01GB0 FLT070S 2N5606
Product Description
Full Text Search
 

To Download AZ100E116FN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az10e116 az100e116 ecl/pecl quint differential line receiver 1630 s. stapley dr., suite 127 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (480) 890-2541 www.azmicrotek.com arizona microtek, inc. features ? 500ps maximum propagation delay ? dedicated v cco pin for each receiver ? operating range of 4.2v to 5.46v ? 75k internal input pulldown resistors ? direct replacement for on semiconductor mc10e116 & mc100e116 description the az10/100e116 is a quint differential line receiver with emitter-follower outputs. the e116 provides a v bb output for single-ended use or a dc bias reference for ac coupling to the device. for single-ended input applications, the v bb reference should be connected to one side of the dn/d n differential input pair. the input signal is then fed to the other dn/d n input. the v bb pin should be used only as a bi as for the e116 as its sink/source capability is limited. when used, the v bb pin should be bypassed to ground via a 0.01 f capacitor. the receiver design features clamp circuitry to cause a defined state if both the inverting and non-inverting inputs are left open; in this case the q output goes low, while the q output goes high. this feature makes the device ideal for twisted pair applications. if both inverting and non-inverting inpu ts are at an equal potential of > v cc -2.5v, the receiver does not go to a defined state. this condition may produce output voltage levels between high and low. note: specifications in ecl/pecl tables are valid when thermal equilibrium is established. package availability package part number marking notes plcc 28 az10e116fn azm10e116 1,2 plcc 28 AZ100E116FN azm100e116 1,2 1 add r2 at end of part number for 13 inch (2.5k parts) tape & reel. 2 date code format: ?yy? for year followed by ?ww? for week.
az10e116 az100e116 november 2006 * rev - 3 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic rating unit v cc pecl power supply (v ee = 0v) 0 to +8.0 vdc v i pecl input voltage (v ee = 0v) 0 to +6.0 vdc v ee ecl power supply (v cc = 0v) -8.0 to 0 vdc v i ecl input voltage (v cc = 0v) -6.0 to 0 vdc i out output current --- continuous --- surge 50 100 ma t a operating temperature range -40 to +85 c t stg storage temperature range -65 to +150 c 10k ecl dc characteristics (v ee = -4.94v to -5.46v, v cc = v cco = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1080 -890 -1020 -840 -980 -810 -910 -720 mv v ol output low voltage 1 -1950 -1650 -1950 -1630 -1950 -1630 -1950 -1595 mv v ih input high voltage -1230 -890 -1170 -840 -1130 -810 -1060 -720 mv v il input low voltage -1950 -1500 -1950 -1480 -1950 -1480 -1950 -1445 mv v bb reference voltage -1430 -1300 -1380 -1270 -1350 -1250 -1310 -1190 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 29 35 29 35 29 35 29 35 ma 1. each output is terminated through a 50 resistor to v cc ? 2v. logic symbol d0 d0 d1 d1 d2 d2 d3 d3 d4 d4 q0 q0 q1 q1 q2 q2 q3 q3 q4 q4 v bb 26 27 28 1 2 3 4 v cco v cco v ee v bb v cc v cco v cco v cco 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 d3 d4 d4 q4 q4 q3 q3 q2 q2 q1 q1 q0 q0 d1 d1 d0 d0 d2 d2 d3 pin description pin function d0, d0 -d4, d4 differential input pairs q0, q0 -q4, q4 differential output pairs v bb reference voltage output v cc , v cco positive supply v ee negative supply pinout: 28-lead plcc (top view)
az10e116 az100e116 november 2006 * rev - 3 www.azmicrotek.com 3 10k pecl dc characteristics (v ee = gnd, v cc = v cco = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3920 4110 3980 4160 4020 4190 4090 4280 mv v ol output low voltage 1,2 3050 3350 3050 3370 3050 3370 3050 3405 mv v ih input high voltage 1 3770 4110 3830 4160 3870 4190 3940 4280 mv v il input low voltage 1 3050 3500 3050 3520 3050 3520 3050 3555 mv v bb reference voltage 1 3570 3700 3620 3730 3650 3750 3690 3810 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 29 35 29 35 29 35 29 35 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 resistor to v cc ? 2v. 100k ecl dc characteristics (v ee = -4.2v to -5.46v, v cc = v cco = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1085 -1005 -880 -1025 -955 -880 -1025 -955 -880 -1025 -955 -880 mv v ol output low voltage 1 -1830 -1695 -1555 -1810 -1705 -1620 -1810 -1705 -1620 -1810 -1705 -1620 mv v ih input high voltage -1165 -880 -1165 -880 -1165 -880 -1165 -880 mv v il input low voltage -1810 -1475 -1810 -1475 -1810 -1475 -1810 -1475 mv v bb reference voltage -1380 -1260 -1380 -1260 -1380 -1260 -1380 -1260 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 29 35 29 35 29 35 29 40 ma 1. each output is terminated through a 50 resistor to v cc ? 2v. 100k pecl dc characteristics (v ee = gnd, v cc = v cco = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3915 3995 4120 3975 4045 4120 3975 4045 4120 3975 4045 4120 mv v ol output low voltage 1,2 3170 3305 3445 3190 3295 3380 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 1 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 1 3190 3525 3190 3525 3190 3525 3190 3525 mv v bb reference voltage 1 3620 3740 3620 3740 3620 3740 3620 3740 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 29 35 29 35 29 35 29 40 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 resistor to v cc ? 2v. ac characteristics (v ee =10e(-4.94v to -5.46v), 100e(-4.2v to -5.46v); v cc =v cco =gnd or v ee =gnd, v cc =v cco =10e(+4.94v to +5.46v),100e(+4.2v to +5.46v) ) -40 c 0 c 25 c 85 c unit condition symbol characteristic min typ max min typ max min typ max min typ max t plh /t phl propagation delay to output d (differential) d (single-ended) 150 150 300 300 500 550 200 150 300 300 450 500 200 150 300 300 450 500 200 150 300 300 450 500 ps t skew within-device skew 1 50 50 50 50 ps t skew duty cycle skew 2 t plh - t phl 10 10 10 10 ps v pp (ac) minimum input swing 3 150 150 150 150 mv v cmr common mode range 4 v cc - 2.0 v cc - 0.6 v cc - 2.0 v cc - 0.6 v cc - 2.0 v cc - 0.6 v cc - 2.0 v cc - 0.6 v t r /t f rise/fall time 250 625 275 575 275 575 275 575 ps 20-80% 1. within-device skew is defined as identical transitions on similar paths through a device. 2. duty cycle skew is defined only for differe ntial operation. the skews are measured fr om the crossover point of the inputs to t he crossover point of the outputs. 3. v pp is the minimum peak-to-peak differential input swing for which ac parameters are guaranteed. 4. the v cmr range is referenced to the most positive side of the differential input signal. no rmal operation is obtained if the high leve l falls within the specified range and the peak -to-peak voltage lies between v pp (min) and 1v.
az10e116 az100e116 november 2006 * rev - 3 www.azmicrotek.com 4 package diagram plcc 28 millimeters inches dim min max min max a 12.32 12.57 0.485 0.495 b 12.32 12.57 0.485 0.495 c 4.20 4.57 0.165 0.180 e 2.29 2.79 0.090 0.110 f 0.33 0.48 0.013 0.019 g 1.27 bsc 0.050 bsc h 0.66 0.81 0.026 0.032 j 0.51 0.020 k 0.64 0.025 r 11.43 11.58 0.450 0.456 u 11.43 11.58 0.450 0.456 v 1.07 1.21 0.042 0.048 w 1.07 1.21 0.042 0.048 x 1.07 1.42 0.042 0.056 t 0.50 0.020 z 2 o 10 o 2 o 10 o g1 10.42 10.92 0.410 0.430 k1 1.02 0.040 notes: 1. datums ?l-, -m-, and ?n- determined where top of lead shoulder exits plastic body at mold parting line. 2. dimension g1, true position to be measured at datum ?t-, seating plane. 3. dimensions r and u do not include mold flash. alowable mold flash is 0.010mm (0.250in.) per side. 4. dimensioning and tolerancing per ansi y14.5m, 1982. 5. controlling dimension: inch. 6. the package top may be smaller than the packge bottom by up to 0.012mm (0.300in.). dimensions r and u are determined at the outermost extremes of the plastic body exclusive of mold flash, the bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 7. dimension h does not include dambar protrusion or intrusion. the dambar protrusion(s) shall not cause the h dimension to be smaller than 0.025mm (0.635in.).
az10e116 az100e116 november 2006 * rev - 3 www.azmicrotek.com 5 arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time without prior notice. arizona mic rotek, inc. makes no warranty, representation or guarant ee regarding the suitability of its products for any particular purpose, nor does a rizona microtek, inc. assume any liability arising out of the applica tion or use of any product or ci rcuit and specifically disclaims any and all liability, including without limitation special, consequential or inci dental damages. arizona microtek, inc. does not convey a ny license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as component s in systems intended to support or sustain life, or for any other applicati on in which the failure of the arizona microtek, inc. product co uld create a situation where personal injury or death may occur. should buye r purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify a nd hold arizona microtek, inc. a nd its officers, employees, subs idiaries, affiliates, and distributor s harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim al leges that arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100E116FN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X