Part Number Hot Search : 
TLE6250 CDLL969B V470M JM11403 N87C196K ACM1602 UPA1707 BZX79C30
Product Description
Full Text Search
 

To Download AM40U-2424SH30IZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am 40u-iz 40 watt | dc - dc converter www.aimtec .com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 1 of 5 north america only picture coming soon features: ? wide input 2 :1 range ? adjustable output voltage ? 1 5 00 & 3000 vdc isolation ? remote on/off function ? efficiency up to 87% ? over load, voltage & short circuit protection ? regulated output ? operating temperature - 40 o c to + 7 5 o c ? sof t start models single output model input voltage (v) output voltage (v) output current max ( a) isolation (vdc) efficiency (%) am40u - 1203siz 9 - 18 3.3 7 1500 85 am40u - 1205siz 9 - 18 5 7 1500 85 am40u - 1212siz 9 - 18 12 3 1500 85 am40u - 1215siz 9 - 18 15 2.3 1500 85 am40u - 1224siz 9 - 18 24 1.5 1500 85 am40u - 2403siz 18 - 36 3.3 7 1500 82 am40u - 2405siz 18 - 36 5 7 1500 82 am40u - 2412siz 18 - 36 12 3 1500 82 am40u - 2415siz 18 - 36 15 2.3 1500 82 am40u - 2424siz 18 - 36 24 1.5 1500 82 am40u - 4803siz 36 - 75 3.3 7 1500 83 am40u - 4805siz 36 - 75 5 7 1500 83 am40u - 4812siz 36 - 75 12 3 1500 83 am40u - 4815siz 36 - 75 15 2.3 1500 83 am40u - 4824siz 36 - 75 24 1.5 1500 83 am40u - 1203sh30iz 9 - 18 3.3 7 3000 85 am40u - 1205sh30iz 9 - 18 5 7 3000 85 am40u - 1212sh30iz 9 - 18 12 3 3000 85 am 40u - 1215sh30iz 9 - 18 15 2.3 3000 85 am40u - 1224sh30iz 9 - 18 24 1.5 3000 85 am40u - 2403sh30iz 18 - 36 3.3 7 3000 82 am40u - 2405sh30iz 18 - 36 5 7 3000 82 am40u - 2412sh30iz 18 - 36 12 3 3000 82 am40u - 2415sh30iz 18 - 36 15 2.3 3000 82 am40u - 2424sh30iz 18 - 36 24 1.5 30 00 82 am40u - 4803sh30iz 36 - 75 3.3 7 3000 83 am40u - 4805sh30iz 36 - 75 5 7 3000 83 am40u - 4812sh30iz 36 - 75 12 3 3000 83 am40u - 4815sh30iz 36 - 75 15 2.3 3000 83 am40u - 4824sh30iz 36 - 75 24 1.5 3000 83 models dual output model input voltage (v) output voltage ( v) output current max (a) isolation (vdc) efficiency (%) am40u - 1205diz 9 - 18 5 3.5 1500 83 am40u - 1212diz 9 - 18 12 1.5 1500 83 am40u - 1215diz 9 - 18 15 1.15 1500 83 am40u - 2405diz 18 - 36 5 3.5 1500 80 am40u - 2412diz 18 - 36 12 1.5 1500 80 am40u - 2415 diz 18 - 36 15 1.15 1500 80 am40u - 4805diz 36 - 75 5 3.5 1500 81 am40u - 4812diz 36 - 75 12 1.5 1500 81 am40u - 4815diz 36 - 75 15 1.15 1500 81
series am 40u-iz 40 watt | dc - dc converter www.aimtec .com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 2 of 5 north america only models dual output (continued) model input voltage (v) output voltage (v) output current max (a) isolation (vd c) efficiency (%) am40u - 1205dh30iz 9 - 18 5 3.5 3000 83 am40u - 1212dh30iz 9 - 18 12 1.5 3000 83 am40u - 1215dh30iz 9 - 18 15 1.15 3000 83 am40u - 2405dh30iz 18 - 36 5 3.5 3000 80 am40u - 2412dh30iz 18 - 36 12 1.5 3000 80 am40u - 2415dh30iz 18 - 36 15 1.15 300 0 80 am40u - 4805dh30iz 36 - 75 5 3.5 3000 81 am40u - 4812dh30iz 36 - 75 12 1.5 3000 81 am40u - 4815dh30iz 36 - 75 15 1.15 3000 81 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. input specifications parameters nominal typical maximum units voltage range 12 9 - 18 vdc 24 18 - 36 48 36 - 75 filter (pi) network absolute maximum rating 12 25 vdc 24 50 48 100 on/of f c ontrol on C ttl high or open ; off C ttl low or short isolation specifications parameters conditions typical maximum units tested i/o voltage 3 sec 1500 or 3 0 00 vdc resistance 500vdc >1000 mohm output specifications parameters conditions typica l maximum units voltage accuracy 2 % over voltage protection zener diode clamp over current protection >110 fl % short circuit protection continuous short circuit restart auto - restart line voltage regulation 0.5 % of vin load voltage regul ation (single) iout=25% to 100% 0.5 % load voltage regulation (dual) iout=25% to 100% 2 % temperature coefficient 0.05 %/ o c ripple & noise 20mhz bandwidth (5 & 3.3vout) 80 mv p - p all other output models 1 % p - p vout voltage adjustment range 10 % minimum load current 25 % of max general specifications parameters conditions typical maximum units switching frequency 100 % load 250 khz operating temperature - 40 to + 7 5 o c storage temperature - 55 to +11 5 o c maximum case temperature 100 o c derating see chart below 45 o c cooling free air convection humidity 95 % rh
series am 40u-iz 40 watt | dc - dc converter www.aimtec .com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 3 of 5 north america only general specifications (continued) parameters conditions typical maximum units case material nickel C coated copper with nonconductive base weight 65 g dimensio ns (l x w x h) 2.00 x 2.00 x 0.40 inches 50.81 x 50.81 10. 20 mm mtbf > 1 5 00 000 hrs ( mil - hdbk - 217 f at +25 o c ) maximum s oldering t emperature o c transient r ecovery time 50% load step change 280 u s pin out specifications pin 1000 & 3000 vdc single dual 1 +v input +v input 2 - v input - v input 3 on/off control on/off control 4 no pin +v output 5 +v output common 6 - v output - v output 7 trim trim dimensions 50.80 (2.00) 50.80 (2.00) 1 2 3 10.16 (0.40) 5.08 (0.20) 45.70 (1.80) 4 5 6 7 22.86 (0.90) 10.16 (0.40) 10.16 (0.40) 10.16 (0.40) side view 1.00 (0.04) 5.60 (0.22) dimensions mm (inch) case tolerance: 0.25mm (0.02inch) pin length tolerence: 0.05mm (0.002inch) bottom view printed face trimming
series am 40u-iz 40 watt | dc - dc converter www.aimtec .com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 4 of 5 north america only derating - 40 - 20 0 20 40 60 80 100 100 80 60 40 20 0 safe operating area output power (%) 75 ambient temperature o c free air convection 35 45 o c contro l on/off pin connection example single output dual output
series am 40u-iz 40 watt | dc - dc converter www.aimtec .com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 5 of 5 north america only digital control circuit: control voltage on / off control -v input 0.5ma dc/dc converter npn 0v vpeak ra = vpeak C 0.6 0.5ma note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on label s, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4 . all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherw ise specifie d. 5. aimtec may not hav e conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be a vailable for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applications which necessitate specific safety and regulatory standards other t he ones listed in this datasheet . 7. warranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com .


▲Up To Search▲   

 
Price & Availability of AM40U-2424SH30IZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X