Part Number Hot Search : 
MIC52 UC3843DX BU807TU MB89183 DGGYR TF91320C C74HC2 BC857M
Product Description
Full Text Search
 

To Download 85CNQ015ASLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94260 for tec hnical questions, contact: diodestech@vishay.com www.vishay.com revision: 16-apr-10 1 schottky rectifier new generation 3 d-61 package, 2 x 40 a vs-85cnq015a pbf series vishay high power products features ? 125 c t j operation (v r < 5 v) ? center tap module ? optimized for or-ing applications ? ultra low forward voltage drop ? high frequency operation ? guard ring for enhanced ruggedness and long term reliability ? high purity, high temperatu re epoxy encapsulation for enhanced mechanical strength and moisture resistance ? new fully transfer-mold low profile, small footprint, high current package ? through-hole versions are currently available for use in lead (pb)-free applications (pbf suffix) ? compliant to rohs directive 2002/95/ec ? designed and qualified for industrial level description the center tap schottky rectifie r module has been optimized for ultra low forward voltage dr op specifically for the or-ing of parallel power supplies. the proprietary barrier technology allows for reliable operation up to 125 c junction temperature. typical applications are in parallel switching power supplies, co nverters, reverse battery protection, and redund ant power subsystems. product summary i f(av) 2 x 40 a v r 15 v i rm 1000 ma at 100 c base common cathode base common cathode common cathode anode 2 anode 1 12 3 common cathode anode 2 anode 1 12 3 anode 2 anode 1 1 3 d-61-8 vs-85cnq015apbf vs-85cnq015asmpbf d-61-8-sm vs-85CNQ015ASLPBF d-61-8-sl major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 80 a v rrm 15 v i fsm t p = 5 s sine 5200 a v f 40 apk, t j = 75 c (per leg) 0.32 v t j range - 55 to 125 c voltage ratings parameter symbol vs-85cnq015apbf units maximum dc reverse voltage v r 15 v maximum working peak reverse voltage v rwm 25 * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94260 2 revision: 16-apr-10 vs-85cnq015a pbf series vishay high power products schottky rectifier new generation 3 d-61 package, 2 x 40 a note (1) pulse width < 300 s, duty cycle < 2 % absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 5 i f(av) 50 % duty cycle at t c = 78 c, rectangular waveform 80 a maximum peak one cycle non-repetitive surge current per leg see fig. 7 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 5200 10 ms sine or 6 ms rect. pulse 850 non-repetitive avalanche energy per leg e as t j = 25 c, i as = 2 a, l = 4.5 mh 9 mj repetitive avalanche current per leg i ar current decaying linearly to zero in 1 s frequency limited by t j maximum v a = 3 x v r typical 2a electrical specifications parameter symbol test conditions values units maximum forward voltage drop per leg see fig. 1 v fm (1) 40 a t j = 25 c 0.36 v 80 a 0.45 40 a t j = 75 c 0.32 80 a 0.42 maximum reverse leakage current per leg see fig. 2 i rm (1) t j = 100 c v r = 12 v 890 ma v r = 5 v 540 t j = 25 c v r = rated v r 20 t j = 100 c 1000 maximum junction ca pacitance per leg c t v r = 5 v dc (test signal range 100 khz to 1 mhz) 25 c 3600 pf typical series inductance per leg l s measured lead to lead 5 mm from package body 5.5 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j , t stg - 55 to 125 c maximum thermal resistance, junction to case per leg r thjc dc operation (see fig. 4) 0.85 c/w per package dc operation 0.42 typical thermal resistance, case to heatsink r thcs mounting surface, smooth and greased device flatness < 5 mils 0.30 approximate weight 7.8 g 0.28 oz. mounting torque minimum 40 (35) kgf cm (lbf in) maximum 58 (50) marking device case style d-61 85cnq015a case style d-61-8-sm 85cnq015asm case style d-61-8-sl 85cnq015asl
document number: 94260 for tec hnical questions, contact: diodestech@vishay.com www.vishay.com revision: 16-apr-10 3 vs-85cnq015a pbf series schottky rectifier new generation 3 d-61 package, 2 x 40 a vishay high power products fig. 1 - maximum forward voltage drop characteristics (per leg) fig. 2 - typical values of reverse current vs. reverse voltage (per leg) fig. 3 - typical junction capacitance vs. reverse voltage (per leg) fig. 4 - maximum thermal impedance z thjc characteristics (per leg) 0.1 100 10 1000 i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0.1 0.2 0.3 0.4 0.5 0.7 0.6 0 1 t j = 100 c t j = 75 c t j = 25 c 1 10 100 1000 i r - reverse current (ma) v r - reverse voltage (v) 5 15 10 0 t j = 100 c t j = 75 c t j = 50 c t j = 25 c 1000 10 000 c t - junction capacitance (pf) v r - reverse voltage (v) 510 20 15 0 t j = 25 c 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 100 10 single pulse (thermal resistance) d = 0.50 d = 0.33 d = 0.25 d = 0.17 d = 0.08 p dm t 1 t 2 notes: 1. duty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94260 4 revision: 16-apr-10 vs-85cnq015a pbf series vishay high power products schottky rectifier new generation 3 d-61 package, 2 x 40 a fig. 5 - maximum allowable case temperature vs. average forward current (per leg) fig. 6 - forward power loss characteristics (per leg) fig. 7 - maximum non-repeti tive surge current (per leg) fig. 8 - unclamped in ductive test circuit 80 85 90 95 100 105 allowable case temperature (c) i f(av) - average forward current (a) 30 10 20 40 50 60 0 r thjc (dc) = 0.85 c/w dc 0 15 10 5 20 average power loss (w) i f(av) - average forward current (a) 20 10 30 40 60 50 0 dc rms limit d = 0.08 d = 0.17 d = 0.25 d = 0.33 d = 0.50 100 10 000 1000 i fsm - non-repetitive surge current (a) t p - square wave pulse duration (s) 100 1000 10 000 10 at any rated load condition and with rated v rrm applied following surge current monitor high-speed switch d.u.t. r g = 25 + freewheel diode v d = 25 v l irfp460 40hfl40s02
document number: 94260 for tec hnical questions, contact: diodestech@vishay.com www.vishay.com revision: 16-apr-10 5 vs-85cnq015a pbf series schottky rectifier new generation 3 d-61 package, 2 x 40 a vishay high power products ordering information table 2 - current rating (80 a) 3 4 5 - schottky ?q? series 6 - voltage ratings (015 = 15 v) 7 - 8 standard pack quantity: a = 10 pieces; asm/asl = 20 pieces a = d-61-8 asm = d-61-8-sm asl = d-61-8-sl - package style: n = d-61 - package: c = common cathode - circuit configuration: - none = standard production pbf = lead (pb)-free device code 5 1 3 24 678 vs- 85 c n q 015 a pbf 1 - hpp product suffix links to related documents dimensions www.vishay.com/doc?95354 part marking information www.vishay.com/doc?95356
document number: 95354 for technical questions concer ning discrete products, cont act: diodes-tech@vishay.com www.vishay.com revision: 13-aug-08 for technical qu estions concerning module products , contact: ind-modules@vishay.com 1 d-61-8, d-61-8-sm, d-61-8-sl outline dimensions vishay high power products dimensions for d-61-8 in millimeters (inches) 16.2 (0.640) ref. 14 mi n . 14 mi n . 5.97 (0.235) 5.71 (0.225) 10.79 (0.425) max. 3.30 (0.130) 3.04 (0.120) 1.04 (0.041) 0. 8 4 (0.033) 37.97 (1.495) 37.72 (1.4 8 5) (2 x) r 0.0200 1.40 (0.055) 1.14 (0.045) 5 (2 x) 5 (2 x) 30.15 (1.1 8 7) 29.90 (1.177) ? 4.17 (0.164) ? 3.91 (0.154) (2 x) 8 . 8 9 (0.350) 8 .73 (0.344) 0. 8 9 (0.035) 0.73 (0.029) 1.9 8 (0.07 8 ) 1.72 (0.06 8 ) 5.20 (0.205) 4.95 (0.195) 10.2 8 (0.405) 10.03 (0.395) 11.05 (0.435) ref. 123
www.vishay.com for technical questions concerning di screte products, contac t: diodes-tech@vishay.com document number: 95354 2 for technical questions concerning modul e products, contact: ind-modules@vishay.com revision: 13-aug-08 outline dimensions vishay high power products d-61-8, d-61-8-sm, d-61-8-sl dimensions for d-61-8-sm in millimeters (inches) 19.93 (0.7 8 5) 19.6 8 (0.775) 8 . 8 9 (0.350) 8 .73 (0.344) 11.05 (0.435) ref. 0. 8 9 (0.035) 0.73 (0.029) 1.9 8 (0.07 8 ) 1.72 (0.06 8 ) 5.20 (0.205) 4.95 (0.195) 10.2 8 (0.405) 10.03 (0.395) 1.40 (0.055) 1.14 (0.045) 14 mi n . 14 mi n . 5.97 (0.235) 5.71 (0.225) 10.79 (0.425) max. 3.30 (0.130) 3.04 (0.120) 1.04 (0.041) 0. 8 4 (0.033)
document number: 95354 for technical questions concer ning discrete products, cont act: diodes-tech@vishay.com www.vishay.com revision: 13-aug-08 for technical qu estions concerning module products , contact: ind-modules@vishay.com 3 outline dimensions d-61-8, d-61-8-sm, d-61-8-sl vishay high power products dimensions for d 61-8-sl in millimeters (inches) 8 . 8 9 (0.350) 8 .73 (0.344) 2.67 (0.105) 2.16 (0.0 8 5) 19.93 (0.7 8 5) 19.6 8 (0.775) 5.59 (0.220) 5.0 8 (0.200) 0. 8 9 (0.035) 0.73 (0.029) 1.9 8 (0.07 8 ) 1.72 (0.06 8 ) 5.20 (0.205) 4.95 (0.195) 14 mi n . 14 mi n . 3.30 (0.130) 3.05 (0.120) 1.40 (0.055) 1.14 (0.045) r0 0.50 8 (r 0.02) 5.97 (0.235) 5.71 (0.225) detail ?a? 3.30 (0.130) 3.05 (0.120) 5 1.04 (0.041) 0. 8 4 (0.033) r 0.51 (0.020) r 0.76 (0.030) 5.33 (0.210) 3.97 (0.156) 3.6 8 (0.145) 2.41 (0.095) 2.16 (0.0 8 5) 0. 8 9 (0.035) 0.73 (0.029) 10.79 (0.425) max. 19.93 (0.7 8 5) 19.6 8 (0.775) 16.13 (0.635) 15. 88 (0.625) 14.22 (0.560) 13.71 (0.540) 1.9 8 (0.07 8 ) 1.72 (0.06 8 ) (2 x) 10.16 (0.400) ref. 0. 8 9 (0.035) 0.73 (0.029) (2 x) 0.64 (0.025) ref. (2 x) 8 . 8 9 (0.350) 8 .73 (0.344) 3.97 (0.156) 3.6 8 (0.145) 5.59 (0.220) 5.0 8 (0.200)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 85CNQ015ASLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X