Part Number Hot Search : 
7N60C MRF49XA SR036 93LC56AP AT250 7N60C 00209 431A1
Product Description
Full Text Search
 

To Download 2SC536104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sc5361 2004-07-26 1 toshiba transistor silicon npn triple diffused type 2sc5361 high-voltage switching applications switching regulator applications dc-dc converter applications ? excellent switching times: t f = 0.5 s (max) (i c = 1.2 a) ? high breakdown voltage: v ceo = 800 v ? high dc current gain: h fe = 15 (min) (i c = 0.15 a) maximum ratings (tc = 25c) characteristics symbol rating unit collector-base voltage v cbo 900 v collector-emitter voltage v ceo 800 v emitter-base voltage v ebo 7 v dc i c 3 collector current pulse i cp 5 a base current i b 1 a ta = 25c 1.5 collector power dissipation tc = 25c p c 40 w junction temperature t j 150 c storage temperature range t stg ? 55 to 150 c unit: mm jedec D jeita D toshiba 2-10s1a weight: 1.5 g (typ.)
2sc5361 2004-07-26 2 electrical characteristics (tc = 25c) characteristics symbol test condition min typ. max unit collector cut-off current i cbo v cb = 720 v, i e = 0 D D 100 a emitter cut-off current i ebo v eb = 7 v, i c = 0 D D 10 ma collector-base breakdown voltage v (br) cbo i c = 1 ma, i e = 0 900 D D v collector-emitter breakdown voltage v (br) ceo i c = 10 ma, i b = 0 800 D D v h fe (1) v ce = 5 v, i c = 1 ma 10 D D dc current gain h fe (2) v ce = 5 v, i c = 0.15 a 15 D D collector-emitter saturation voltage v ce (sat) i c = 1.2 a, i b = 0.24 a D D 1.0 v base-emitter saturation voltage v be (sat) i c = 1.2 a, i b = 0.24 a D D 1.3 v rise time t r D D 0.7 storage time t stg D D 4.0 switching time fall time t f i b1 = 0.24 a, i b2 = ? 0.48 a, duty cycle 1% D D 0.5 s marking i b1 20 s v cc 360 v output 300 ? i b2 i b1 input i b2 i c lot no. a line indicates lead (pb)-free package or lead (pb)-free finish. c5361 part no. (or abbreviation code)
2sc5361 2004-07-26 3 collector-emitter voltage v ce (v) i c ? v ce collector current i c (a) h fe ? i c dc current gain h fe collector current i c (a) collector current i c (a) v be (sat) ? i c base-emitter saturation voltage v be (sat) (v) v ce (sat) ? i c collector-emitter saturation voltage v ce (sat) (v) collector current i c (a) base-emitter voltage v be (v) i c ? v be collector current i c (a) collector current i c (a) switching characteristics switching time (s) 3 2 1 0 4 6 8 2 0 10 i b = 0.02 a common emitter tc = 2 5 c 0.1 0.05 0.2 0.3 0.4 0.5 0.6 0.8 1.0 common emitter v ce = 5 v tc = 100c ? 55 3 2 1 0 0.2 0.8 0 1.2 0.4 0.6 1.0 1.4 25 tc = 100c ? 55 25 common emitter v ce = 5 v 0.001 0.01 10 1000 1 100 10 0.1 1 0.1 0.05 common emitter i c /i b = 5 0.01 10 10 tc = 100c ? 55 25 1 0.1 1 0.1 0.01 0.1 10 1 i c = 5i b1 , 2i b1 = ? i b2 , pulse width = 20 s duty cycle 1% tc = 25c 10 t f t stg t r 1 0.1 0.01 0.1 10 1 common emitter i c /i b = 5 10 tc = 100c ? 55 25 1
2sc5361 2004-07-26 4 collector-emitter voltage v ce (v) safe operating area collector current i c (a) ambient temperature ta (c) p c ? ta collector power dissipation p c (mw) 60 40 20 0 80 120 160 40 0 200 (1) tc = ta infinite heat sink (2) no heat sink (1) (2) 0.001 1 3 1000 10 *: single nonrepetitive pulse tc = 25c curves must be derated linearly with increase in temperature. i c max (continuous) i c max (pulsed)* v ceo max dc operation tc = 25c 1 ms* 10 ms* 100 ms* 0.01 1 0.1 10 50 10 300 5 500 10 s* 30
2sc5361 2004-07-26 5 ? the information contained herein is subject to change without notice. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringements of patents or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of toshiba or others. ? toshiba is continually working to improve the quality an d reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. ? the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfuncti on or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk. ? toshiba products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations. 030619eaa restrictions on product use


▲Up To Search▲   

 
Price & Availability of 2SC536104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X