Part Number Hot Search : 
AM1434N SFR605 3506A HVR1200 MUR440 12802 RFM064 TC1221
Product Description
Full Text Search
 

To Download 249-8072-3333-504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits long life C typically 100k hours low power consumption C uses up to 90% less energy than an incandescent indicator front or rear panel mounting available in either cylindrical or stovepipe lens, unique internal fresnel design provides uniform illumination aluminum black anodized housing enhances contrast no heat generate resistant to shock and vibration colors include C red, green, yellow and blue polarity indication by terminal (+) denotes anode 249 series led panel mount indicators for 3/8 mounting hole dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel249x001_b applications dialights 249 series led panel mount indicator is available with a variety of leds as well as neon for 120 vac operation. typical applications for the 249 series include: ? main and remote power indication ? status indication ? maintenance and warning indication ? instrumentation ? process control ..and many more! specifications voltage requirements: 3.6, 5, 10, 14 and 28 vdc* operating temperature: -20o to +85oc (no current limiting resistor required) storage temperature: -40o to +100oc electrical connection: turret terminals for wire wrapping panel thickness: 0.031-0.312 (.787 C 7.92 mm) mounting hole size: 0.375 (9.53 mm) mounts with knurled flange nut, lock washer and nut. * dialight recommends tolerance of 5% of specified voltage range notes: 1. dimensions in inches [mm] 2. all measurements are typical 3. hardware includes knurled ring, lock washer & hex nut cylindrical lens 1 stovepipe lens polarity mark lockwash polarity mark knurled flange nut nut figure 1 figure 2 .230 [5.80] .571 [14.50] .993 [25.20] .16 [4.06] .330 [8.40] .280 [7.10] .571 [14.50] .993 [25.20] 1. cylindrical lens will provide wider viewing angle.
dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel249x001_b 249 series led panel mount indicators for 3/8 mounting hole cylindrical cap stovepipe cap ** requires current limiting resistor * dialight recommends tolerance of 5% of specified voltage range part number color voltage (vdc)* current (ma) intensity typ (mcd) figure 249-4162-3734-504 blue 3** 10 1500 1 249-7867-3731-504 red 3.6 20 170 1 249-7967-3732-504 green 3.6 20 100 1 249-8067-3733-504 yellow 3.6 20 150 1 249-4164-3734-504 blue 5 10 1500 1 249-7868-3731-504 red 5 20 170 1 249-7968-3732-504 green 5 20 100 1 249-8068-3733-504 yellow 5 20 150 1 249-4166-3734-504 blue 10 10 1500 1 249-7870-3731-504 red 10 20 170 1 249-7970-3732-504 green 10 20 100 1 249-8070-3733-504 yellow 10 20 150 1 249-4167-3734-504 blue 14 10 1500 1 249-7871-3731-504 red 14 20 170 1 249-7971-3732-504 green 14 20 100 1 249-8071-3733-504 yellow 14 20 150 1 249-4168-3734-504 blue 28 10 1500 1 249-7872-3731-504 red 28 20 170 1 249-7972-3732-504 green 28 20 100 1 249-8072-3733-504 yellow 28 20 150 1 part number color voltage (vdc)* current (ma) intensity typ (mcd) figure 249-4162-3334-504 blue 3** 10 700 2 249-7867-3331-504 red 3.6 20 55 2 249-7967-3332-504 green 3.6 20 40 2 249-8067-3333-504 yellow 3.6 20 75 2 249-4164-3334-504 blue 5 10 700 2 249-7868-3331-504 red 5 20 55 2 249-7968-3332-504 green 5 20 40 2 249-8068-3333-504 yellow 5 20 75 2 249-4166-3334-504 blue 10 10 700 2 249-7870-3331-504 red 10 20 55 2 249-7970-3332-504 green 10 20 40 2 249-8070-3333-504 yellow 10 20 75 2 249-4167-3334-504 blue 14 10 700 2 249-7871-3331-504 red 14 20 55 2 249-7971-3332-504 green 14 20 40 2 249-8071-3333-504 yellow 14 20 75 2 249-4168-3334-504 blue 28 10 700 2 249-7872-3331-504 red 28 20 55 2 249-7972-3332-504 green 28 20 40 2 249-8072-3333-504 yellow 28 20 75 2


▲Up To Search▲   

 
Price & Availability of 249-8072-3333-504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X