Part Number Hot Search : 
2451B PZTA4 IRF110 MC130 PSKT225 S0706 2SC358 IR3510M
Product Description
Full Text Search
 

To Download 2206002P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  391 www.littelfuse.com 2ag fast-acting fuse 2206p series packaging options: 2206p series available on tape and reel per eia-296. 2206 series available in bulk packaging. for 1000 pieces bulk, add packaging suffix mxp. environmental specifications: operating temperature: ?5? to 125?. shock: mil-std-202, method 213, test condition i (100 gs peak for 6 milliseconds). vibration: mil-std-202, method 201 (10?5 hz, 0.06 inches total excursion). salt spray: mil-std-202 method 101, test condition b (48 hours). insulation resistance (after opening): mil-std-202, method 302, test condition b. resistance to soldering heat: (axial leaded fuses): mil-std-202, method 210a, test condition b (260?, 3 seconds). thermal shock: mil-std-202, method 107, test condition b (?5? to 125?). moisture resistance: mil-std-202, method 106 (90-98% rh, 65?). solderability: (axial leaded fuses): mil-std-202, method 208. physical specifications: materials: glass body, nickel-plated brass fuse caps. (insulating sleeve option available). soldering parameters: wave solder ?500? (260?), 3 seconds max. reflow solder ?not recommended. 2206 000p series 14.48 (.57") 4.7 (.184") 0.635 (.025") 38.1 (1.50") typ. axial lead material: tin coated copper. ordering information: axial lead nominal nominal catalog ampere voltage resistance melting i 2 t number rating rating cold ohms a 2 sec. 2206 .750p .750 300 0.340 2.95 2206 001p 1 300 0.210 5.64 2206 002p 2 300 0.0699 30.0 2206 003p 3 300 0.0505 50.0 subminiature glass body pb rohs physcialspecifications: materials: glass body, nickel-plated brass fuse caps soldering parameters: wave solder- 500?f(260?c), 3 seconds max. reflow solder- not recommended axial lead and cartridge fuses the 2ag fast-acting fuses are available with axial leads. axial leaded fuses are board washable. 2ag fuses provide the same performance characteristics as their 3ag counterpart, while occupying one-third the space. electrical characteristics: % of ampere opening rating time 100% 4 hours, min imum 135% 1 hour, max imum 200% 1 second, max imum agency approvals: all ratings are listed by ul and certified by csa. agency file numbers: ul e10480, csa lr 29862. interrupting ratings: 0.75?.0a 10,000 amperes at 125vac 0.75?.0a 35 amperes at 250vac


▲Up To Search▲   

 
Price & Availability of 2206002P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X