Part Number Hot Search : 
9318M8 CMX868 D592A 104MPW4 CMX868 BC547C 5KE18CA 284884
Product Description
Full Text Search
 

To Download 0520300629 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0520300629 status: active overview: description: 1.00mm (.039") pitch ffc/fpc connector, through-hole, vertical, zif receptacle, 6 circuits, lead-free general product family ffc/fpc connectors series 52030 overview ffc_fpc_throughhole product name n/a physical circuits (loaded) 6 contact position n/a durability (mating cycles max) 30 entry angle vertical mated height (in) 0.205 in mated height (mm) 5.20 mm material - metal phosphor bronze material - plating mating tin-bismuth material - plating termination tin-bismuth material - resin nylon, polyester number of rows 1 orientation vertical pc tail length (in) 0.126 in pc tail length (mm) 3.20 mm pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm polarized to pcb no stackable no temperature range - operating -20c to +80c termination interface: style through hole wire/cable type ffc/fpc electrical current - maximum per contact 1a voltage - maximum 50v material info reference - drawing numbers packaging specification spk-52030-001 product specification ps-52030-004, rps-52030-003, rps-52030-004, rps-52030-005, rps-52030-006, rps-52030-017, rps-52030-018, rps-52030-019, rps-52030-020, rps-52030-021, rps-52030-022, rps-52030-023 sales drawing sd-52030-017 eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 52030 series this document was generated on 06/04/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0520300629

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X