Part Number Hot Search : 
PAM8407 LT1520 BDT29DF A2918SW 110AS90 2SC52 MBR1045 5962F
Product Description
Full Text Search
 

To Download 0321019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact deutschland gmbh page 1 / 8 http://www.phoenixcontact.de mar 17, 2010 extract from the online catalog ? urtk/ss order no.: 0321019 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=0321019 ? ? component terminal block, connection method: ? screw connection, width: ? 6.2 mm, mounting type: ? ns 35/7,5, ? ns 35/15, ? ns 32, color: ? gray ? commercial data ean 4017918001698 pack 50 pcs. customs tariff 85369010 weight/piece 0.01347 kg catalog page information page 397 (cl-2009) product notes weee/rohs-compliant since: 01/01/2003 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data general number of levels 1 number of connections 2 color gray
urtk/ss order no.: 0321019 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=0321019 phoenix contact deutschland gmbh page 2 / 8 http://www.phoenixcontact.de mar 17, 2010 insulating material pa inflammability class acc. to ul 94 v0 dimensions length 56.5 mm width 6.2 mm height ns 35/7,5 40 mm height ns 35/15 47.5 mm height ns 32 45 mm technical data rated surge voltage 6 kv pollution degree 3 surge voltage category iii insulating material group i connection in acc. with standard iec 60947-7-1 nominal current i n 26 a nominal voltage u n 400 v connection data conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 4 mm2 conductor cross section stranded min. 0.2 mm2 conductor cross section stranded max. 4 mm2 conductor cross section awg/kcmil min. 24 conductor cross section awg/kcmil max 12 conductor cross section stranded, with ferrule without plastic sleeve min. 0.25 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 4 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.25 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 2.5 mm2 2 conductors with same cross section, solid min. 0.2 mm2 2 conductors with same cross section, solid max. 1.5 mm2 2 conductors with same cross section, stranded min. 0.2 mm2
urtk/ss order no.: 0321019 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=0321019 phoenix contact deutschland gmbh page 3 / 8 http://www.phoenixcontact.de mar 17, 2010 2 conductors with same cross section, stranded max. 1.5 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, min. 0.25 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, max. 1.5 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, min. 0.5 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, max. 2.5 mm2 type of connection screw connection stripping length 7 mm screw thread m3 tightening torque, min 0.6 nm tightening torque max 0.8 nm certificates / approvals certification csa, cul, gost, prs, ul csa nominal voltage u n 300 v nominal current i n 25 a awg/kcmil 28-12 cul nominal voltage u n 300 v nominal current i n 20 a awg/kcmil 28-12 ul nominal voltage u n 300 v nominal current i n 20 a awg/kcmil 28-12
urtk/ss order no.: 0321019 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=0321019 phoenix contact deutschland gmbh page 4 / 8 http://www.phoenixcontact.de mar 17, 2010 accessories item designation description assembly 0321226 ats-urtk/ss partition plate, color: ? gray 3022218 clipfix 35 snap-on end bracket, for 35 mm ns 35/7.5 or ns 35/15 din rail, can be fitted with zack strip zb 8 and zb 8/27, terminal strip marker klm 2 and klm, width: 9.5 mm, color: gray 0321022 d-urtk/ss end cover, length: ? 56.5 mm, width: ? 1 mm, color: ? gray 1201442 e/uk end clamp, for assembly on ns 32 or ns 35/7,5 din rail 1201028 ns 32 al unperf 2000mm g rail 32 mm (ns 32) 1201280 ns 32 cu/120qmm unperf 2000mm g-profile din rail, deep-drawn, material: copper, unperforated, height 15 mm, width 32 mm, length 2 m 1201358 ns 32 cu/35qmm unperf 2000mm g-profile din rail, material: copper, unperforated, height 15 mm, width 32 mm, length 2 m 1201002 ns 32 perf 2000mm g-profile din rail, material: steel, perforated, height 15 mm, width 32 mm, length 2 m 1201015 ns 32 unperf 2000mm g-profile din rail, material: steel, unperforated, height 15 mm, width 32 mm, length 2 m 0801762 ns 35/ 7,5 cu unperf 2000mm din rail, material: copper, unperforated, height 7.5 mm, width 35 mm, length: 2 m 0801733 ns 35/ 7,5 perf 2000mm din rail, material: steel, galvanized and passivated with a thick layer, perforated, height 7.5 mm, width 35 mm, length: 2 m 0801681 ns 35/ 7,5 unperf 2000mm din rail, material: steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m 1201756 ns 35/15 al unperf 2000mm din rail, deep-drawn, high profile, unperforated, 1.5 mm thick, material: aluminum, height 15 mm, width 35 mm, length 2 m 1201895 ns 35/15 cu unperf 2000mm din rail, material: copper, unperforated, 1.5 mm thick, height 15 mm, width 35 mm, length: 2 m 1201730 ns 35/15 perf 2000mm din rail, material: steel, perforated, height 15 mm, width 35 mm, length: 2 m 1201714 ns 35/15 unperf 2000mm din rail, material: steel, unperforated, height 15 mm, width 35 mm, length: 2 m 1201798 ns 35/15-2,3 unperf 2000mm din rail, material: steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m 0321213 ts-urtk/ss separating plate, color: ? gray bridges 0201155 eb 2- 6 cross connector/bridge, number of positions: ? 2, color: ? gray 0201142 eb 3- 6 cross connector/bridge, number of positions: ? 3, color: ? gray 0201139 eb 10- 6 cross connector/bridge, number of positions: ? 10, color: ? gray
urtk/ss order no.: 0321019 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=0321019 phoenix contact deutschland gmbh page 5 / 8 http://www.phoenixcontact.de mar 17, 2010 2778550 fbrni 2-6 n base element, number of positions: ? 2, color: ? aluminum 3005976 fbrni 4-6 n cross connector/bridge, number of positions: ? 4, color: ? aluminum 2770626 fbrni 10-6 n cross connector/bridge, number of positions: ? 10, color: ? aluminum marking 1007222 sbs 6:unbedruckt marker cards for modular terminal blocks, color: white 1050499 zb 6:so/cms zack strip, 10-section, divisible, special printing, marking according to customer requirements plug/adapter 0309523 kss 3- 6 short circuit connector, number of positions: ? 3, color: ? black 0301547 kss 6 short circuit connector, number of positions: ? 2, color: ? black tools 1205053 szs 0,6x3,5 screwdriver, bladed, matches all screw terminal blocks up to 4.0 mm2 connection cross section, blade: 0.6 x 3.5 mm, without vde approval diagrams/drawings circuit diagram a = open 1 = cover 3 = fixed bridge 4 = switch bar, for 2 terminal blocks, useable on both sides of the disconnect point, inward switching motion 5 = switch bar, for 2 terminal blocks, useable on both sides of the disconnect point, outward switching motion 7 = switch bar, for 3-phasige short circuiting of linked current transformer sets, only on the right 8 = switching lock, prevents disconnect slide from being actuated 9 = separating plate, for electrical separation of neighboring bridges in terminal center 10 = partition plate
urtk/ss order no.: 0321019 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=0321019 phoenix contact deutschland gmbh page 6 / 8 http://www.phoenixcontact.de mar 17, 2010 schematic diagram simple current transformer test circuit a = normal operation b = measured value testing c = transformer short circuit d = relay testing three-phase transducer test set
urtk/ss order no.: 0321019 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=0321019 phoenix contact deutschland gmbh page 7 / 8 http://www.phoenixcontact.de mar 17, 2010 three-phase linked transducer test set
urtk/ss order no.: 0321019 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=0321019 phoenix contact deutschland gmbh page 8 / 8 http://www.phoenixcontact.de mar 17, 2010 address phoenix contact deutschland gmbh flachsmarktstr. 8 32825 blomberg,germany phone +49 5235 3 12000 fax +49 5235 3 41200 http://www.phoenixcontact.de ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 0321019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X