Part Number Hot Search : 
35020 MP7645KN TFS1227B 00N06 DL323 2604A 20N10 C4017
Product Description
Full Text Search
 

To Download UM0016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 UM0016 n-ch 100v fast switching mosfets symbol parameter rating units v ds drain-source voltage 100 v v gs gate-sou r ce voltage 20 v i d @t a =25 continuous drain current, v gs @ 10v 1 3.6 a i d @t a =70 continuous drain current, v gs @ 10v 1 2.9 a i dm pulsed drain current 2 15 a eas single pulse avalanche energy 3 43.3 mj i as avalanche current 27 a p d @t a =25 total power dissipation 4 1.5 w t stg storage temperature range -55 to 150 t j operating junction temperature range -55 to 150 symbol parameter typ. max. unit r ja thermal resistance junction-ambient 1 --- 85 /w r jc thermal resistance junction-case 1 --- 24 /w id 100v 47m ? 3.6a the UM0016 is the highest performance trench n-ch mosfets with extreme high cell density , which provide excellent rdson and gate charge for most of the synchronous buck converter applications . the UM0016 meet the rohs and green product requirement , 100% eas guaranteed with full function reliability approved. z advanced high cell density trench technology z super low gate charge z excellent cdv/dt effect decline z green device available general description features applications z high frequency point-of-load synchronous buck converter z networking dc-dc power system z load switch absolute maximum ratings thermal data sop8 pin configuration product summery bv dss r ds(on)
2 n-ch 100v fast switching mosfets symbol parameter conditions min. typ. max. unit bv dss drain-source breakdown voltage v gs =0v , i d =250ua 100 --- --- v bv dss / t j bvdss temperature coefficient reference to 25 , i d =1ma --- 0.098 --- v/ r ds(on) static drain-source on-resistance 2 v gs =10v , i d =3a --- 38 47 m v gs =4.5v , i d =2a --- 40 50 v gs(th) gate threshold voltage v gs =v ds , i d =250ua 1.0 1.5 2.5 v v gs(th) v gs(th) temperature coefficient --- -5.52 --- mv/ i dss drain-source leakage current v ds =80v , v gs =0v , t j =25 --- --- 10 ua v ds =80v , v gs =0v , t j =55 --- --- 100 i gss gate-source leakage current v gs = 20v , v ds =0v --- --- 100 na gfs forward transconductance v ds =5v , i d =3a --- 6.2 --- s r g gate resistance v ds =0v , v gs =0v , f=1mhz --- 1.6 3.2 q g total gate charge (10v) v ds =80v , v gs =10v , i d =3a --- 60 84 nc q gs gate-source charge --- 9.2 13 q gd gate-drain charge --- 9.9 14 t d(on) turn-on delay time v dd =50v , v gs =10v , r g =3.3 i d =3a --- 10.8 21.6 ns t r rise time --- 27 48.6 t d(off) turn-off delay time --- 56 112 t f fall time --- 24 48 c iss input capacitance v ds =15v , v gs =0v , f=1mhz --- 3848 5387 pf c oss output capacitance --- 137 192 c rss reverse transfer capacitance --- 82 115 symbol parameter conditions min. typ. max. unit eas single pulse avalanche energy 5 v dd =25v , l=0.1mh , i as =15a 13.4 --- --- mj symbol parameter conditions min. typ. max. unit i s continuous source current 1,6 v g =v d =0v , force current --- --- 3.6 a i sm pulsed source current 2,6 --- --- 15 a v sd diode forward voltage 2 v gs =0v , i s =1a , t j =25 --- --- 1.2 v t rr reverse recovery time i f =3a , di/dt=100a/s , t j =25 --- 25 --- ns q rr reverse recovery charge --- 29 --- nc electrical characteristics (t j =25 , unless otherwise noted) diode characteristics note : 1.the data tested by surface mounted on a 1 inch 2 fr-4 board with 2oz copper. 2.the data tested by pulsed , pulse width Q 300us , duty cycle Q 2% 3.the eas data shows max. rating . the test condition is v dd =25v,v gs =10v,l=0.1mh,i as =27a 4.the power dissipation is limited by 150 junction temperature 5.the min. value is 100% eas tested guarantee. 6.the data is theoretically the same as i d and i dm , in real applications , should be limited by total power dissipation. guaranteed avalanche characteristics UM0016
3 n-ch 100v fast switching mosfets 0 3 6 9 12 15 0 0.2 0.4 0.6 0.8 1 v ds , drain-to-source voltage (v) i d drain current (a) v gs =10v v gs =7v v gs =5v v gs =4.5v v gs =3v 34.0 34.5 35.0 35.5 36.0 36.5 37.0 46810 v gs (v) r dson (m ? ) i d =3a 0 2 4 6 8 10 12 0.00 0.25 0.50 0.75 1.00 v sd , source-to-drain voltage (v) i s source current(a) t j =150 t j =25 0.2 0.6 1 1.4 1.8 -50 0 50 100 150 t j ,junction temperature ( ) normalized v gs(th) (v) 0.5 1.0 1.5 2.0 2.5 -50 0 50 100 150 t j , junction temperature ( ) normalized on resistance typical characteristics fig.1 typical output characteristics fig.2 on-resistance vs. gate-source fig.3 forward characteristics of reverse fig.4 gate-charge characteristics fig.5 normalized v gs(th) vs. t j fig.6 normalized r dson vs. t j UM0016
4 n-ch 100v fast switching mosfets 10 100 1000 10000 15913172125 v ds , drain to source voltage (v) capacitance (pf) f=1.0mhz ciss coss crss 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r ja ) 0.01 0.05 0.1 0.2 duty=0.5 single p dm d = t on /t t jpeak = t c +p dm xr jc t on t fig.8 safe operating area fig.9 normalized maximum transient thermal impedance fig.7 capacitance fig.10 switching time waveform fig.11 unclamped inductive switching waveform UM0016 UM0016 UM0016 UM0016 UM0016 UM0016


▲Up To Search▲   

 
Price & Availability of UM0016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X