|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
p/n: ts6121k lf data sheet feature designed to meet ieee 802.3u requirement, including 350uh ocl with 8ma bias. lead free for external pins. operating temperature range: 0 c to +70 c. storage temperature range: -25 c to +125 c. electrical specifications @ 25c turns ratio dcr ( max) insertion loss (db max) part number tx rx ocl (uh min) @ 100khz/0.1v with 8ma bias c w/w (pf max) l.l (uh max) 1-3/11-9 16-14/6-8 0.3-100mhz hi-pot (vrms) ts6121k lf 1ct:1 1ct:1ct 350 28 0.5 0.9 1.1 -1.15 1500 continue return loss (db min) cross talk (db min) dcmr (db min) part number 0.3-30mhz 40mhz 50mhz 60-80mhz 0.3-30mhz 60mhz 80-100mhz 0.3-30mhz 60mhz 100mhz ts6121k lf -18 -15.5 -13.0 -12 -50 -45 -40 -42 -35 -30 schematic mechanical bothhandusa.com
|
Price & Availability of TS6121KLF |