rhombus transformers & magnetic products industries inc. name: sheet: date: rhombus p/n: cust p/n: 15801 chemical lane, huntington beach, ca 92649-1595 phone: (714) 898-0960 fax: (714) 896-0971 www.rhombus-ind.com parameter min. max. units open circuit inductance 50 m hy leakage inductance 0.5 m hy interwinding capacitance (c w/w ) 18 pf primary dc resistance 1.3 ohms secondary dc resistance 1.3 ohms primary et-constant 5.2 v m s rise time 5.6 ns isolation (hi-pot) 500 v rms average power rating 500 mw dissipation rating 150 mw peak pulse voltage 100 volts insulation resistance 10,000 m w test conditions: oscillation voltage = 20mv oscillation frequency = 100.0 khz tested with an h.p. 4192a 07/02/98 1 of 1 physical dimensions all dimensions in inches (mm) multi-purpose pulse transformer flammability: materials used in the production of these units meet requirements of ul94-vo and iec 695-2-2 needle flame test. parts shipped in anti-static tubes. 50 pieces per tube schematic diagram T-50104 turns ratio ( + 5% ) 1:1:1
|