Part Number Hot Search : 
EPA3393 SMB30 A1870 6T612G G2310 95301E3 UF16C60 BU4914F
Product Description
Full Text Search
 

To Download SS22A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SS22A ...... ss215a ?? ? 20 ---150 v 2.0 a siyu r ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. surface mount schottky barrier rectifier reverse voltage 20 to 150 v forward current 2.0 a SS22A 2.0 50 75 20 14 0.50 0.85 130 v v a v a ma /w pf unit v v r(rms) ? ?? ?? -55 --- +125 v rrm i fm ? if = 2.0a v f ?? 8.3ms??? i fsm ? ir r ja tj ? vr = 4.0v f = 1.0mhz cj maximum repetitive peak reverse voltage maximum rms voltage ??? maximum dc blocking voltage maximum average forward rectified current maximum forward voltage peak forward surge current 8.3 ms single half sine-wave maximum reverse current typical thermal resistance type junction capacitance symbols v dc 20 ss24a ss26a ss210a 40 28 40 60 42 60 100 70 100 0.7 dachang electronics ?? low forward voltage drop high current capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any features ???rohs? lead and body according with rohs standard sma .114(2.90) .098(2.50) .062(1.60) .055(1.20) .181(4.60) .157(4.00) .012(0.305) .006(0.152) .208(5.28) .118(4.80) .060(1.52) .030(0.76) unit inch mm .096(2.44) .078(2.00) .008(0.203) .002(0.051) 0.5 10 ta = 25 ta = 100 ss215a 150 105 150 0.92 -55 --- +150 t stg operating junction ? storage temperature range -55 --- +150
siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tl, lead t temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 0.01 0.1 1 10 50 0 0.6 1.2 1.6 1.0 0.2 0.8 1.4 0.4 SS22A ...... ss215a characteristic curves SS22A-ss24a s s 2 6 a s s 2 1 0 a dachang electronics 1 2 4 6 10 20 40 100 40 30 20 10 0 50 0 255075100125150175 2.4 2.0 1.6 1.2 0.8 0.4 0 SS22A--ss24a ss26a--ss215a s s 2 1 5 a


▲Up To Search▲   

 
Price & Availability of SS22A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X