Part Number Hot Search : 
A3860I C331M T04XO LT1457S8 40BR1KLF HE83120 ER502 MP3TG
Product Description
Full Text Search
 

To Download SS22A-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SS22A-LFR thru ss210a-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 2a surface mount schottky barrier rectifiers SS22A-LFR thru ss210a-lfr features z for surface mounted applications z low profile package z built-in strain relief z easy pick and place z plastic material used carries underwriters laboratory classification 94 v-0 z extremely low vf z majority carrier conduction z high temperature soldering: 250c/10 seconds at terminals z rohs mechanical data z case: molded plastic, do- 214ac (sma), dimensions in inches and (millimeters z terminals: solder plated z polarity indicated by cathode band z weight 0.064 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inducti ve load. for capacitive load, derate current by 20% ratings symbol ss22a-lf r ss23a-lf r ss24a-lf r ss25a-lf r ss26a-lf r ss28a-lf r ss210a-lf r units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 80 100 v maximum rms voltage v rms 14 21 28 35 42 56 70 v maximum dc blocking voltage v dc 20 30 40 50 60 80 100 v maximum average forward rectified current see fig.1 i o 2.0 a maximum overload surge 8.3ms single half sine-wave i fsm 50 a typical thermal resistance (note 2) r jl 17 /w typical thermal resistance (note 2) r ja 75 /w storage temperature range t stg -55 to + 150 operating temperature range t op -55 to + 125 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol ss22a-lf r ss23a-lf r ss24a-lf r ss25a-lf r ss26a-lf r ss28a-lf r ss210a-lf r units maximum forward voltage at 2.0a and 25 (note 1) v f 0.50 0.70 0.85 v maximum reverse current at t a =25 (note 1) i r 1.0 ma maximum reverse current at t a =125 (note 1) i r 20.0 ma note: 1. pulse test : 300 s pulse width , 1% duty cycle 2. p.c.b. mounted 0.55?0.55 ?(1414 mm ) 0.013mm thick copper pad areas .220(5.6) .192(4.9) .190(4.8) .157(4.0) .071(1.8) .035(0.9) .110(2.8) .090(2.3) .080(2.0) .100(2.6) .080(2.0) .065(1.65) .040(1.25) cathode .177(4.5) .071(1.8) .087(2.2) soldering pad
SS22A-LFR thru ss210a-lfr page: 2 ratings and characteristic curve SS22A-LFR thru ss210a-lfr fig. 5 - maximum non-repetitive surge current 50 40 30 20 10 0 peak forward surge current, amperes 1 2 4 10 20 40 100 number of cycles at 60h z 8.3ms single half sine-wave (jedec method) fig. 1 - forward current derating curve 2.0 1.0 0 i o -average rectified current (a) 0 20 40 60 80 100 120 140 160 180 200 single phase half wave 60h z resistive or inductive load lead temperature ( ) p.c.b mounted on 0.30.3?(8.08.0mm) copper pad areas t j =25 pulse width=300us 1% duty cycle fig.2 - typical instantaneous forward characteristics 20 10 1.0 0.1 instantaneous forward current amperes .1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1 instantaneous forward voltage, volts ss22a-lf~ss24a-lf ss25a-lf ~ss26a-lf ss28a-lf ss2 10 a lf fig. 3 - typical reverse characteristics 100 10 1.0 .10 .01 .001 instantaneous reverse current, milliamperes 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage, (%) t a =75 t j =25 t a =125 ss28a-lf ~ss210a-lf ss25a-lf ~ss26a-lf ss22a-lf ~ss24a-lf fig. 4 - typical junction capacitance 400 200 100 80 60 40 20 10 junction capacitance, p f 0.1 0.4 1.0 4 10 40 80100 reverse voltage, volts t j = 25


▲Up To Search▲   

 
Price & Availability of SS22A-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X