Part Number Hot Search : 
XF131 39861 MCJ100A 115H3 0684J AM29L PA505T 15KP51A
Product Description
Full Text Search
 

To Download RN5002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RN5002 2001-10-29 1 toshiba transistor silicon npn epitaxial type (pct process) RN5002 motor drive circuit applications power amplifier applications power switching applications  with built-in bias resistors  simplify circuit design  reduce a quantity of parts and manufacturing process  small flat package  p c = 1~2w (mounted on ceramic substrate)  complementary to rn6002 equivalent circuit maximum ratings (ta = 25c) marking characteristic symbol rating unit collector-base voltage v cbo 30 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 5 v collector current i c 2 a base current i b 0.4 a collector power dissipation p c 500 mw collector power dissipation p c * 1000 mw junction temperature t j 150 c storage temperature range t stg ? 55~150 c * : mounterd on ceramic substrate (250mm 2 0.8t) jedec D jeita sc-62 toshiba 2-5k1a weight: 0.05g (typ.) unit: mm
RN5002 2001-10-29 2 electrical characteristics (ta = 25c) characteristic symbol test circuit test condition min typ. max unit collector cut-offcurrent i cbo D  v cb = 30v, i e = 0 D  D 0.1 a emitter cut-off current i ebo D v eb = 5v, i c = 0 0.68 0.89 1.28 ma collector-emitter breakdown voltage v (br)ces D  i c = 10ma 30 D  D v h fe (1) v ce = 2v, i c = 0.5a 100 D 360 dc current gain h fe (2) D v ce = 2v, ic = 2.0a 50 D  D D collector-emitter saturation voltage v ce (sat) D i c = 1a, i b = 0.05a D D 0.5 v base-emitter saturation voltage v be (sat) D  i c = 1a, i b = 0.05a D  D 1.2 v transition frequency f t D v ce = 2v, i c = 0.5a D 120 D mhz collector output capacitance c ob D v cb = 10v, i e = 0, f = 1 mhz D 40 D pf resistor r D  D 3.9 5.6 7.3 k ?
RN5002 2001-10-29 3
RN5002 2001-10-29 4  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of RN5002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X