Part Number Hot Search : 
C68HC LSI20 4053B 512K3 1SMC160A 31005 GP2A231 100E3
Product Description
Full Text Search
 

To Download PR1003-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pr1001/l - pr1005/l 1.0a fast recovery rectifier features ? diffused junction ? fast switching for high efficiency ? high current capability and low forward voltage drop ? surge overload rating to 30a peak ? low reverse leakage current ? lead free finish, rohs compliant (note 4) mechanical data ? case: do-41, a-405 ds26008 rev. 3 - 2 1 of 3 www.diodes.com pr1001/l - pr1005/l ? diodes incorporated ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020d ? terminals: finish - tin. plat ed leads solderable per mil-std-202, method 208 ? polarity: cathode band ? marking: type number ? ordering information: see page 3 ? do-41 weight: 0.35 grams (approximate) ? a-405 weight: 0.2 grams (approximate) do-41 plastic a-405 dim min max min max a 25.40 ? 25.40 ? b 4.06 5.21 4.10 5.20 c 0.71 0.864 0.53 0.64 d 2.00 2.72 2.00 2.70 all dimensions in mm ?l? suffix designates a-405 package no suffix designates do-41 package maximum ratings and electrical characteristics @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol pr 1001/l pr 1002/l pr 1003/l pr 1004/l pr 1005/l unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage (note 5) v rrm v rwm v r 50 100 200 400 600 v rms reverse voltage v r(rms) 35 70 140 280 420 v average rectified output current (note 1) @ t a = 75 c i o 1.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 30 a forward voltage drop @ i f = 1.0a v fm 1.2 v peak reverse current @ t a = 25 c at rated dc blocking voltage (note 5) @ t a = 100 c i rm 5.0 100 a reverse recovery time (note 3) t rr 150 250 ns typical total capacitance (note 2) c t 15 8.0 pf typical thermal resistance junction to ambient r ja 75 c/w operating and storage temperature range t j, t stg -65 to +150 c notes: 1. valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. measured with i f = 0.5a, i r = 1a, i rr = 0.25a. see figure 5. 4. rohs revision 13.2. 2003. high temperature solder exemption applied, see eu directive annex note 7. 5. short duration pulse test used to minimize self-heating effect.
0 0.2 0.4 0.6 0.8 1.0 25 50 75 100 125 150 175 200 i, ave r a g e f o r wa r d r e c t i f ied c u r r en t (a) (av) t , ambient temperature (c) fig. 1 forward derating curve a single phase half-wave 60 hz resistive or inductive load 0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 i, i n s t a n t a n e o u s f o r wa r d c u r r e n t (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f t= 25c j i , peak forward surge current (a) fsm 0 10 20 30 11 0 ds26008 rev. 3 - 2 2 of 3 www.diodes.com pr1001/l - pr1005/l ? diodes incorporated 1 0 number of cycles at 60 hz fig. 3 peak forward surge current 0 1 10 100 11 01 0 0 pulse width 8.3ms single half-sine-wave c , t o t al c a p a c i t a n c e (p f ) t v , dc reverse voltage (v) fig. 4 typical total capacitance r
ds26008 rev. 3 - 2 3 of 3 www.diodes.com pr1001/l - pr1005/l ? diodes incorporated ordering information (note 6) device packaging shipping pr1001-a do-41 5k/ammo pack pr1001-b do-41 1k/bulk pr1001-t do-41 5k/tape & reel, 13-inch pr1002-a do-41 5k/ammo pack pr1002-b do-41 1k/bulk pr1002-t do-41 5k/tape & reel, 13-inch PR1003-A do-41 5k/ammo pack pr1003-b do-41 1k/bulk pr1003-t do-41 5k/tape & reel, 13-inch pr1004-a do-41 5k/ammo pack pr1004-b do-41 1k/bulk pr1004-t do-41 5k/tape & reel, 13-inch pr1005-a do-41 5k/ammo pack pr1005-b do-41 1k/bulk pr1005-t do-41 5k/tape & reel, 13-inch pr1001l-t a-405 5k/tape & reel, 13-inch pr1002l-t a-405 5k/tape & reel, 13-inch pr1003l-t a-405 5k/tape & reel, 13-inch pr1004l-t a-405 5k/tape & reel, 13-inch pr1005l-t a-405 5k/tape & reel, 13-inch notes: 6. for packaging details, visit our we bsite at http://www.diodes .com/datasheets/ap02008.pdf. important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of PR1003-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X