Part Number Hot Search : 
L2012 Q2N2222 30CPF Z00607MA BC3370 MBR120TG DG308B BDV65A
Product Description
Full Text Search
 

To Download MMBD4448HW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30228 rev. 2 - 2 1 of 2 MMBD4448HW www.diodes.com  diodes incorporated MMBD4448HW surface mount switching diode  case: sot-323, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  polarity: see diagram  marking: ka1 (see page 2)  weight: 0.006 grams (approx.) mechanical data a m j l f d b c h k g features characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 80 v rms reverse voltage v r(rms) 57 v forward continuous current (note 1) i fm 500 ma average rectified output current (note 1) i o 250 ma non-repetitive peak forward surge current @ t = 1.0  s @ t = 1.0s i fsm 4.0 2.0 a power dissipation (note 1) p d 200 mw thermal resistance junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j ,t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 80  v i r = 2.5  a forward voltage (note 2) v f 0.62    0.72 0.855 1.0 1.25 v i f = 5.0ma i f = 10ma i f = 100ma i f = 150ma peak reverse current (note 2) i r  100 50 30 25 na  a  a na v r = 70v v r = 75v, t j = 150  c v r = 25v, t j = 150  c v r = 20v total capacitance c t  3.5 pf v r = 6v, f = 1.0mhz reverse recovery time t rr  4.0 ns v r = 6v, i f = 5ma electrical characteristics @ t a = 25  c unless otherwise specified  fast switching speed  surface mount package ideally suited for automatic insertion  for general purpose switching applications  high conductance t c u d o r p w e n sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm top view
ds30228 rev. 2 - 2 2 of 2 MMBD4448HW www.diodes.com 10 100 1000 1 0.1 0 1.6 1.2 0.4 0.8 i,instantane o us f o rward current (ma) f v , instantaneous forward voltage (v) f fig. 1 typical forward characteristics t = 125oc a t = -40oc a t = 75oc a t = 25oc a t = 0oc a t c u d o r p w e n ordering information (note 3) device packaging shipping MMBD4448HW-7 sot-323 3000/tape & reel notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. marking information ka1 ym ka1= product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2001 2002 2003 2004 2005 2006 2007 2008 2009 code mnprst uvw 0.1 1 10 100 1000 10000 0 20 40 60 80 100 v , reverse voltage (v) r fig. 2 typical reverse characteristics i , instantane o us reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 0oc a 0 0.5 1 2.5 2 1.5 3 010 20 40 30 50 c , total capacitance (pf) t v , reverse voltage (v) r fig. 3 typical capacitance vs. reverse voltage f = 1mhz 0 50 100 150 200 250 0100200 p,p o wer dissipati o n (mw) d t , ambient temperature ( c) a fig. 4 power derating curve, total package


▲Up To Search▲   

 
Price & Availability of MMBD4448HW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X