Part Number Hot Search : 
74477003 020A0 29F200 BZX84C75 ICS8530 SD1616A MAX528 161A1
Product Description
Full Text Search
 

To Download MMBD4448HADW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  orientation indicator applies only to parts where shown below this pin omitted for sot-353 marking: ka6 MMBD4448HADW marking: ka4 mmbd4448hcqw marking: ka5 mmbd4448haqw a 1 a 2 c 2 c 1 c 2 c 1 marking: ka7 mmbd4448hcdw a m j l d b c h k f top view ds30153 rev. 9 - 2 1 of 3 mmbd4448hcqw /aqw /adw /cdw /sdw /tw www.diodes.com  diodes incorporated mmbd4448hcqw /aqw /adw/ cdw /sdw /tw surface mount fast switching diode array features characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 80 v rms reverse voltage v r(rms) 57 v forward continuous current (note 1) i fm 500 ma average rectified output current (note 1) i o 250 ma non-repetitive peak forward surge current @ t = 1.0  s @ t = 1.0s i fsm 4.0 2.0 a power dissipation (note 1) p d 200 mw thermal resistant junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j , t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified  case: sot-353 or sot-363, molded plastic  case material - ul flammability rating classification 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  orientation: see diagrams below  marking: see diagrams below & page 3  weight: 0.006 grams (approx.) mechanical data  fast switching speed  ultra-small surface mount package  for general purpose switching applications  high conductance sot-363/sot-353 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j  0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25  0  8  all dimensions in mm marking: kaa mmbd4448htw c 1 a 3 c 2 a 1 c 3 a 2 c 1 c 2 a 2 a 1 a 2 a 1 c 2 c 1 nc a c 3 c 4 a 2 a 1 c a 3 a 4 t c u d o r p w e n ac 1 ac 2 c 2 a 1 a 2 c 1 marking: kab mmbd4448hsdw notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
ds30153 rev. 9 - 2 2 of 3 mmbd4448hcqw /aqw /adw /cdw /sdw /tw www.diodes.com t c u d o r p w e n electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 80  v i r = 100  a forward voltage (note 2) v f 0.62    0.72 0.855 1.0 1.25 v i f = 5.0ma i f = 10ma i f = 100ma i f = 150ma reverse current (note 2) i r  100 50 30 25 na  a  a na v r = 70v v r = 75v, t j = 150  c v r = 25v, t j = 150  c v r = 20v total capacitance c t  3.5 pf v r = 6v, f = 1.0mhz reverse recovery time t rr  4.0 ns v r = 6v, i f = 5ma notes: 2. short duration test pulse used to minimize self-heating effect. 10 100 1000 1 0.1 0 1.6 1.2 0.4 0.8 i , instantane o us f o rward current (ma) f v , instantaneous forward voltage (v) f fig. 1 typical forward characteristics t = 125oc a t = -40oc a t = 75oc a t = 25oc a t = 0oc a 0.1 1 10 100 1000 10000 0 20 40 60 80 100 v , reverse voltage (v) r fig. 2 typical reverse characteristics i , instantane o us reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t=0oc a 0 0.5 1 2.5 2 1.5 3 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance vs. reverse volta g e f=1mhz 0 50 100 150 200 250 0 100 200 p,p o wer dissipati o n (mw) d t , ambient temperature ( c) a fig. 4 power derating curve, total package
ds30153 rev. 9 - 2 3 of 3 mmbd4448hcqw /aqw /adw /cdw /sdw /tw www.diodes.com t c u d o r p w e n device packaging shipping MMBD4448HADW-7 sot-363 3000/tape & reel mmbd4448haqw-7 sot-363 3000/tape & reel mmbd4448hcdw-7 sot-363 3000/tape & reel mmbd4448hcqw-7 sot-353 3000/tape & reel mmbd4448hsdw-7 sot-363 3000/tape & reel mmbd4448htw-7 sot-363 3000/tape & reel (note 3) ordering information notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 04 6 8 2 10 i , forward current (ma) f fig. 5 reverse recovery time vs. forward current t , reverse recovery time (ns) rr 0 0.5 1.0 1.5 2.0 2 .5 marking information ka4 ym ka4 = product type marking code, ka4 = mmbd4448hcqw ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september sot-353 kxx ym kxx = product type marking code, ex. ka5 = mmbd4448haqw kaa = mmbd4448htw ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september sot-363 kxx ym kxx ym kxx = product type marking code, ex. ka6 = MMBD4448HADW ka7 = mmbd4448hcdw kab = mmbd4448hsdw ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september sot-363 month jan feb march apr may jun jul aug sep oct nov dec code 1234 567 89 o nd date code key year 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code lmnpr st u vw


▲Up To Search▲   

 
Price & Availability of MMBD4448HADW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X