Part Number Hot Search : 
EUY2720M LP6201 HCTS86K BX6118 BM53C MOC208 K4H560 C550A
Product Description
Full Text Search
 

To Download MASWSS0067SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macomtech.com for additi onal data sheets and prod uct information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 spst high isolation catv switch 5 - 1000 mhz rev. v1 maswss0067 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. features ? 75 ohm impedance ? positive voltage control (0 / +5 v) ? input terminated (off state) ? low insertion loss: 0.62 db at 870 mhz ? high isolation: 54 db at 870 mhz ? 3 mm fqfp-n 12 lead package ? 0.5 micron gaas phemt process description m/a-com?s maswss0067 is a gaas phemt mmic single pole single throw (spst) switch in a low cost 3 mm fqfp-n 12 lead package. the maswss0067 is ideally suited for applications where low control voltage, low insertion loss, high isolation, small size and low cost are required. typical applications are to replace mechanical relays in catv systems. this part can be used in all 75 ohm systems operating up to 1.0 ghz. the maswss0067 is fabricated using a 0.5 micron gate length gaas phemt process. the process features full passivation for performance and reliability. pin no. pin name description 1 gnd ground 2 rf1 rf in 3 g1 rf ground 4 v1 control 1 5 n/c no connection 6 v2 control 2 7 gnd ground 8 rf2 rf out 9 gnd ground 10 n/c no connection 11 n/c no connection 12 gt1 rf ground functional schematic pin configuration 2 ordering information 1 part number package maswss0067 fqfp-n 12-lead plastic package maswss0067tr 7 inch, 1000 piece reel maswss0067tr-3000 13 inch, 3000 piece reel MASWSS0067SMB sample test board (includes 5 samples) 1. reference application note m513 for reel size information. 2. the exposed pad centered on the package bottom must be connected to both rf and dc ground. gnd rf1 rf2 gt1 g1 v1 v2 gnd gnd n/c n/c n/c gnd rf1 rf2 gt1 g1 v1 v2 gnd gnd n/c n/c n/c
? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macomtech.com for additi onal data sheets and prod uct information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 2 spst high isolation catv switch 5 - 1000 mhz rev. v1 maswss0067 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. electrical specifications: t a = 25c, v c = 0v / 5v, z 0 = 75 3 parameter test conditions units min. typ. max. insertion loss 5 - 50 mhz 50 - 1000 mhz db db ? ? 0.45 0.65 ? 0.9 isolation 5 - 50 mhz 50 - 1000 mhz db db ? 50 70 53 ? ? return loss (on) return loss (off) (rf1 only) 5 ? 50 mhz 50 ? 1000 mhz 5 ? 50 mhz 50 ? 1000 mhz db db db db ? ? ? ? 30 16 30 18 ? ? ? ? ip3 two tone, +10 dbm / tone, 6 mhz spacing, > 50 mhz dbm ? 52 ? trise, tfall 10% to 90% rf, 90% to 10% rf ns ? 20 ? ton, toff 50% control to 90% rf, and 50% control to 10% rf ns ? 40 ? transients in band mv ? 30 ? control current |vc| = 5v a ? 10 25 v1 v2 rf1?rf2 1 0 on 0 1 off truth table 5 3. external dc blocking capacitors are required on all rf ports. parameter absolute maximum max input power (5 - 1000 mhz, 2.5v control) +32 dbm operating voltage +8.5 volts operating temperature -40 o c to +85 o c storage temperature -65 o c to +150 o c absolute maximum ratings 4 4. exceeding any one or combination of these limits may cause permanent damage to this device. qualification qualified to m/a-com specification rel 201, proc- ess flow ?2. handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated ci rcuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. use proper esd control pre- cautions when handling these devices. 5. 0 = 0 v + 0.2 v; 1 = +2.5 v to +5.0 v.
? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macomtech.com for additi onal data sheets and prod uct information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 3 spst high isolation catv switch 5 - 1000 mhz rev. v1 maswss0067 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. insertion loss vs. frequency over temperature typical performance curves s11 (switch on) vs. frequency over temperature 0.0 0.2 0.4 0.6 0.8 1.0 0 250 500 750 1000 1250 +25c -40c +100c frequency (mhz) 40 45 50 55 60 65 70 0 250 500 750 1000 1250 +25c -40c +100c frequency (mhz) -35 -30 -25 -20 -15 -10 -5 0 0 250 500 750 1000 1250 s11 @ +25c s11 @ -40c s11 @ +100c frequency (mhz) -35 -30 -25 -20 -15 -10 -5 0 0 250 500 750 1000 1250 s11 @ +25c s11 @ -40c s11 @ +100c frequency (mhz) s11 (switch off) vs. frequency over temperature isolation vs. frequency over temperature
? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macomtech.com for additi onal data sheets and prod uct information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 4 spst high isolation catv switch 5 - 1000 mhz rev. v1 maswss0067 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. 3 mm pqfn 12 lead application schematic c1 ? c4 = 0.01 uf, dc blocking capacitors c5, c6 = 0.01 uf, logic control decoupling capacitors (all capacitors are panasonic ec j-oef1h1032 or equivalent) g1 v1 v2 gnd gnd gnd rf1 rf2 gt1 g1 v1 v2 gnd gnd gnd n/c n/c n/c c1 c2 c3 c4 c5 c6 g1 v1 v2 gnd gnd gnd rf1 rf2 gt1 g1 v1 v2 gnd gnd gnd n/c n/c n/c c1 c2 c3 c4 c5 c6


▲Up To Search▲   

 
Price & Availability of MASWSS0067SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X