Part Number Hot Search : 
HER152 7S24B61M BAS20 EN25B16 468A106 MR850 IRF14 01089
Product Description
Full Text Search
 

To Download L5586 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features l peak emission wavelength l5276 : 880 nm L5586, l6286: 940 nm l l6286: high output power l subminiature plastic package with lens applications l optical switches l cameras l encoders led infrared led subminiature led l5276 , L5586 , l6286 l5276, L5586 and l6286 are infrared led molded into a subminiature, clear plastic package.  absolute maximum ratings (ta=25 c) parameter symbol condition value unit forward current i f 50 ma reverse voltage v r 5 v pulse forward current i fp pulse width: 100 s duty ratio: 1 % 0.5 a power dissipation po 80 mw operating temperature topr -25 to +85 c storage temperature tstg -30 to +85 c soldering - 260 c, 3 s at least 2.5 mm away from package surface -  electrical and optical characteristics (ta=25 c) l5276 L5586 l6286 parameter symbol condition min. typ. max. min. typ. max. min. typ. max. unit peak emission wavelength p i f =20 ma - 880 - - 940 - - 940 - nm spectral half width ? i f =20 ma - 50 - - 45 - - 45 - nm forward voltage v f i f =20 ma - 1.3 1.6 - 1.25 1.45 - 1.25 1.45 v reverse current i r v r =5 v - - 10 - - 10 - - 10 a radiant flux e i f =20 ma 1.0 2.2 - 0.5 - - 0.8 - - mw terminal capacitance ct v r =0 v, f=1 mhz - 30 - - 20 - - 20 - pf 1
hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184, www.hamamatsu.com u.s.a.: hamamatsu corporation: 360 foothill road, p.o.box 6910, bridgewater, n.j. 08807-0910, u.s.a., telephone: (1) 908-231-0 960, fax: (1) 908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 08152 -3750, fax: (49) 08152-2658 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, teleph one: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, unit ed kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: smidesv?gen 12, se-171 41 solna, sweden, telephone: (46) 8-509-031-00, fax: (46) 8 -509-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1/e, 20020 arese, (milano), italy, telephone: (39) 02-935-81-733, fax: (39) 02-935-81-741 information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?200 6 hamamatsu photonics k.k. infrared led l5276, L5586, l6286 cat. no. kled1015e02 jun. 2006 dn   pulse forward current vs. duty ratio 2   emission spectrum   radiant flux vs. forward current   radiant output vs. ambient temperature   directivity kledb0292ea kledb0108ea kledb0293ea kledb0291ea   forward current vs. forward voltage kledb0109ea   allowable forward current vs. ambient temperature kledb0110ea   dimensional outline (unit: mm) 3.5 5? 10? 3.5 0.6 0.4 2.54 (specified at the lead root) (1.0) (1.15) 1.6 5.0 min. 1.3 1.6 0.72 0.57 0.16 r 0.45 10? 5? shaded area indicates burr. tolerance unless otherwise noted: ?.2, ?? values in parentheses are not guaranteed, but for reference. burr kleda0023ea kledb0111ea wavelength (nm) relative radiant output (%) 800 900 1000 1100 (typ. ta=25 ? c, i f =20 ma) 0 40 20 60 80 100 L5586 l6286 l5276 forward current (ma) radiant flux (mw) 1 0.1 0.01 0.1 10 1 10 100 (typ. ta=25 ? c) l5276 L5586 l6286 forward voltage (v) forward current (ma) (typ. ta=25 ? c) 1.0 1.1 1.2 1.3 1.4 1 100 10 1.5 L5586 l5276 l6286 20 ? 10 ? 0 ? 10 ? 20 ? 90 ? 80 ? 50 ? 40 ? 30 ? 70 ? 60 ? 90 ? 80 ? 50 ? 40 ? 30 ? 70 ? 60 ? 80 % 40 % 60 % L5586 20 % 100 % relative radiant output l6286 l5276 (typ. ta=25 ? c) 0.1 -50 -25 0 25 50 75 100 (typ. normalized at ta=25 ? c) ambient temperature ( ? c) relative radiant output 1 10 L5586, l6286 l5276 100 (typ.) -25 0 255075 0 ambient temperature ( ? c) allowable forward current (ma) 70 60 50 40 30 20 10 l5276 L5586 l6286 pulse forward current (ma) duty ratio (%) (ta=25 ? c, pulse width  100  s) 10000 1000 100 10 10 -1 10 2 10 1 10 0


▲Up To Search▲   

 
Price & Availability of L5586

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X