Part Number Hot Search : 
TRLPB 55N1T TLV33 15020 Z1200 74ACT139 BR1010SG 1N5614GP
Product Description
Full Text Search
 

To Download KBU1001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 682 - KBU1001G thru kbu1007g single phase 10 amps. glass passivated bridge rectifiers voltage range 50 to 1000 volts current 10.0 amperes features ul recognized file # e-96005 glass passivated junction ideal for printed circuit board reliable low cost construction plastic material has underwriters laboratory flammability classification 94v-0 surge overload rating to 200 amperes peak high temperature soldering guaranteed: 260 o c / 10 seconds / .375?, (9.5mm) lead lengths at 5 lbs., (2.3kg) tension weight: 0. 3 ounce, 8.0 grams mounting torque: 5 in. lb. max. kbu dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol kbu 1001g kbu 1002g kbu 1003g kbu 1004g kbu 1005g kbu 1006g kbu 1007g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum avera g e forward rectified current @t a =45 i (av) 10.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 200 a maximum instantaneous forward voltage @ 10.0a v f 1.1 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r 5.0 500 ua ua typical thermal resistance (note) r jc 2.2 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to + 150 note: thermal resistance from junction to case with device mounted on 4? x 6? x 0.25? al-plate heatsink.
- 683 - ratings and characteristic curves (KBU1001G thru kbu1007g) fig.4- typical reverse characteristics per bridge element instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 0.1 1 10 100 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 fig.2- maximum forward current derating curve average for ward current . (a) 50 0 100 150 0 2 4 6 10 8 ambient temperature. ( c) o fig.1- maximum non-repetitive forward surge current per bridge element peak for ward surge current . (a) 10 468 6080 2 12040 100 100 50 0 150 250 200 number of cycles at 60hz fig.3- typical instantaneous forward characteristics per bridge element instantaneous for ward current . (a) .7 .6 .8 1.0 .9 1.1 1.2 1.3 0.1 0.4 4.0 40 0.2 2.0 20 1.0 10 100 instantaneous forward voltage. (v) tj=25 c pulse width-300 s 1% duty cycle 0


▲Up To Search▲   

 
Price & Availability of KBU1001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X