Part Number Hot Search : 
04N60 LPC2124 16M186 IF1330 BZX2C9V1 2SC2740 44S025 11KFE05
Product Description
Full Text Search
 

To Download IXBN42N170A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2002 ixys all rights reserved advance technical information v ces = 1700 v i c25 =42a v ce(sat) = 6.0 v t fi =50ns 98933 (7/02) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv ces i c = 250 a, v ge = 0 v 1700 v v ge(th) i c = 750 a, v ce = v ge 2.5 5.5 v i ces v ce = 0.8 v ces t j = 25 c50 a v ge = 0 v t j = 125 c 1.5 ma i ges v ce = 0 v, v ge = 20 v 100 na v ce(sat) i c = i c90 , v ge = 15 v 4.5 6.0 v t j = 125 c 5.0 v symbol test conditions maximum ratings v ces t j = 25 c to 150 c 1700 v v cgr t j = 25 c to 150 c; r ge = 1 m ? 1700 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25 c42a i c90 t c = 90 c21a i cm t c = 25 c, 1 ms 120 a ssoa v ge = 15 v, t vj = 125 c, r g = 10 ? i cm =90 a (rbsoa) clamped inductive load v ces = 1350 v t sc v ge = 15 v, v ces = 1200v, t j = 125 c (scsoa) r g = 10 ? non repetitive 10 s p c t c = 25 c 312 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c m d mounting torque 1.5/13 nm/lb.in. terminal connection torque (m4) 1.5/13 nm/lb.in. weight 30 g bimosfet tm monolithic bipolar mos transistor ixbn 42n170a e g e c minibloc, sot-227 b (ixbn) e153432 g = gate c = collector e = emitter either source terminal at minibloc can be used as main or kelvin emitter features z high blocking voltage z fast switching z high current handling capability z mos gate turn-on - drive simplicity z isolation voltage 2500v applications z ac motor speed control z uninterruptible power supplies (ups) z switched-mode and resonant-mode power supplies z substitutes for high voltage mosfets advantages z lower conduction losses than mosfets z high power density z easy to mount with 2 screws z space saving
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 remarks: switching times may increase for v ce (clamp) > 0.8 ? v ces , higher t j or increased r g remarks: switching times may increase for v ce (clamp) > 0.8 ? v ces , higher t j or increased r g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs i c = i c90 ; v ce = 10 v, 15 24 s pulse test, t 300 s, duty cycle 2 % c ies 3700 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 170 pf c res 45 pf q g 155 nc q ge i c = i c90 , v ge = 15 v, v ce = 0.5 v ces 30 nc q gc 55 nc t d(on) 25 ns t ri 35 ns t d(off) 230 ns t fi 50 ns e off 2.8 mj t d(on) 25 ns t ri 38 ns e on 5.0 mj t d(off) 300 ns t fi 120 ns e off 6mj r thjc 0.4 k/w r thck 0.05 k/w reverse diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. v f i f = i c90 , v ge = 0 v, pulse test, 5.0 v t < 300 us, duty cycle d < 2% i rm i f = 25a, v ge = 0 v, -di f /dt = 50 a/us 15 a t rr v r = 100v 330 n s inductive load, t j = 125 c i c = i c90 , v ge = 15 v v ce = 0.8 v ces , r g = r off = 1.0 ? inductive load, t j = 25 c i c = i c90 , v ge = 15 v v ce = 0.8 v ces , r g = r off = 1.0 ? ixbn 42n170a m4 screws (4x) supplied dim. millimeter inches min. max. min. max. a 31.50 31.88 1.240 1.255 b 7.80 8.20 0.307 0.323 c 4.09 4.29 0.161 0.169 d 4.09 4.29 0.161 0.169 e 4.09 4.29 0.161 0.169 f 14.91 15.11 0.587 0.595 g 30.12 30.30 1.186 1.193 h 38.00 38.23 1.496 1.505 j 11.68 12.22 0.460 0.481 k 8.92 9.60 0.351 0.378 l 0.76 0.84 0.030 0.033 m 12.60 12.85 0.496 0.506 n 25.15 25.42 0.990 1.001 o 1.98 2.13 0.078 0.084 p 4.95 5.97 0.195 0.235 q 26.54 26.90 1.045 1.059 r 3.94 4.42 0.155 0.174 s 4.72 4.85 0.186 0.191 t 24.59 25.07 0.968 0.987 u -0.05 0.1 -0.002 0.004 minibloc, sot-227 b


▲Up To Search▲   

 
Price & Availability of IXBN42N170A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X