Part Number Hot Search : 
111GFS MAX2388 MT328230 0000T MC13211 L7812ABV MT328230 T1200
Product Description
Full Text Search
 

To Download HM71-30331LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6-147 model hm71 series 6 model hm71 series high performance low cost surface mount inductors new product features and benefits ? high performance, high current rating ? wide inductance range, from 1 ? to 1,000 ? ? low pro?e, small footprint designed for machine placement ? compatible with vapor phase and infrared re?w soldering electrical / environmental operating temperature range -40? to +85? storage temperature range -40? to +85? insulation system class b, 130? temperature rise at i rms, typical 40? applications ? notebook computers and pdas ? dc/dc converters for handheld equipment ? battery charging circuits ? emi ?ters ? inductor for general purpose speci?ations subject to change without notice. last update: 05/06/2003.
6-148 model hm71 series specifications dc part inductance (1) resistance (4) i sat (2) i rms (3) competitor number h 20% ? max. amps amps rms part number hm71-101r0 1.0 0.05 2.90 2.9 do1608c-102 hm71-101r5 1.5 0.05 2.60 2.8 do1608c-152 hm71-102r2 2.2 0.07 2.30 2.4 do1608c-222 hm71-103r3 3.3 0.08 2.0 2.0 do1608c-232 hm71-104r7 4.7 0.09 1.50 1.5 do1608c-472 hm71-106r8 6.8 0.13 1.20 1.4 do1608c-682 hm71-10100 10 0.16 1.10 1.1 do1608c-103 hm71-10150 15 0.23 0.90 1.2 do1608c-153 hm71-10220 22 0.37 0.70 0.8 do1608c-223 hm71-10330 33 0.51 0.58 0.6 do1608c-333 hm71-10470 47 0.64 0.50 0.5 do1608c-473 hm71-106r8 68 0.86 0.40 0.4 do1608c-683 hm71-10101 100 1.27 0.31 0.3 do1608c-104 hm71-10151 150 2.0 0.27 0.25 do1608c-154 hm71-10221 220 2.65 0.22 0.2 do1608c-224 hm71-10331 330 3.80 0.18 0.16 do1608c-334 hm71-10471 470 5.06 0.16 0.15 do1608c-474 hm71-10681 680 9.20 0.14 0.12 do1608c-684 hm71-10102 1000 13.8 0.10 0.07 do1608c-105 hm71-20100 10 0.11 2.40 2.0 do3308p-103 hm71-20150 15 0.15 2.0 1.5 do3308p-153 hm71-20220 22 0.23 1.60 1.3 do3308p-223 hm71-20330 33 0.30 1.40 1.1 do3308p-333 hm71-20470 47 0.39 1.0 0.8 do3308p-473 hm71-20680 68 0.66 0.90 0.7 do3308p-683 hm71-20101 100 0.84 0.70 0.6 do3308p-104 hm71-20151 150 1.20 0.60 0.5 do3308p-154 hm71-20221 220 1.90 0.50 0.4 do3308p-224 hm71-20331 330 2.70 0.40 0.3 do3308p-334 hm71-20471 470 4.0 0.30 0.2 do3308p-474 hm71-20681 680 5.3 0.20 0.1 do3308p-684 hm71-20102 1000 8.4 0.10 0.05 do3308p-105 hm71-301r0 1.0 0.009 9.0 6.8 do3316p-102 hm71-301r5 1.5 0.010 8.0 6.4 do3316p-152 hm71-302r2 2.2 0.012 7.0 6.1 do3316p-222 hm71-303r3 3.3 0.015 6.40 5.4 do3316p-332 hm71-304r7 4.7 0.018 5.40 4.8 do3316p-472 hm71-306r8 6.8 0.027 4.60 4.4 do3316p-682 hm71-30100 10 0.038 3.80 3.9 do3316p-103 hm71-30150 15 0.046 3.0 3.1 do3316p-153 hm71-30220 22 0.085 2.60 2.7 do3316p-223 notes: (1) inductance measured at 100 khz, 0.1 vrms. (2) i sat is the saturation current at which inductance rolls off approximately 10%. (3) i rms is the approximate current at which ? t = 40?. (4) dc resistance measured at 20?.
6 6-149 model hm71 series specifications dc part inductance (1) resistance (4) i sat (2) i rms (3) competitor number h 20% ? max. amps amps rms part number hm71-30330 33 0.10 2.0 2.1 do3316p-333 hm71-30470 47 0.14 1.60 1.8 do3316p-473 hm71-30680 68 0.20 1.40 1.5 do3316p-683 hm71-30101 100 0.28 1.20 1.3 do3316p-104 hm71-30151 150 0.40 1.0 1.0 do3316p-154 hm71-30221 220 0.61 0.80 0.8 do3316p-224 hm71-30331 330 1.02 0.60 0.6 do3316p-334 hm71-30471 470 1.27 0.50 0.5 do3316p-474 hm71-30681 680 2.02 0.40 0.4 do3316p-684 hm71-30102 1000 3.0 0.30 0.3 do3316p-105 hm71-40100 10 0.040 8.0 3.5 do3340p-103 hm71-40150 15 0.050 7.0 3.0 do3340p-153 hm71-40220 22 0.066 5.50 2.5 do3340p-223 hm71-40330 33 0.080 4.0 2.0 do3340p-333 hm71-40470 47 0.110 3.80 1.6 do3340p-473 hm71-40680 68 0.170 3.0 1.2 do3340p-683 hm71-40101 100 0.220 2.50 1.2 do3340p-104 hm71-40151 150 0.340 2.0 0.9 do3340p-154 hm71-40221 220 0.440 1.60 0.7 do3340p-224 hm71-40331 330 0.70 1.20 0.6 do3340p-334 hm71-40471 470 0.950 1.0 0.3 do3340p-474 hm71-40681 680 1.20 1.0 0.2 do3340p-684 hm71-40102 1000 2.0 0.80 0.1 do3340p-105 hm71-501r0 1.0 0.009 20.0 8.6 do5022p-102 hm71-502r2 2.2 0.014 16.0 7.1 do5022p-222 hm71-503r3 3.3 0.015 14.0 6.2 do5022p-332 hm71-505r6 5.6 0.020 12.0 5.3 do5022p-562 hm71-50100 10 0.031 10.0 4.3 do5022p-103 hm71-50150 15 0.036 8.0 4.0 do5022p-153 hm71-50220 22 0.047 7.0 3.5 do5022p-223 hm71-50330 33 0.066 5.50 3.0 do5022p-333 hm71-50470 47 0.086 4.50 2.6 do5022p-473 hm71-50680 68 0.130 3.50 2.3 do5022p-683 hm71-50101 100 0.190 3.0 1.8 do5022p-104 hm71-50151 150 0.250 2.60 1.5 do5022p-154 hm71-50221 220 0.380 2.40 1.2 do5022p-224 hm71-50331 330 0.560 1.90 1.0 do5022p-334 hm71-50471 470 0.850 1.40 0.82 do5022p-474 hm71-50681 680 1.10 1.20 0.72 do5022p-684 hm71-50102 1000 1.80 1.0 0.56 do5022p-105 notes: (1) inductance measured at 100 khz, 0.1 vrms. (2) i sat is the saturation current at which inductance rolls off approximately 10%. (3) i rms is the approximate current at which ? t = 40?. (4) dc resistance measured at 20?.
6-150 model hm71 series a max. b max. c max. i g h e recommended solder pad layouts d f ir0 a max. b max. c max. i g h e d f bi ir0 .260 6.60 .510 12.95 .510 12.95 .510 12.95 .730 18.54 a 10 20 30 40 50 1 2 2 2 2 case size figure b d c efgh .175 4.45 .370 9.40 .370 9.40 .370 9.40 .600 15.24 .040 1.02 .100 2.54 .100 2.54 .100 2.54 .100 2.54 .170 4.32 .300 7.62 .300 7.62 .300 7.62 .500 12.70 .160 4.06 .290 7.37 .290 7.37 .290 7.37 .490 12.45 .055 1.40 .115 2.92 .115 2.92 .115 2.92 .115 2.92 .050 1.27 .100 2.54 .100 2.54 .100 2.54 .100 2.54 .115 2.92 .118 3.00 .213 5.40 .450 11.43 .280 7.11 i .140 3.56 .110 2.79 .110 2.79 .110 2.79 .110 2.79 outline dimensions (inch/mm) figure 1 figure 2
6 6-151 model hm71 series packaging standard: embossed tape & reel all units oriented with lead #1 to the same side of sprocket hole. reel capacity: case size 10 = 500 units case size 20 = 1,000 units case size 30 = 550 units case size 40 = 250 units case size 50 = 250 units diameter: case size 10 = 7?(177.8mm) all other case sizes = 13?(330.2mm) hm71 30 4r7 model series case size: 10 = figure 1 20 = figure 2 30 = figure 2 40 = figure 2 50 = figure 2 inductance by color code: first two digits are significant. last digit denotes number of trailing zeros. values below 10 h "r" denotes decimal point. ordering information


▲Up To Search▲   

 
Price & Availability of HM71-30331LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X