shantou huashan electronic devices co.,ltd . 10a schottky barreier rectifier ? features ? package n metal of silicon rectifier,majority carrier conducton n guard ring for transient protection n low power loss, high efficiency n high current capability, low vf n high surge capacity n for use in low voltage,high frequency inverters,free whelling, and polarity protection applicat ions ? maximum ratings ? electrical characteristics @ta =25 ?? unless otherwise specifie d single phase,half wave,60hz,resistive or inductive load. for capacitive load,derate current by 20%. characteristic symbol min max unit condition forward voltage drop(n ote 1) v fm 0.7 0.84 0.57 v i f =5a,t c =25 ?? i f =10a,t c =25 ?? i f =5a,t c =125 ?? peak reverse current at rated dc blocking voltage i rm 0.1 15 ma v r = v rrm t c =25 ?? t c =125 ?? typical junction capacitance(note 2) cj 170 pf typical thermal resistance junction to case (note 3) r th - j 3.0 ?? /w notes : 1. 300us pulse width, 2% duty cycle. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. thermal resistance junction to case. . h kp1040ct 1 d pin a1 2 d pin k 3 d pin a2 to - 220 n t stg ?a?a storage temperature ?-?-?-?-?-?-?-?-?-?-?-?-?- - 55~175 ?? n t j ?a?a operating temperature ?-?-?-?-?-?-?-?-?-?-?-?-?- - 55~150 ?? n v rrm ?a?a peak repetitive revers e voltage ?-?-?-?-?-?-?-?-?-?- 40v n v rwm ?a?a working peak reverse voltage ?-?-?-?-?-?-?-?-?-?- 40v n v r ?a?a dc blocking voltage ?-?-?-?-?-?-?-?-?-?-?-?-?-?-?-?- 40v n v r(rms ) ?a?a rms reverse voltage ?-?-?-?-?-?-?-?-?-?-?-?-?- 28v n i f ? av ? ?a?a average recified output current@t c =105 ???-?-?-?-?-?-?-?- double dies 10a (note 1) ?-?-?-?-?-?-?-?- single die 5a n i fsm ?a?a non - repetitive peak forward surge current ? 60h z ??- ?-?-?- ?-?-?- 125a
shantou huashan el ectronic devices co.,ltd . ? performance curves h kp1040ct
|