Part Number Hot Search : 
PC3403C 1N5098 SPN50T10 WH160050 BDX34 MF443 E180CA Z5226B
Product Description
Full Text Search
 

To Download FNP1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bcd20034-g rev. ad, 11-may-10 page 1 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet description the fnp600/850/1000 power factor corrected (pfc) front ends provide (depending on model) either a 12 vdc or a 48 vdc output for telecom, datacom, and other distributed power applications. their small 1u by 2u size allows for configurations of either height in hot-swap redundant systems while their internal fan and cooling design permits wide use with reliable operation. status is provided with front panel leds, logic signals, and via the i 2 c management interface bus. in addition, the i 2 c bus can enable the power supply, control fan speed, and on the 12 vdc models it allows for adjusting the output voltage from 7 to 12 vdc. this powerful feature allows the same power supply to be used in various applications where bus voltages driving isolated dc-dc converters and pol regulators may be different. also, the fnp850-12r is uniquely designed with airflow from the rear of the power supply to the front. this airflow direction supports those critical applications where space limitations and/or higher ambient temperatures near the rear of the rack system, prohibit the discharge of higher temperature airflow from regular front-to-rear cooled power supplies. the fnp600/850/1000's meet international safety requirements and are ce marked to the low voltage directive (lvd). features rohs lead free solder and lead solder exempted products are available high density front-ends 10.5 to 16.1 w/in 3 universal input voltage range (90-264 vac) with pfc 1u or 2u height configurations droop current share with oring fets i 2 c interface status and control standby voltage of 12 vdc @ 0.5 a overtemperature, overload, and overvoltage protection status leds: ac ok, dc ok, overtemperature fnp850-12 model has airflow direction from front-to-rear or from rear-to-front (-12r model) on/off enable switch - shuts off vo1; vaux and fan are operational. applications telecom datacom distributed power systems 600-to-5000-watt front-end power solutions i 2 c management software : all fnp front-ends can be controlled via power-one's gui-driven i 2 c management software and an i 2 c-to-usb interface (p/n hzz02002g). an i 2 c programming manual describes the complete range of parameters that can be programmed to these front-ends. this manual is available by searching on "fnp600" at www.power-one.com . (600, 850, or 1000 watts) fnr - 5 power shelf fnr-5-48g power shelves provide up to 5000 watts in a 19" rack. (see the rack section for power shelf details.)
bcd20034-g rev. ad, 11-may-10 page 2 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet model selection model nominal output voltage (vdc) 1 adjustment range (vdc) maximum output current (amps) line regulation (%) load regulation (%) 2 ripple & noise pk-pk % 3 compatible shelf fnp600-12 12 12 (standby) 7 to 12 n/a 51 0.5 0.17 8 6 8 1 1 fnr-5-12 fnp850-12 12 12 (standby) 7 to 12 n/a 73 0.5 0.17 8 6 8 1 1 fnr-5-12 fnp850-12r 4 12 12 (standby) 7 to 12 n/a 73 0.5 0.17 8 6 8 1 1 fnr-5-12 fnp600-48 48 12 (standby) 44 to 50.5 n/a 12.6 0.5 0.17 8 6 8 1 1 fnr-5-48 FNP1000-48 48 12 (standby) 44 to 50.5 n/a 21 0.5 0.17 8 6 8 1 1 fnr-5-48 1 models with 5v and 3.3v standby voltages are also available. (contact factory.) 2 primary 12v and 48v outputs have built-in droop regulation. 3 maximum peak-to-peak noise expressed as a percentage of output voltage; 20 mhz bandwidth. 4 fnp850-12r model has airflow from rear to front. ordering information options suffixes to add to part number rohs lead solder exemption no rohs suffix character required. rohs compliant for all 6 substances add "g" as the last character of the part number. input specifications parameter conditions/description min. nom. max. units ac input voltage single-phase continuous input range. 90 264 vac input frequency ac input. 47 63 hz hold-up time after last ac line peak at full power. at 115 vac. 20 1 ms input current at full-rated load. at 90 vac. 14 a rms inrush surge current internally limited. vin = 230 vac. 25 o c 34 a pk power factor per en61000-3-2 0.97 w/va 1 FNP1000-48 model has a hold-up time of 16 ms.
bcd20034-g rev. ad, 11-may-10 page 3 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet output specifications parameter conditions/description min. nom. max. units efficiency: fnp600-48 FNP1000-48 fnp600-12 fnp850-12 full rated load at 230 vac input. 88 88 84 84 89.5 89.5 87 87 % minimum load minimum loading required to maintain regulation. 0 a output power FNP1000 fnp850 fnp600 1006 856 600 w overshoot output voltage overshoot at turn-on. 3 % transient response maximum recovery time to within 1% of initial set point due to a 50% load change, 1a/s. 12v or 48v output: standby output: maximum deviation: 12v or 48v output: standby output: 400 2 2 4 s ms % % turn-on delay time required for initial output voltage stabilization after application of ac input.. 1.5 sec output regulation see model selection table. protection parameter conditions/description min. nom. max. units fnp600-12 & fnp850-12 latch-style overvoltage protection. output adjusted to 12v: 14.4 15 15.6 v fnp600-12: fnp850-12: latch-style overvoltage protection. output adjusted to 7v: 8.75 8.44 9.04 8.75 9.33 9.1 v overvoltage protection fnp600-48 & FNP1000-48 latch-style overvoltage protection. output adjusted to 48v: 57 1 60 v fnp600-12 current limit.12v output: 12v standby output: 54 0.55 56 0.75 61 1.0 a fnp850-12 current limit.12v output: 12v standby output: 77 0.55 80 0.75 88 1.0 a fnp600-48 current limit.48v output: 12v standby output: 13 0.75 14 16 1.75 a overcurrent protection (power supply recovers when short is removed.) FNP1000-48 current limit.48v output: 12v standby output: 22 0.75 23 25 1.75 a short-circuit protection power supply recovers when short is removed. overtemperature/ fan failure warning fnp 12v or 48v vo1 supply output will shut down in the event of an overtemperature condition or blocked fan rotor. supply's fan and vaux are active. power supply will recover when ot condition is removed. amber ot led will turn on to indicate fault condition. ot/fan fail is an open-collector signal with 20-ma pull-down. high signal indicates a normal operating condition. output will go low at least 100 ms before ot condition shuts down the power supply. internally pulled up to 5v with a 5.1 k ? resistor. note. 2 1 FNP1000-48 overvoltage protection range is 56 v minimum and 60 v maximum. 2 a pull-up to 3.3v can be achieved by terminating the logic signal with a 10 k ? resistor to logic ground.
bcd20034-g rev. ad, 11-may-10 page 4 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet control and monitoring parameter conditions/description min. nom. max. units dc ok ttl open-collector signal with active 20-ma pull-down. represents percent of output voltage where signal is ok. below this voltage, a signal high condition indicates an output which is out of tolerance. green dc ok led on front panel indicates normal operation. 1 internally pulled up to 5v with a 5.1 k ? resistor. note. 2 90 110 % input power fail warning ttl open-collector signal with active 20-ma pull-down. high indicates an input power fail. power fail warning will turn off green ac ok led. represents the time after warning signal before vout drops to 95% due to loss of input power. 1 internally pulled up to 5v with a 5.1 k ? resistor. note. 2 5 ms power supply present signal resistance of connection to logic ground which allows user to determine if power supply is present. 1 10 ? fnp600-12: main output only. difference in current between two supplies at >10% load value. 5 fnp850-12: 7 fnp600-48: 2 current share FNP1000-48: 2 a remote sense total voltage compensation for cable losses with respect to the main output. 0.5 v output enable open circuit or logic high from ena pin to vo1 rtn shuts off vo1; vaux and fan are operational. logic low (2 ma sink capability) or jumper will turn on vo1 within 500 ms. open circuit voltage on enable pin is 3.3 vdc. externally applied voltage to the enable pin should not exceed 7 vdc. signal is referred to as logic return (lrtn). 1 also available on i 2 c data line. 2 a pull-up to 3.3v can be achieved by terminating the logic signal with a 10 k ? resistor to logic ground. i 2 c bus management interface static includes static information such as: part number and revision level, output rating, serial number, date code, and manufacturing location. status (logic 1 or 0) power supply ok. ac input ok. dc output ok. power supply seated. overtemperature. overcurrent. fan ok. real-time monitoring output voltage (main output) 0.1v lsd. output current (main output) 0.1a lsd. time in service. control signals enable for main output. output voltage to: (0.01v resolution on 12v supplies; 0.05v resolution on all 48v supplies). fan speed level.
bcd20034-g rev. ad, 11-may-10 page 5 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet safety, regulatory, and emi specifications parameter conditions/description min. nom. max. units agency approvals ul60950-1 (ul), csa c22.2 60950-1 (cul), en60950-1 (tuv), iec60950-1 and ce (lvd) electromagnetic interference fcc cfr title 47 part 15 sub-part b, conducted: en55022/cispr 22. radiated: b a class harmonics per iec61000-3-2. a class voltage fluctuation and flicker per iec61000-3-3. pass esd susceptability per en61000-4-2, level 4. criterion b 8 . kv radiated susceptability per en 61000-4-3, level 3. criterion a 10 . v/m eft/burst per en 61000-4-4, level 4. criterion b 4 . kv input transient protection per en 61000-4-5, class 3. criterion b line-to-line: line-to-ground: 1 2 . kv rf conducted disturbances per en 61000-4-6, level 3. criterion a 10 . v voltage interruptions per en 61000-4-11, performance criterion b 30%. per en 61000-4-11, performance criterion c 60%. per en 61000-4-11, performance criterion c 95%. 10 100 5 . ms ms sec voltage sag immunity per semi f47-0999 > 100 vac. no output voltage interruption. . leakage current per en60950-1. at 240 vac: 3.5 ma environmental specifications parameter conditions/description min. nom. max. units altitude operating. non-operating. 10k 40k asl ft asl ft fnp600-12: fnp850-12: fnp600-48: FNP1000-48: internal dc fan for cooling. at 100% load: at 50% load: 0 0 50 70 o c operating temperature fnp850-12r: internal dc fan for cooling. at 100% load: at 94% load: at 50% load: 0 0 0 40 50 70 o c storage temperature -40 85 o c temperature coefficient 0 o c to 70 o c (after 15-minute warm-up). 0.02 %/ o c relative humidity non-condensing 95 %rh shock operating: half-sine, 10 ms, 3-axis. non-operating: half-sine, 10 ms, 3-axis. +20 +40 gpk gpk vibration operating: swept sine 5-2000-5 hz, 5-32 hz, 0.02?da, 32-2000 hz. non-operating: random 10-2000 hz. 1 6.15 gpk grms reliability parameter conditions/description min. nom. max. units mtbf (calculated) milhdbk 217f ground benign. demonstrated. useful life. 100 000 250 000 10 hrs hrs yrs
bcd20034-g rev. ad, 11-may-10 page 6 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet mechanical drawings
bcd20034-g rev. ad, 11-may-10 page 7 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet
bcd20034-g rev. ad, 11-may-10 page 8 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet connector information power supply: input - iec 320 input (male) standard line cord connection output - p/n fci 51732-020lf mating connections: input - iec 320 output (socket) standard line cord (15a) output - p/n: fci 51742-10602000aalf (backplane) p/n: fci 51762-10602000aalf (right angle) input iec connector input location chassis (safety) ground ground line 1 (line) l line 2 (neutral) n
bcd20034-g rev. ad, 11-may-10 page 9 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet output pin assignments signal pin location ground reference note over temperature / fan fail u1 logic ground (lrtn) open collector 20ma,int.pull-up 5.11k to 5v dc ac power fail warning u2 logic ground (lrtn) open collector 20ma,int.pull-up 5.11k to 5v dc power supply present u3 logic ground (lrtn) 10 resistance int. connected to lrtn output voltage fault u4 logic ground (lrtn) open collector 20ma,int.pull-up 5.11k to 5v dc internal ground u5 internal ground (srtn) 2 addr0, i 2 c address bus t1 internal ground (srtn) addr1, i 2 c address bus t2 internal ground (srtn) addr2, i 2 c address bus t3 internal ground (srtn) addr3, i 2 c address bus t4 internal ground (srtn) addr4, i 2 c address bus t5 internal ground (srtn) data, i 2 c data line s1 logic ground (lrtn) clock, i 2 c clock line s2 logic ground (lrtn) auxiliary power +12v s3 aux ground auxiliary power ground s4 aux ground logic ground s5 logic ground (lrtn) output enable 1 r1 logic ground (lrtn) open circuit or ?high? to lrtn shuts off vo1 vsense+ r2 vsense- vsense- r3 vsense- output margin r4 internal ground (srtn) optional; external resistance needed to adjust vo1 lower than it is set originally active current share r5 internal ground (srtn) optional vout+ p1, p2, p3 vsense- vout- p4, p5, p6 vsense- 1 short pin length 2 srtn (internal ground) is internally connected to vout-
bcd20034-g rev. ad, 11-may-10 page 10 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet racks (fnr-5-12g and fnr-5-48g power shelves) each rack (power shelf) is 1u high with backplane and designed for up to five front-end models in parallel or in n+1 operation. each power shelf has: output terminals with two m4-screws on each power tab. two fast-on contacts for system earthing. address coding over five pole dip switch on each unit, 37-pin d-sub connector with i 2 c-lines, monitoring signals and support functions. provides a start-up synchronization circuit and emv filters. fnr-5-12g and fnr-5-48g power shelf front view overall mechanical dimensions (fnr-5-12g and fnr-5-48g power shelves) fnr-5-12 & fnr-5-48 mechanical data (w, h, d) 17.68? (449 mm) x 1.72? (43.6 mm) x 13.05? (331.5 mm)
bcd20034-g rev. ad, 11-may-10 page 11 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet output connector descriptions (fnr-5-12g & fnr-5-48g) location description a 5-bit dip switch for i 2 c addressing of psu 1 b 5-bit dip switch for i 2 c addressing of psu 2 c 37-pin sub-d connector, controlling and auxiliary power (output 2) d 5-bit dip switch for i 2 c addressing of psu 3 e output 1 minus f output 1 plus g 5-bit dip switch for i 2 c addressing of psu 4 h earth connection i 5-bit dip switch for i 2 c addressing of psu 5 mechanical data (fnr-5-12g and fnr-5-48g power shelves) a b c d e f g h i
bcd20034-g rev. ad, 11-may-10 page 12 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet sub-d output connector pinout and signal specification output connector description pin location type low level high level v max i max overtemperature / fan fail psu1 1 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma power supply present psu 1 2 resistor 10 ? connected to logic gnd open pull up 10 v 10 ma power supply present psu 2 3 resistor 10 ? connected to logic gnd open pull up 10 v 10 ma open 4 overtemperature / fan fail psu 3 5 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma ac fail / power down warning psu 3 6 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma power supply present psu 3 7 resistor 10 ? connected to logic gnd open pull up 10 v 10 ma dc fail / output voltage fault psu 3 8 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma overtemperature / fan fail psu 2 9 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma nc 10, 11 output inhibit psu 1-5 12 active low (dc-dc stage off when pin is open or on high potential) referenced to logic gnd <0.8 v >2.0 v 10 v 3.5 ma v sense + 13 open or connected to vo1+ at the load internally (psu) connected to vo1+ over 100 du < 3 vpp 30 ma v sense - 14 open or connected to vo1- at the load internally (psu) connected to vo1- over 100 du < 3 vpp 30 ma nc 15 ac fail/ power-down warning psu 4 16 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma dc fail/ output voltage fault psu 4 17 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma ac fail/ power-down warning psu 5 18 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma dc fail/ output voltage fault psu 5 19 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma ac fail/ power-down warning psu 1 20 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma dc fail/ output voltage fault psu 1 21 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma
bcd20034-g rev. ad, 11-may-10 page 13 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet sub-d output connector pinout and signal specification (continued) output connector description pin location type low level high level v max i max ac fail/ power-down warning psu 2 22 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma dc fail/ output voltage fault psu 2 23 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma data, i2c data line 24 i2c compatible signal referenced to logic gnd 5 v or 3.3 v logic - clock, i2c clock line 25 i2c compatible signal referenced to logic gnd 5 v or 3.3 v logic - auxiliary power +12 v (output 2) 26 vo2+ aux output, insulated from main output - - auxiliary power ground (output 2) 27 vo2- aux output, insulated from main output - - logic gnd 28 auxiliary gnd, need to be external connected vo2-,. wire separately from auxiliary and main output gnd to minimize noise and avoid voltage drops on signal- and i2c return. leave open if not used. - - output margin psu 1 29 open or connected to v sense- v sense- (+8 % vo1) or v sense+ (-8 % vo1) - - 60v - output margin psu 2 30 open or connected to v sense- v sense- (+8 % vo1) or v sense+ (-8 % vo1) - - 60v - output margin psu 3 31 open or connected to v sense- v sense- (+8 % vo1) or v sense+ (-8 % vo1) - - 60v - output margin psu 4 32 open or connected to v sense- v sense- (+8 % vo1) or v sense+ (-8 % vo1) - - 60v - output margin psu 5 33 open or connected to v sense- v sense- (+8 % vo1) or v sense+ (-8 % vo1) - - 60v - overtemperature / fan fail psu 4 34 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma power supply present psu 4 35 resistor 10 ? connected to logic gnd open pull up 10 v 10 ma overtemperature / fan fail psu 5 36 oc-output, protected by 16 v zener diode and a 10 resistor in series, referenced to logic gnd <0.4 v @ 20 ma pull up 15 v 20 ma power supply present psu 5 37 resistor 10 ? connected to logic gnd open pull up 10 v 10 ma
bcd20034-g rev. ad, 11-may-10 page 14 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet accessories: center angular brackets are set in the middle for shelf mounting: center angular bracket sets can be ordered: power-one part no.: hzz01222 note: each center angular bracket set contains 2 brackets and 8 screws.
bcd20034-g rev. ad, 11-may-10 page 15 of 15 www.power-one.com fnp600/850/1000 ac-dc front-ends & fnr-5-12g/fnr-5-48g power shelves data sheet i 2 c to usb interface demonstration kit hzz02002g : an i 2 c to usb interface demonstration kit can be ordered: power-one part no.: hzz02002g nuclear and medical applications - power-one products are not designed, intended for use in, or authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective divisional president of power-one, inc. technical revisions - the appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. specifications are subject to change without notice. i 2 c usb interface


▲Up To Search▲   

 
Price & Availability of FNP1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X