Part Number Hot Search : 
MTEZ320A 02550 SGM8042 03N60C3 CLAMP 000KHB 3PMT58C AD2026
Product Description
Full Text Search
 

To Download DS1818-10TAMPR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 5 041002 features  automatically restarts a microprocessor after power failure  monitors pushbutton for external override  maintains reset for 150 ms after v cc returns to an in-tolerance condition  reduces need for discrete components  precision temperature-compensated voltage reference and voltage sensor  accurate 5%, 10% or 20% power monitoring  low-cost to-92 or space saving surface mount sot-23 packages available  efficient open-drain output with internal 5.5 k  pull-up resistor  operating temperature -40  c to +85  c pin assignment pin description to-92 1 rst active low reset output 2 v cc power supply 3 gnd ground sot-23 1 rst active low reset output 2 v cc power supply 3 gnd ground description the ds1818 econoreset uses a precis ion temperature-compensated refe rence and comparator circuit to monitor the status of the power supply (v cc ). when an out-of-tolerance condition is detected, an internal power-fail signal is generated which forces reset to the active state. when v cc returns to an in-tolerance condition, the reset signal is kept in the active stat e for approximately 150 ms to allow the power supply and processor to stabilize. the ds1818 also monitors a pushbutton on the reset out put. if the reset line is pulled low, a reset is generated upon release and the ds1818 output will be held in reset output low for typically 150 ms. ds1818 3.3v econoreset with pushbutton www.maxim-ic.com 12 3 top view sot-23 package see mech. drawings section on website 1 2 3 1 2 3 bottom view to-92 package see mech. drawings section on website dallas ds1818 econo reset
ds1818 2 of 5 operation - power monitor the ds1818 provides the functions of detecting out-o f-tolerance power supply conditions and warning a processor-based system of impe nding power failures. when v cc is detected as out-of-tolerance, the rst signal is asserted. on power-up, rst is kept active for approximately 150 ms after the power supply has reached the selected tolerance. this allows the power supply and microprocessor to stabilize before rst is released. block diagram (open-drain output) figure 1 application example figure 2 operation - pushbutton reset the ds1818 provides a pushbutton switch for manual rese t control. when the ds1818 is not in a reset cycle, a pushbutton reset can be generated by pulling the rst pin low for at least 1  s. when the pushbutton is held low, the rst is forced active low and will rema in active low for about 150 ms after the pushbutton is released. see figure 2 for an application example and figure 3 for the timing diagram. timing diagram: pushbutton reset figure 3
ds1818 3 of 5 timing diagram: power-up figure 4 timing diagram: power-down figure 5
ds1818 4 of 5 absolute maximum ratings* voltage on v cc pin relative to ground -0.5v to +7.0v voltage on rst relative to ground -0.5v to +5v cc +0.5v operating temperature -40c to +85c storage temperature -55c to +125c soldering temperature 260c for 10 seconds * this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. recommended dc operating conditions (-40  c to +85  c) parameter symbol min typ max units notes supply voltage v cc 1.0 5.5 v 1 dc electrical characteristics (-40  c to +85  c; v cc =1.2v to 5.5v) parameter symbol min typ max units notes output current @ 0.4 v i ol +10 ma 2, 3 voltage input low v il 0.4 v 1 voltage input high v ih 0.7 *v cc v1 operating current v cc < 5.5v i cc 28 35  a 4 v cc trip point (ds1818-5) v cctp 2.98 3.06 3.15 v 1 v cc trip point (ds1818-10) v cctp 2.80 2.88 2.97 v 1 v cc trip point (ds1818-20) v cctp 2.47 2.55 2.64 v 1 internal pull-up resistor r p 3.50 5.5 7.5 k  7 output capacitance c out 10 pf ac electrical characteristics (-40  c to +85  c; v cc =1.2v to 5.5v) parameter symbol min typ max units notes reset active time t rst 100 150 250 ms 5 v cc detect to rst t rpd 25  s v cc slew rate (v cctp (max) to v cctp (min)) t f 300  s 8 v cc slew rate (v cctp (min) to v cctp (max)) t r 0ns v cc detect to rst t rpu 100 150 250 ms 5, 6 pushbutton detect to rst t pb 1  s pushbutton reset t pbrst 100 150 250 ms 5
ds1818 5 of 5 notes: 1. all voltages are referenced to ground. 2. measured with v cc  2.7v. 3. a 1 k  external pull-up resistor may be required in some applications for proper operation of the microprocessor reset control circuit. 4. measured with rst output open. 5. measured with 2.7v  v cc  3.3v. 6. t r = 5  s. 7. v oh and i oh are a function of the value of r p and the associated output load conditions. 8. the t f value is for reference in defining values for t rpd and should not be considered a requirement for proper operation or use of the device. part marking codes ?a?, ?b?, &?c? represent the device type. 810 - ds1810 811 - ds1811 812 - ds1812 813 - ds1813 815 - ds1815 816 - ds1816 817 - ds1817 818 - ds1818 ?d? represents the device tolerance. a- 5% b - 10% c - 15% d - 20%
english ? ???? ? ??? ? ??? what's new products solutions design appnotes support buy company members ds1818 part number table notes: see the ds1818 quickview data sheet for further information on this product family or download the ds1818 full data sheet (pdf, 128kb). 1. other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 2. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 3. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming conventions . 4. * some packages have variations, listed on the drawing. "pkgcode/variation" tells which variation the product uses. 5. part number notes free sample buy direct package: type pins size drawing code/var * temp rohs/lead-free? materials analysis ds1818r-10/t&r/c01 sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1818r-20+t&r 3.3v- 20% sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1818r-5+t&r 3.3v- 5% sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1818r-20-u 3.3v- 20% sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3-4 * -40c to +85c rohs/lead-free: no materials analysis
ds1818r-10-u 3.3v- 10% sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1818r-5-u 3.3v- 5% sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1818r-20/t&r 3.3v- 20% sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1818r-10/t&r 3.3v- 10% sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1818r-5/t&r 3.3v- 5% sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1818r-10-u+ sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1818r-20-u+ sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1818r-5-u+ sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1818r-10+t&r 3.3v- 10% sot23;3 pin;50 dwg: 21-0051g (pdf) use pkgcode/variation: u3+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1818-20+t&r 3.3v- 20% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1818-5+t&r 3.3v- 5% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3+4 * -40c to +85c rohs/lead-free: yes materials analysis
ds1818-10+t&r 3.3v- 10% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1818-20/t&r 3.3v- 20% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1818-10/t&r 3.3v- 10% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1818-5/t&r 3.3v- 5% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1818-20 3.3v- 20% monitor to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1818-10 3.3v- 10% monitor to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1818-5 3.3v- 5% monitor to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1818-20+ to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1818-5+ to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1818-10+ to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3+1 * -40c to +85c rohs/lead-free: yes materials analysis didn't find what you need?
contact us: send us an email copyright 2007 by maxim integrated products, dallas semiconductor ? legal notices ? privacy policy


▲Up To Search▲   

 
Price & Availability of DS1818-10TAMPR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X