Part Number Hot Search : 
FLU10XM MBF170 Z0410DE V15G02 2SD21 93C86 LTC1514 TC494
Product Description
Full Text Search
 

To Download DDTA125TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30319 rev. 3 - 2 1 of 3 ddta (r1-only series) e www.diodes.com  diodes incorporated ddta (r1-only series) e pnp pre-biased small signal sot-523 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistor, r1 only  also available in lead free version features maximum ratings @ t a = 25  c unless otherwise specified a m j l d b c h k g top view c e b n mechanical data  case: sot-523, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 3, on page 2  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 2)  weight: 0.002 grams (approx.)  ordering information (see page 2) t c u d o r p w e n b r 1 schematic diagram e c p/n r1 (nom) marking ddta113te ddta123te ddta143te ddta114te ddta124te ddta144te ddta115te DDTA125TE 1k  2.2k  4.7k  10k  22k  47k  100k  200k  p01 p03 p07 p12 p16 p19 p23 p25 characteristic symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c (max) -100 ma power dissipation p d 150 mw thermal resistance, junction to ambient air (note 1) r  ja 833  c/w operating and storage and temperature range t j ,t stg -55 to +150  c sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d  0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
ds30319 rev. 3 - 2 2 of 3 ddta (r1-only series) e www.diodes.com characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50  v i c = -50  a collector-emitter breakdown voltage bv ceo -50  v i c = -1ma emitter-base breakdown voltage bv ebo -5   v i e = -50  a collector cutoff current i cbo  -0.5  a v cb = -50v emitter cutoff current i ebo  -0.5  a v eb = -4v collector-emitter saturation voltage v ce(sat)  -0.3 v i c/ i b = -10ma/-1ma ddta113te i c/ i b = -5ma/-0.5ma ddta123te i c/ i b = -2.5ma/-.25ma ddta143te i c/ i b = -1ma/-.1ma ddta114te i c/ i b = -5ma/-0.5ma ddta124te i c/ i b = -2.5ma/-.25ma ddta144te i c/ i b = -1ma/-0.1ma ddta115te i c/ i b = -.5ma/-.05ma DDTA125TE dc current transfer ratio h fe 100 250 600  i c = -1ma, v ce = -5v gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only device packaging shipping ddta113te-7 sot-523 3000/tape & reel ddta123te-7 sot-523 3000/tape & reel ddta143te-7 sot-523 3000/tape & reel ddta114te-7 sot-523 3000/tape & reel ddta124te-7 sot-523 3000/tape & reel ddta144te-7 sot-523 3000/tape & reel ddta115te-7 sot-523 3000/tape & reel DDTA125TE-7 sot-523 3000/tape & reel notes: 2. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 3. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: DDTA125TE-7-f. (note 2) ordering information month jan feb march apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key xxxym marking information xxx = product type marking code (see page 1, e.g. p01 = ddta113te) ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september
ds30319 rev. 3 - 2 3 of 3 ddta (r1-only series) e www.diodes.com t c u d o r p w e n 1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01234 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 75c 25c 0.001 0 6 12 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 10 5 15 25 10 8 4 2 i=0v e 10 1000 100 1 1 10 100 hfe, dc current gain (normalized) i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 25 c 75 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d typical curves - ddta114te


▲Up To Search▲   

 
Price & Availability of DDTA125TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X