Part Number Hot Search : 
IF389A3M 60214 2N1795 AD6C211 BAT160A RGP15M ID103 150K6
Product Description
Full Text Search
 

To Download CY7C1347G-166AXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cy7c1347g 4-mbit (128 k 36) pipelined sync sram cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 38-05516 rev. *l revised july 24, 2012 4-mbit (128 k 36) pipelined sync sram features fully registered inputs and outputs for pipelined operation 128 k 36 common i/o architecture 3.3 v core power supply (v dd ) 2.5- / 3.3-v i/o power supply (v ddq ) fast clock to output times: 2.6 ns (for 250 mhz device) user selectable burst counter supporting intel ? pentium interleaved or linear burst sequences separate processor and controller address strobes synchronous self timed writes asynchronous output enable offered in pb-free 100-pin tqfp, pb-free 119-ball bga package ?zz? sleep mode option and stop clock option available in commercial temperature range functional description the cy7c1347g is a 3.3 v, 128 k 36 synchronous pipelined sram designed to support zero-wait-state secondary cache with minimal glue logic. cy7c1347g i/o pins can operate at either the 2.5 v or the 3.3 v leve l. the i/o pins are 3.3 v tolerant when v ddq = 2.5 v. all synchronous inputs pass through input registers controlled by the rising edge of the clock. all data outputs pass through output regi sters controlled by the rising edge of the clock. maximum access delay from the clock rise is 2.6 ns (250 mhz device). cy7c1347g supports either the interleaved burst sequence used by the intel pentium processor or a linear burst sequence used by processors such as the powerpc. the burst sequence is selected through the mode pin. accesses can be initiated by asserting either the address strobe from processor (adsp ) or the address strobe from controller (adsc ) at clock rise. addr ess advancement through the burst sequence is controlled by the adv input. a 2-bit on-chip wraparound burst counter captures the first address in a burst sequence and automatically increments the address for the rest of the burst access. byte write operations are qualified with the four byte write select (bw [a:d] ) inputs. a global write enable (gw ) overrides all byte write inputs and writes data to all four bytes. all writes are conducted with on-chip synchronous self timed write circuitry. three synchronous chip selects (ce 1 , ce 2 , ce 3 ) and an asynchronous output enable (oe ) provide for easy bank selection and output tristate co ntrol. to provide proper data during depth expansion, oe is masked during the first clock of a read cycle when emerging from a deselected state. selection guide description 250 mhz 200 mhz 166 mhz 133 mhz unit maximum access time 2.6 2.8 3.5 4.0 ns maximum operating current 325 265 240 225 ma maximum cmos standby current 40 40 40 40 ma
cy7c1347g document number: 38-05516 rev. *l page 2 of 25 address register adv clk burst counter and logic clr q1 q0 adsp adsc mode bwe gw ce 1 ce 2 ce 3 oe enable register output registers sense amps output buffers e pipelined enable input registers a 0, a1, a bw b bw c bw d bw a memory array dqs dqp a dqp b dqp c dqp d sleep control zz a [1:0] 2 dq a , dqp a byte write register dq b , dqp b byte write register dq c , dqp c byte write register dq d , dqp d byte write register dq a , dqp a byte write driver dq b , dqp b byte write driver dq c , dqp c byte write driver dq d ,dqp d byte write driver logic block diagram
cy7c1347g document number: 38-05516 rev. *l page 3 of 25 contents pin configurations ........................................................... 4 pin definitions .................................................................. 6 functional overview ........................................................ 7 single read accesses ................................................ 7 single write accesses initia ted by adsp ................... 7 single write accesses initiate d by adsc ................... 7 burst sequences ......................................................... 8 sleep mode ................................................................. 8 interleaved burst sequence ... ..................................... 8 linear burst sequence ................................................ 8 zz mode electrical characteri stics .............................. 8 truth table ........................................................................ 9 partial truth table for read/write ................................ 10 maximum ratings ........................................................... 11 operating range ............................................................. 11 neutron soft error immunity ......................................... 11 electrical characteristics ............................................... 11 capacitance .................................................................... 12 thermal resistance ........................................................ 12 ac test loads and waveforms ..................................... 13 switching characteristics .............................................. 14 switching waveforms .................................................... 15 ordering information ...................................................... 19 ordering code definitions ..... .................................... 19 package diagrams .......................................................... 20 acronyms ........................................................................ 22 document conventions ................................................. 22 units of measure ....................................................... 22 document history page ................................................. 23 sales, solutions, and legal information ...................... 25 worldwide sales and design s upport ......... .............. 25 products .................................................................... 25 psoc solutions ......................................................... 25
cy7c1347g document number: 38-05516 rev. *l page 4 of 25 pin configurations figure 1. 100-pin tqfp (14 20 1.4 mm) pinout a a a a a 1 a 0 nc/72m nc/36m v ss v dd nc/18m nc/9m a a a a a a a dqp b dq b dq b v ddq v ssq dq b dq b dq b dq b v ssq v ddq dq b dq b v ss nc v dd zz dq a dq a v ddq v ssq dq a dq a dq a dq a v ssq v ddq dq a dq a dqp a dqp c dq c dq c v ddq v ssq dq c dq c dq c dq c v ssq v ddq dq c dq c nc v dd nc v ss dq d dq d v ddq v ssq dq d dq d dq d dq d v ssq v ddq dq d dq d dqp d a a ce 1 ce 2 bw d bw c bw b bw a ce 3 v dd v ss clk gw bwe oe adsc adsp adv a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 mode byte a byte b byte d byte c cy7c1347g
cy7c1347g document number: 38-05516 rev. *l page 5 of 25 figure 2. 119-ball bga (14 22 2.4 mm) pinout pin configurations (continued) 2 34567 1 a b c d e f g h j k l m n p r t u v ddq nc/288 m nc/144 m dqp c dq c dq d dq c dq d aa aa adsp v ddq ce 2 a dq c v ddq dq c v ddq v ddq v ddq dq d dq d nc nc v ddq v dd clk v dd v ss v ss v ss v ss v ss v ss v ss v ss nc/576 m nc/1g nc nc nc nc nc nc nc/36m nc/72m nc v ddq v ddq v ddq aaa a ce 3 a a a a a a a0 a1 dq a dq c dq a dq a dq a dq b dq b dq b dq b dq b dq b dq b dq a dq a dq a dq a dq b v dd dq c dq c dq c v dd dq d dq d dq d dq d adsc nc ce 1 oe adv gw v ss v ss v ss v ss v ss v ss v ss v ss dqp a mode dqp d dqp b bw b bw c nc v dd nc bw a nc bwe bw d zz a
cy7c1347g document number: 38-05516 rev. *l page 6 of 25 pin definitions name i/o description a 0 , a 1 , a input- synchronous address inputs used to select one of the 128 k address locations . sampled at the rising edge of the clk if adsp or adsc is active low, and ce 1 , ce 2 , and ce 3 are sampled active. a [1:0] feeds the 2-bit counter. bw a , bw b , bw c , bw d input- synchronous byte write select inputs, active low . qualified with bwe to conduct byte writes to the sram. sampled on the rising edge of clk. gw input- synchronous global write enable input, active low . when asserted low on the rising edge of clk, a global write is conducted (all bytes are writt en, regardless of the values on bw [a:d] and bwe ). bwe input- synchronous byte write enable input, active low . sampled on the rising edge of clk. this signal must be asserted low to conduct a byte write. clk input-clock clock input . used to capture all synchronous inputs to the device. also used to increment the burst counter when adv is asserted low, during a burst operation. ce 1 input- synchronous chip enable 1 input, active low . sampled on the rising edge of clk. used in conjunction with ce 2 and ce 3 to select or deselect the device. adsp is ignored if ce 1 is high. ce 1 is sampled only when a new external address is loaded. ce 2 input- synchronous chip enable 2 input, active high . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 3 to select or deselect the device. ce 2 is sampled only when a new external address is loaded. ce 3 input- synchronous chip enable 3 input, active low . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 2 to select or deselect the device. ce 3 is sampled only when a new external address is loaded. oe input- asynchronous output enable, asynchronous input, active low . controls the direction of the i/o pins. when low, the i/o pins behave as outputs. when deasserted high , i/o pins are tristated, and act as input data pins. oe is masked during the first clock of a read cycle when emerging from a deselected state. adv input- synchronous advance input signal, sampled on the rising edge of clk . when asserted, it automatically increments the address in a burst cycle. adsp input- synchronous address strobe from processor, sampled on the rising edge of clk . when asserted low, addresses presented to the device are capt ured in the address registers. a [1:0] are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. asdp is ignored when ce 1 is deasserted high. adsc input- synchronous address strobe from controller, sampled on the rising edge of clk . when asserted low, addresses presented to the device are capt ured in the address registers. a [1:0] are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. zz input- asynchronous zz ?sleep? input . this active high input places the device in a non-time-critical ?sleep? condition with data integrity preserved. during norm al operation, this pin must be low or left floating. zz pin has an internal pull-down. dq a , dq b , dq c , dq d , dqp a , dqp b , dqp c , dqp d i/o- synchronous bidirectional data i/o lines . as inputs, they feed into an on-chip data register that is triggered by the rising edge of clk. as outputs, they deliver the data contained in the memory location specified by the addresses presented during the previous clock rise of the read cycle. the di rection of the pins is controlled by oe . when oe is asserted low, the pins behave as outputs. when high, dqs and dqps are placed in a tristate condition. v dd power supply power supply inputs to the core of the device . v ss ground ground for the core of the device . v ddq i/o power supply power supply for the i/o circuitry . v ssq i/o ground ground for the i/o circuitry . mode input- static selects burst order . when tied to gnd selects linear burst sequence. when tied to v ddq or left floating selects interleaved burst sequence. this is a strap pin and must remain static during device operation. mode pin has an internal pull-up.
cy7c1347g document number: 38-05516 rev. *l page 7 of 25 functional overview all synchronous inputs pass through input registers controlled by the rising edge of the clock. all data outputs pass through output registers controlled by the ri sing edge of the clock. maximum access delay from the clock rise (t co ) is 2.6 ns (250 mhz device). the cy7c1347g supports secon dary cache in systems using either a linear or interleaved burst sequence. the linear burst sequence is suited for processors that use a linear burst sequence. the burst order is user selectable, and is determined by sampling the mode input. accesses can be initiated with either the address strobe from processor (adsp ) or the address strobe from controller (adsc ). address advancement through the burst sequence is controlled by the adv input. a two-bit on-chip wraparound burst counter c aptures the first address in a burst sequence and automatically increments the address for the rest of the burst access. byte write operations are qualif ied with the byte write enable (bwe ) and byte write select (bw [a:d] ) inputs. a global write enable (gw ) overrides all byte write inputs and writes data to all four bytes. all writes are simp lified with on-chi p synchronous self timed write circuitry. three synchronous chip selects (ce 1 , ce 2 , ce 3 ) and an asynchronous output enable (oe ) provide for easy bank selection and output tristate control. adsp is ignored if ce 1 is high. single read accesses this access is initiated when the following conditions are satisfied at clock rise: (1) adsp or adsc is asserted low, (2) ce 1 , ce 2 , ce 3 are all asserted active, and (3) the write signals (gw , bwe ) are all deasserted high. adsp is ignored if ce 1 is high. the address presented to the address inputs (a [16:0] ) is stored into the address advancement logic and the address register while being presented to the memory core. the corresponding data is allowed to propagate to the input of the output registers. at the rising edge of the next clock the data is allowed to propagate through the output register and onto the data bus within 2.6 ns (250 mhz device) if oe is active low. the only exception occurs when the sram is emerging from a deselected state to a selected state, its outputs are always tristated during the first cycle of the access. after the first cycle of the access, the outputs are controlled by the oe signal. consecutive single read cycles are supported. after the sram is deselected at clock rise by the chip select and either adsp or adsc signals, its output tristates immediately. single write accesses initiated by adsp this access is initiated when both of the following conditions are satisfied at clock rise: (1) adsp is asserted low, and (2) ce 1 , ce 2 , ce 3 are all asserted active. the address presented to a [16:0] is loaded into the address register and the address advancement logic while being delivered to the ram core. the write signals (gw , bwe , and bw [a:d] ) and adv inputs are ignored during th is first cycle. adsp -triggered write accesses require two clock cycles to complete. if gw is asserted low on th e second clock rise, the data presented to the dqs and dqps inputs is written into the corresponding address location in the ram core. if gw is high, then the write operation is controlled by bwe and bw [a:d] signals. the cy7c1347g provides byte write capability that is described in partial truth table for read/write on page 10 . asserting the byte write enable input (bwe ) with the selected byte write (bw [a:d] ) input selectively writes to only the desired bytes. bytes not selected during a byte write operation remain unaltered. a synchronous self timed write mechanism is provided to simplify the write operations. because the cy7c1347g is a common i/o device, the output enable (oe ) must be deasserted high before presenting data to the dqs and dqps inputs. doing so tristates the output drivers. as a safety precaution , dqs and dqps are automatically tristated whenever a write cycle is detected, regardless of the state of oe . single write accesses initiated by adsc adsc write accesses are initiated when the following conditions are satisfied: (1) adsc is asserted low, (2) adsp is deasserted high, (3) ce 1 , ce 2 , ce 3 are all asserted active, and (4) the appropriate combination of the write inputs (gw , bwe , and bw [a:d] ) are asserted active to conduct a write to the desired byte(s). adsc -triggered write accesses require a single clock cycle to complete. the address presented to a [16:0] is loaded into the address register and the address advancement logic while being delivered to the ram core. the adv input is ignored during this cycle. if a global write is conducted, the data presented to the dqs and dqps is written into the corresponding address location in the ram core. if a byte write is conducted, only the selected bytes are writ ten. bytes not selected during a byte write operation remain unaltered. a synchronous self timed write mechanism has been provided to simplify the write operations. because the cy7c1347g is a common i/o device, the output enable (oe ) must be deasserted high before presenting data nc, nc/9m, nc/18m, nc/36m, nc/72m, nc/144m, nc/288m, nc/576m, nc/1g ? no connects . not internally connected to the die. nc/9m, nc/18m, nc/36m, nc/72m, nc/144m, nc/288m, nc/576m, and nc/1g are address expansion pins that are not internally connected to the die. pin definitions (continued) name i/o description
cy7c1347g document number: 38-05516 rev. *l page 8 of 25 to the dqs and dqps inputs. doing so tristates the output drivers. as a safety precaution, dqs and dqps are automatically tristated whenever a write cycle is detected, regardless of the state of oe . burst sequences the cy7c1347g provides a two- bit wraparound counter, fed by a [1:0] , that implements either an interleaved or linear burst sequence. the interleaved burst sequence is designed specifically to support intel pentium applications. the linear burst sequence is designed to s upport processors that follow a linear burst sequence. the burst sequence is user-selectable through the mode input. asserting adv low at clock rise auto matically increments the burst counter to the next addre ss in the burst sequence. both read and write burst operations are supported. sleep mode the zz input pin is an asynchronous input. asserting zz places the sram in a power conservation ?sleep? mode. two clock cycles are required to enter into or exit from this ?sleep? mode. while in this mode, data integrity is guaranteed. accesses pending when entering the ?sleep? mode are not considered valid nor is the completion of the o peration guaranteed. the device must be deselected before ent ering the ?sleep? mode. ce 1 , ce 2 , ce 3 , adsp , and adsc must remain inactive for the duration of t zzrec after the zz input returns low. interleaved burst sequence first address a [1:0] second address a [1:0] third address a [1:0] fourth address a [1:0] 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 linear burst sequence first address a [1:0] second address a [1:0] third address a [1:0] fourth address a [1:0] 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 zz mode electrical characteristics parameter description test conditions min max unit i ddzz snooze mode standby current zz > v dd ?? 0.2 v ? 40 ma t zzs device operation to zz zz > v dd ? 0.2 v ? 2t cyc ns t zzrec zz recovery time zz < 0.2 v 2t cyc ?ns t zzi zz active to snooze current th is parameter is sampled ? 2t cyc ns t rzzi zz inactive to exit snooze current this parameter is sampled 0 ? ns
cy7c1347g document number: 38-05516 rev. *l page 9 of 25 truth table the truth table for part number cy7c1347g follow. next cycle [1, 2, 3, 4, 5] add. used ce 1 ce 2 ce 3 zz adsp adsc adv write oe clk dq deselect cycle, power-down none h x x l x l x x x l?h tristate deselect cycle, power-down none l l x l l x x x x l?h tristate deselect cycle, power-down none l x h l l x x x x l?h tristate deselect cycle, power-down none l l x l h l x x x l?h tristate deselect cycle, power-down none l x h l h l x x x l?h tristate snooze mode, power-down none x x x h x x x x x x tristate read cycle, begin burst external l h l l l x x x l l?h q read cycle, begin burst external l h l l l x x x h l?h tristate write cycle, begin burst external l h l l h l x l x l?h d read cycle, begin burst external l h l l h l x h l l?h q read cycle, begin burst external l h l l h l x h h l?h tristate read cycle, continue burst next x x x l h h l h h l?h tristate read cycle, continue burst next x x x l h h l h l l?h q read cycle, continue burst next h x x l x h l h l l?h q read cycle, continue burst next h x x l x h l h h l?h tristate write cycle, continue burst next x x x l h h l l x l?h d write cycle, continue burst next h x x l x h l l x l?h d read cycle, suspend burst current x x x l h h h h l l?h q read cycle, suspend burst current x x x l h h h h h l?h tristate read cycle, suspend burst current h x x l x h h h l l?h q read cycle, suspend burst current h x x l x h h h h l?h tristate write cycle, suspend burst current x x x l h h h l x l?h d write cycle, suspend burst current h x x l x h h l x l?h d notes 1. x = ?do not care.? h = logic high, l = logic low. 2. write = l when any one or more byte write enable signals (bw a , bw b , bw c , bw d ) and bwe = l or gw = l. write = h when all byte write enable signals (bw a , bw b , bw c , bw d ), bwe , gw = h. 3. the dq pins are controlled by the current cycle and the oe signal. oe is asynchronous and is not sampled with the clock. 4. the sram always initiates a read cycle when adsp is asserted, regardless of the state of gw , bwe , or bw [a:d] . writes may occur only on subsequent clocks after the adsp or with the assertion of adsc . as a result, oe must be driven high before the start of the write cycle to allow the outputs to tristate. oe is a do not care for the remainder of the write cycle. 5. oe is asynchronous and is not sampled with the clock rise. it is masked internally during write cycles. during a read cycle all d ata bits are tristate when oe is inactive or when the device is deselected, and all data bits behave as output when oe is active (low).
cy7c1347g document number: 38-05516 rev. *l page 10 of 25 partial truth table for read/write the partial truth table for read/write for part number cy7c1347g follow. function [6, 7] gw bwe bw d bw c bw b bw a read h h x x x x read hlhhhh write byte a ? dq a hlhhhl write byte b ? dq b hlhhlh write bytes b, a h l h h l l write byte c ? dq c hlhlhh write bytes c, a h l h l h l write bytes c, b h l h l l h write bytes c, b, a h l h l l l write byte d ? dq d hllhhh write bytes d, a h l l h h l write bytes d, b h l l h l h write bytes d, b, a h l l h l l write bytes d, c h l l l h h write bytes d, c, a h l l l h l write bytes d, c, b h l l l l h write all bytes hlllll write all bytes l x x x x x notes 6. x = ?do not care.? h = logic high, l = logic low. 7. this table is only a partial listing of the byte write combinations. any combination of bw x is valid. appropriate write is bas ed on which byte write is active.
cy7c1347g document number: 38-05516 rev. *l page 11 of 25 maximum ratings exceeding maximum ratings may shorten the useful life of the device. user guidelines are not tested. storage temperature ????????????????????????????????????? 65 ? c to +150 ? c ambient temperature with power applied ????????????????????????????????????????????????? 55 ? c to +125 ? c supply voltage on v dd relative to gnd ??????? ? 0.5 v to +4.6 v supply voltage on v ddq relative to gnd ???????? 0.5 v to +v dd dc voltage applied to outputs in high z state ????????????????????????????????????????? ? 0.5 v to v dd + 0.5 v dc input voltage ????????????????????????????????????? ? 0.5 v to v dd + 0.5 v current into outputs (low) ........................................ 20 ma static discharge voltage (mil-std-883, method 3015) ..... .............. .............. > 2001 v latch-up current .................................................... > 200 ma operating range range ambient temperature v dd v ddq commercial 0 c to +70 c 3.3 v ??? 5% / + 10% 2.5 v ?? 5% to v dd neutron soft error immunity parameter description test conditions typ max* unit lsbu logical single-bit upsets 25 c 361 394 fit/ mb lmbu logical multi-bit upsets 25 c 0 0.01 fit/ mb sel single event latch-up 85 c 0 0.1 fit/ dev * no lmbu or sel events occurred during testing ; this column represents a statistical ? 2 , 95% confidence limit calculation. for more details refer to application note, accelerated neutron ser testing and calculation of terrestrial failure rates ? an54908. electrical characteristics over the operating range parameter [8, 9] description test conditions min max unit v dd power supply voltage 3.135 3.6 v v ddq i/o supply voltage 2.375 v dd v v oh output high voltage for 3.3 v i/o, i oh = ?4.0 ma 2.4 ? v for 2.5 v i/o, i oh = ?1.0 ma 2.0 ? v v ol output low voltage for 3.3 v i/o, i ol = 8.0 ma ? 0.4 v for 2.5 v i/o, i ol = 1.0 ma ? 0.4 v v ih input high voltage [8] for 3.3 v i/o 2.0 v dd + 0.3 v v for 2.5 v i/o 1.7 v dd + 0.3 v v v il input low voltage [8] for 3.3 v i/o ?0.3 0.8 v for 2.5 v i/o ?0.3 0.7 v i x input leakage current except zz and mode gnd < v i < v ddq ? 55 ? a input current of mode input = v ss ? 30 ? ? a input = v dd ?5 ? a input current of zz input = v ss ? 5? ? a input = v dd ?30 ? a i oz output leakage current gnd ? v i ? v ddq, output disabled ? 55 ? a notes 8. overshoot: v ih(ac) < v dd + 1.5 v (pulse width less than t cyc /2). undershoot: v il(ac) > ?2 v (pulse width less than t cyc /2). 9. t power-up : assumes a linear ramp from 0 v to v dd(min) within 200 ms. during this time v ih < v dd and v ddq < v dd .
cy7c1347g document number: 38-05516 rev. *l page 12 of 25 i dd v dd operating supply current v dd = max., i out = 0 ma, f = f max = 1/t cyc 4 ns cycle, 250 mhz ? 325 ma 5 ns cycle, 200 mhz ? 265 ma 6 ns cycle, 166 mhz ? 240 ma 7.5 ns cycle, 133 mhz ? 225 ma i sb1 automatic ce power-down current ? ttl inputs max. v dd , device deselected, v in > v ih or v in < v il f = f max = 1/t cyc 4 ns cycle, 250 mhz ? 120 ma 5 ns cycle, 200 mhz ? 110 ma 6 ns cycle, 166 mhz ? 100 ma 7.5 ns cycle, 133 mhz ? 90 ma i sb2 automatic ce power-down current ? cmos inputs max. v dd , device deselected, v in < 0.3 v or v in > v ddq ? 0.3 v, f = 0 all speeds ? 40 ma i sb3 automatic ce power-down current ? cmos inputs max. v dd , device deselected, or v in < 0.3 v or v in > v ddq ? 0.3 v f = f max = 1/t cyc 4 ns cycle, 250 mhz ? 105 ma 5 ns cycle, 200 mhz ? 95 ma 6 ns cycle, 166 mhz ? 85 ma 7.5 ns cycle, 133 mhz ? 75 ma i sb4 automatic ce power-down current ? ttl inputs max. v dd , device deselected, v in ? v ih or v in ? v il , f = 0 ?45ma electrical characteristics (continued) over the operating range parameter [8, 9] description test conditions min max unit capacitance parameter [10] description test conditions 100-pin tqfp max 119-ball bga max unit c in input capacitance t a = 25 ? c, f = 1 mhz, v dd = 3.3 v, v ddq = 3.3 v 55pf c clk clock input capacitance 5 5 pf c io i/o capacitance 5 7 pf thermal resistance parameter [10] description test conditions 100-pin tqfp package 119-ball bga package unit ? ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, per eia/jesd51. 30.32 34.1 ? c/w ? jc thermal resistance (junction to case) 6.85 14.0 ? c/w note 10. tested initially and after any design or proces s changes that may affect these parameters.
cy7c1347g document number: 38-05516 rev. *l page 13 of 25 ac test loads and waveforms figure 3. ac test loads and waveforms output r = 317 ? r = 351 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? 3.3 v all input pulses v ddq gnd 90% 10% 90% 10% ? 1 ns ? 1 ns (c) output r = 1667 ? r = 1538 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v t = 1.25 v 2.5 v all input pulses v ddq gnd 90% 10% 90% 10% ? 1 ns ? 1 ns (c) 3.3 v i/o test load 2.5 v i/o test load v t = 1.5 v
cy7c1347g document number: 38-05516 rev. *l page 14 of 25 switching characteristics over the operating range parameter [11, 12] description -250 -200 -166 -133 unit min max min max min max min max t power v dd (typical) to the first access [13] 1?1?1?1?ms clock t cyc clock cycle time 4.0?5.0?6.0?7.5?ns t ch clock high 1.7?2.0?2.5?3.0?ns t cl clock low 1.7?2.0?2.5?3.0?ns output times t co data output valid after clk rise ?2.6?2.8?3.5?4.0ns t doh data output hold after clk rise 1.0 ? 1.0 ? 1.5 ? 1.5 ? ns t clz clock to low z [14, 15, 16] 0?0?0?0?ns t chz clock to high z [14, 15, 16] ?2.6?2.8?3.5?4.0ns t oev oe low to output valid ?2.6?2.8?3.5?4.5ns t oelz oe low to output low z [14, 15, 16] 0?0?0?0?ns t oehz oe high to output high z [14, 15, 16] ?2.6?2.8?3.5?4.0ns setup times t as address setup before clk rise 1.2 ? 1.2 ? 1.5 ? 1.5 ? ns t ads adsc , adsp setup before clk rise 1.2?1.2?1.5?1.5?ns t advs adv setup before clk rise 1.2?1.2?1.5?1.5?ns t wes gw , bwe , bw x setup before clk rise 1.2?1.2?1.5?1.5?ns t ds data input setup before clk rise 1.2 ? 1.2 ? 1.5 ? 1.5 ? ns t ces chip enable setup before clk rise 1.2 ? 1.2 ? 1.5 ? 1.5 ? ns hold times t ah address hold after clk rise 0.3 ? 0.5 ? 0.5 ? 0.5 ? ns t adh adsp , adsc hold after clk rise 0.3?0.5?0.5?0.5?ns t advh adv hold after clk rise 0.3?0.5?0.5?0.5?ns t weh gw , bwe , bw x hold after clk rise 0.3?0.5?0.5?0.5?ns t dh data input hold after clk rise 0.3 ? 0.5 ? 0.5 ? 0.5 ? ns t ceh chip enable hold after clk rise 0.3 ? 0.5 ? 0.5 ? 0.5 ? ns notes 11. timing references level is 1.5 v when v ddq = 3.3 v and is 1.25 v when v ddq = 2.5 v on all datasheets. 12. test conditions shown in (a) of figure 3 on page 13 unless otherwise noted. 13. this part has an internal voltage regulator; t power is the time that the power must be supplied above v dd(min) initially before a read or write operation can be initiated. 14. t chz , t clz , t oelz , and t oehz are specified with ac test conditions shown in part (b) of figure 3 on page 13 . transition is measured 200 mv from steady-state voltage. 15. at any voltage and temperature, t oehz is less than t oelz and t chz is less than t clz to eliminate bus contention between srams when sharing the same data bus. these specifications do not imply a bus c ontention condition, but reflect parameters guaranteed over worst case user conditions . device is designed to achieve high z before low z under the same system conditions. 16. this parameter is sampled and not 100% tested.
cy7c1347g document number: 38-05516 rev. *l page 15 of 25 switching waveforms figure 4. read cycle timing [17] t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a1 t ceh t ces gw, bwe, bw [a:d] d ata out (q) high-z t clz t doh t co adv t oehz t co single read burst read t oev t oelz t chz adv suspends burst. burst wraps around to its initial state t advh t advs t weh t wes t adh t ads q(a2) q(a2 + 1) q(a2 + 2) q(a1) q(a2) q(a2 + 1) q(a2 + 3) a2 a3 deselect cycle burst continued with new base address dont care undefined note 17. in this diagram, when ce is low, ce 1 is low, ce 2 is high, and ce 3 is low. when ce is high, ce 1 is high, ce 2 is low, or ce 3 is high.
cy7c1347g document number: 38-05516 rev. *l page 16 of 25 figure 5. write cycle timing [18, 19] switching waveforms (continued) t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a1 t ceh t ces bwe, bw[a :b] d ata out (q) high-z adv burst read burst write d(a2) d(a2 + 1) d(a2 + 1) d(a1) d(a3) d(a3 + 1) d(a3 + 2) d(a2 + 3) a2 a3 data in (d) extended burst write d(a2 + 2) single write t adh t ads t adh t ads t oehz t advh t advs t weh t wes t dh t ds gw t weh t wes byte write signals are ignored for rst cycle when adsp initiates burst adsc extends burst adv suspends burst dont care undefined notes 18. in this diagram, when ce is low, ce 1 is low, ce 2 is high, and ce 3 is low. when ce is high, ce 1 is high, ce 2 is low, or ce 3 is high. 19. full width write can be initiated by either gw low, or by gw high, bwe low, and bw x low.
cy7c1347g document number: 38-05516 rev. *l page 17 of 25 figure 6. read/write cycle timing [20, 21, 22] switching waveforms (continued) t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a2 t ceh t ces bwe, bw[a:d] d ata out (q) high-z adv single write d(a3) a4 a5 a6 d(a5) d(a6) data in (d) burst read back-to-back reads high-z q(a2) q(a1) q(a4) q(a4+1) q(a4+2) t weh t wes q(a4+3) t oehz t dh t ds t oelz t clz t co back-to-back writes a1 dont care undefined a3 notes 20. in this diagram, when ce is low, ce 1 is low, ce 2 is high, and ce 3 is low. when ce is high, ce 1 is high, ce 2 is low, or ce 3 is high. 21. the data bus (q) remains in high z following a write cycle, unless a new read access is initiated by adsp or adsc . 22. gw is high.
cy7c1347g document number: 38-05516 rev. *l page 18 of 25 figure 7. zz mode timing [23, 24] switching waveforms (continued) t zz i supply clk zz t zzrec a ll inputs (except zz) dont care i ddzz t zzi t rzzi outputs (q) high-z deselect or read only notes 23. device must be deselected when entering zz mode. see truth table on page 9 for all possible signal conditions to deselect the device. 24. dqs are in high z when exiting zz sleep mode.
cy7c1347g document number: 38-05516 rev. *l page 19 of 25 ordering information the table below contains only the parts that are currently availa ble. if you don?t see what you are looking for, please contact your local sales representative. for more inform ation, visit the cypress website at www.cypress.com and refer to the product summary page at http://www.cypre ss.com/products cypress maintains a worldwide network of offices, solution cent ers, manufacturer?s representativ es and distributors. to find th e office closest to you, visit us at http://www.cypress.com/ go/datasheet/offices ordering code definitions speed (mhz) ordering code package diagram package type operating range 133 cy7c1347g-133axc 51-85050 100-pin tqfp (14 20 1.4 mm) pb-free commercial cy7c1347g-133bgxc 51-85115 119-bal l bga (14 22 2.4 mm) pb-free 166 CY7C1347G-166AXC 51-85050 100-pin tqfp (14 20 1.4 mm) pb-free commercial 200 cy7c1347g-200axc 51-85050 100-pin tqfp (14 20 1.4 mm) pb-free commercial 250 cy7c1347g-250axc 51-85050 100-pin tqfp (14 20 1.4 mm) pb-free commercial temperature range: c = commercial x = pb-free; x absent = leaded package type: xx = a or bg a = 100-pin tqfp bg = 119-ball bga speed grade: xxx = 133 mhz or 166 mhz or 200 mhz or 250 mhz process technology: g ? 90 nm part identifier: 1347 = scd, 128 k 36 (4 mb) technology code: c = cmos marketing code: 7 = sram company id: cy = cypress c 1347 g - xxx c xx cy 7 x
cy7c1347g document number: 38-05516 rev. *l page 20 of 25 package diagrams figure 8. 100-pin tqfp (14 20 1.4 mm) a100ra package outline, 51-85050 51-85050 *d
cy7c1347g document number: 38-05516 rev. *l page 21 of 25 figure 9. 119-ball pbga (14 22 2.4 mm) bg119 package outline, 51-85115 package diagrams (continued) 51-85115 *c
cy7c1347g document number: 38-05516 rev. *l page 22 of 25 acronyms document conventions units of measure acronym description bga ball grid array ce chip enable cmos complementary metal oxide semiconductor i/o input/output jedec joint electron device engineering council lmbu logical multi-bit upsets lsbu logical single-bit upsets oe output enable sel single event latch-up sram static random access memory tqfp thin quad flat pack ttl transistor-transistor logic we write enable symbol unit of measure c degree celsius k ? kilohm mhz megahertz a microampere s microsecond ma milliampere mv millivolt mm millimeter ms millisecond ns nanosecond ? ohm % percent pf picofarad ps picosecond vvolt wwatt
cy7c1347g document number: 38-05516 rev. *l page 23 of 25 document history page document title: cy7c1347g, 4-mbit (128 k 36) pipelined sync sram document number: 38-05516 revision ecn orig. of change submission date description of change ** 224364 rkf see ecn new data sheet. *a 276690 vbl see ecn updated ordering information (changed tqfp package to pb-free tqfp package, added comment on the bg and bz pb-free package availability below the table). *b 333625 syt see ecn updated features (removed 225 mhz and 100 mhz frequencies related information). updated selection guide (removed 225 mhz and 100 mhz frequencies related information). updated pin configurations (updated address expansion balls in the pinouts for 100-pin tqfp package as per jedec standards). updated pin definitions . updated electrical characteristics (updated test conditions for v ol and v oh parameters, removed 225 mhz and 100 mhz frequencies related information). updated switching characteristics (removed 225 mhz and 100 mhz frequencies related information). updated thermal resistance (replaced tbds for ? ja and ? jc to their respective values). updated ordering information (by shading and unshading mpns as per availability, changed the package name fo r 100-pin tqfp from a100ra to a101 in package name column, remove d comment on the availability of bg pb-free package). *c 419256 rxu see ecn changed status from preliminary to final. changed address of cypress semicondu ctor corporation from ?3901 north first street? to ?198 champion court?. updated truth table (swapped typo ce 2 and ce 3 in the column heading). updated electrical characteristics (changed ?input load current except zz and mode? to ?input leakage current except zz and mode?, updated note 9 (changed test condition from v ih < v dd to v ih ?? v dd )). updated ordering information (updated part numbers, replaced package name column with package diagram in the ordering information table). updated package diagrams . *d 480124 vkn see ecn updated maximum ratings (added the maximum rating for supply voltage on v ddq relative to gnd). updated ordering information (updated part numbers). *e 1078184 vkn see ecn updated switching waveforms (updated figure 5 ). *f 2633279 nxr / aesa 01/15/09 updated ordering information (updated part numbers). updated in new template. *g 2756998 vkn 08/28/09 included neutron soft error immunity . updated ordering information (by including parts that are available, and modified the disclaimer for the ordering information). updated package diagrams . *h 2998771 njy 08/02/10 updated package diagrams . updated in new template. *i 3208774 njy 03/29/2011 updated ordering information (updated part numbers) and added ordering code definitions . updated package diagrams . *j 3310077 osn 07/12/2011 added units of measure . updated in new template.
cy7c1347g document number: 38-05516 rev. *l page 24 of 25 *k 3587066 njy / prit 05/10/2012 updated features (removed non pb-free 119-ball bga package and 165-ball fbga package related information, removed industrial temperature related information). updated functional description (removed the note ?for best practice recommendations, refer to the cypress application note, sram system guidelines ? an1064. ? and its reference). updated pin configurations (removed 165-ball fbga package related information). updated operating range (removed industrial temperature range). updated capacitance (removed 165-ball fbga package related information). updated thermal resistance (removed 165-ball fbga package related information). updated package diagrams (removed 165-ball fbga package related information). *l 3690005 prit 07/24/2012 no technical updates. completing sunset review. document history page (continued) document title: cy7c1347g, 4-mbit (128 k 36) pipelined sync sram document number: 38-05516 revision ecn orig. of change submission date description of change
document number: 38-05516 rev. *l revised july 24, 2012 page 25 of 25 all products and company names mentioned in this document may be the trademarks of their respective holders. cy7c1347g ? cypress semiconductor corporation, 2004-2012. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement wi th cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and internatio nal treaty provisions. cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the sole purpose of creating custom software and or firmware in su pport of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, translation, compilation, or repre sentation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or implied, with regard to this material, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose. cypress reserves the right to make changes without further notice to t he materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authori ze its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress? prod uct in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. sales, solutions, and legal information worldwide sales and design support cypress maintains a worldwide network of offices, solution center s, manufacturer?s representatives, and distributors. to find t he office closest to you, visit us at cypress locations . products automotive cypress.co m/go/automotive clocks & buffers cypress.com/go/clocks interface cypress. com/go/interface lighting & power control cypress.com/go/powerpsoc cypress.com/go/plc memory cypress.com/go/memory optical & image sensing cypress.com/go/image psoc cypress.com/go/psoc touch sensing cyp ress.com/go/touch usb controllers cypress.com/go/usb wireless/rf cypress.com/go/wireless psoc solutions psoc.cypress.com/solutions psoc 1 | psoc 3 | psoc 5


▲Up To Search▲   

 
Price & Availability of CY7C1347G-166AXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X