Part Number Hot Search : 
D1210 100KR 91000 BDX33B MAX7348 1N5364C UPC617C 8800A
Product Description
Full Text Search
 

To Download CD-1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part no: CD-1206 description: magnetic buzzer phone: 800.275.4899 fax: 503.612.2381 www.cui.com 20050 sw 112th ave. tualatin, or 97062 date: 8/21/2006 unit: mm page no: 1 of 5 specifications rated voltage 5 vo-p operating voltage 4.0 - 8.0 vo-p mean current 40 ma max. applying rated voltage, 2400 hz square wave, ? duty coil resistance 47 7 ? sound output min. 85 (typical 94) dba distance at 10cm (a-weight free air). applying rated voltage of 2400 hz, square wave, ? duty. rated frequency 2,400 hz operating tempurature -30 ~ +70 c storage tempurature -40 ~ +85 c dimensions ?12 x h9 mm see attached drawing weight 1.6 g material pps (black) terminal smd type (au plating) see attached drawing rohs yes frequency response curve
part no: CD-1206 description: magnetic buzzer phone: 800.275.4899 fax: 503.612.2381 www.cui.com 20050 sw 112th ave. tualatin, or 97062 date: 8/21/2006 unit: mm page no: 2 of 5 appearance drawing measurement method tolerance: 0.5
part no: CD-1206 description: magnetic buzzer phone: 800.275.4899 fax: 503.612.2381 www.cui.com 20050 sw 112th ave. tualatin, or 97062 date: 8/21/2006 unit: mm page no: 3 of 5 environment test item test condition high temp. test the part will be subjected to +85c for 96 hours. low temp. test the part will be subjected to -40c for 96 hours thermal shock the part will be subjected to 10 cycles. one cycle will consist of: temp./humidity cycle the part shall be subjected to 10 cycles. one cycle should last 24 hours and will consist of: evaluation standard after the test, the part should meet specifications without any damage to the appearance or performance except spl. after 4 hours at 25c, the spl should be 80 dba or more. mechanical characteristics item test condition solderability lead terminals are immersed in a solder bath of +270 5c for 3 1 seconds. soldering heat resistance lead terminals are immersed in solder bath of +260 5c for 3 1 seconds. terminal mechanical strength lead pads should be soldered onto the pc board and then the force of 9.8 n (1.0 kg) should be applied behind the part for 10 seconds. vibration the buzzer will be measured after applying a vibration amplitude of 1.5 mm with 10 to 55 hz band of vibration frequency to each of the 3 perpendicular directions for 2 hours drop test the part should be dropped from a height of 75 cm onto a 40 mm thick wooden board 3 times in 3 axis (x, y, z) for a total of 9 drops. evaluation standard 95% min. of lead terminals should be covered with fresh solder. no in interference in operation. no damage or cutting off. after the test, the part should meet specifications without any damage to the appearance and the spl should be within 10 dba of the initial measurement.
part no: CD-1206 description: magnetic buzzer phone: 800.275.4899 fax: 503.612.2381 www.cui.com 20050 sw 112th ave. tualatin, or 97062 date: 8/21/2006 unit: mm page no: 4 of 5 reliability tests item test condition operating (life test) 1. continuous life test: the part will be subjected to 72 hours at 55c with 5 v, 2400 hz applied. 2. intermittent life test: a duty cycle of 1 minute on, 1 minute off, a minimum of 10,000 times at room temp. (+25 10c) with 5 v, 2400 hz applied. evaluation standard after the test, the part should meet specifications without any damage to the appearance or performance except spl. after 4 hours at 25c, the spl should be 80 dba or more. test conditions standard test condition a) tempurature: +5 ~ +35c b) humidity: 45 - 85% c) pressure: 860 - 1060 mbar judgement test condition a) tempurature: +252c b) humidity: 60 - 70% c) pressure: 860 - 1060 mbar recommended temperature profile for reflow oven recommended land pattern
part no: CD-1206 description: magnetic buzzer phone: 800.275.4899 fax: 503.612.2381 www.cui.com 20050 sw 112th ave. tualatin, or 97062 date: 8/21/2006 unit: mm page no: 5 of 5 packaging


▲Up To Search▲   

 
Price & Availability of CD-1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X