Part Number Hot Search : 
SMCJ78A CY14B10 2SC547 3005F SRUDH OP4006B1 40620 00020
Product Description
Full Text Search
 

To Download C2260A1-0032-12M8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  C2260A1-0032-12M8 tcxo www.vectron.com modified 2011-08-31 index : 19 printed 2011 -11-29 ? page 1 of 4 vectron international ? product specifications c2260a1-0032 nominal frequency (f0) 12.8 mhz frequency stabilities parameter frequency stability operating temp. range over all (df/f0) -4.6 to 4.6 ppm vs. operating temp. range (df/f@25 c) -0.28 to 0.28 ppm -40 ... 85 c parameter value condition initial tolerance (df/f0) -1 to 1 ppm @25 c vs. supply voltage change (df/f) -0.2 to 0.2 ppm static; 3.3 v 5 % vs. load change (df/f) -0.2 to 0.2 ppm static; load 10 % aging first year < 0.8 ppm vs. aging / 15 years (df/f) < 2.5 ppm @ 40 c holdover 24 h 0.32 ppm incl. temp. stab. and supply voltage total freq. stab.: <+/-4,6ppm for all causes @ 20 y ears aging meet gr1244 rf output parameter value condition signal lvcmos load 15 pf 10 % fan out 3 rise time < 5 ns @ 10 to 90 %vout fall time < 5 ns @ 90 to 10 %vout duty cycle 45 / 55 % @ 1.65 v v low x < 0.33 v v high x > 2.97 v sub harmonics <- 80 dbc spurious <- 80 dbc enable function enable function output pin 1 pin 3 high data open data low high tristate supply voltage parameter value condition supply voltage (vs) 3.3 v 5 % current consumption steady state < 15 ma @ vsnom & 25 c additional parameters parameter typ. max. condition phase noise -85 dbc/hz@10hz -110 dbc/hz@100hz -125 dbc/hz@1000hz -135 dbc/hz@10khz -145 dbc/hz@100khz adev 1000.0 e-12 s 1 sec parameter value condition start-up time < 10 ms additional information 24 hour drift: -0.04ppm processing & packing handling&processing note additional environmental conditions tensile strength of leads din iec 68 t2-21 (ua 1) flexibility of leads din iec 68 t2-21 (ub) sealing test a nicht dicht (not hermetically sealed) solderability din iec 68 t2-20 (ta) 100% rohs compliant solvent resistance en 60068-2-45, test xa
C2260A1-0032-12M8 tcxo www.vectron.com modified 2011-08-31 index : 19 printed 2011 -11-29 ? page 2 of 4 vectron international ? product specifications c2260a1-0032 additional environmental conditions solvent resistance washable device absolute maximum ratings parameter min typ max units condition operable temperature range -40 85 c storage temperature range -55 105 c enclosure type g211a height 2.3 mm all units in mm pin connections pin 1: enable pin 2: gnd (case) pin 3: rf-output pin 4: vs (supply voltage) marking 2a-032 12m800 *vayyww - - * pin-1 marking
C2260A1-0032-12M8 tcxo www.vectron.com modified 2011-08-31 index : 19 printed 2011 -11-29 ? page 3 of 4 vectron international ? product specifications c2260a1-0032 reflow profile profile feature pb-free assembly/sn-pb assembly average ramp-up rate (tl to tp) 3c/second max. preheat -temperature min (tsmin) 150c -temperature min (tsmax) 200c -time (min to max) (ts) 60-180 seconds tsmax to tl - ramp-up rate 3c/second max. time maintainted above - temperature (tl) 217c - time (tl) 60-150 seconds peak temperature (tp) max 260c time within 5c of actual peak temperature (tp) 20-40 seconds ramp-down rate 6c/second max. time 25c to peak temperature 8 minutes max. note: all temperatures refer to topside of the packa ge, measured on the package body surface. additional information this smd oscillator has been designed for pick and p lace reflow soldering.
C2260A1-0032-12M8 tcxo www.vectron.com modified 2011-08-31 index : 19 printed 2011 -11-29 ? page 4 of 4 vectron international ? product specifications c2260a1-0032 standard shipping method tape width w [mm] quantity per meter quantity per reel p [mm] a [mm] b [mm] k [mm] 16 125 750 8 5.4 7.4 2.7 notes: unless otherwise stated all values are valid after warm-up time and refer to typical conditions for su pply voltage, frequency control voltage, load, temperature (25c) . subject to technical modification.


▲Up To Search▲   

 
Price & Availability of C2260A1-0032-12M8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X